Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS5P23Z05CG-08-TR Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # PCS5P23Z05CG-08-TR
Description  Multiple Output Timing-Safe??Peak EMI reduction IC
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5P23Z05CG-08-TR Datasheet(HTML) 1 Page - PulseCore Semiconductor

  PCS5P23Z05CG-08-TR Datasheet HTML 1Page - PulseCore Semiconductor PCS5P23Z05CG-08-TR Datasheet HTML 2Page - PulseCore Semiconductor PCS5P23Z05CG-08-TR Datasheet HTML 3Page - PulseCore Semiconductor PCS5P23Z05CG-08-TR Datasheet HTML 4Page - PulseCore Semiconductor PCS5P23Z05CG-08-TR Datasheet HTML 5Page - PulseCore Semiconductor PCS5P23Z05CG-08-TR Datasheet HTML 6Page - PulseCore Semiconductor PCS5P23Z05CG-08-TR Datasheet HTML 7Page - PulseCore Semiconductor PCS5P23Z05CG-08-TR Datasheet HTML 8Page - PulseCore Semiconductor PCS5P23Z05CG-08-TR Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
PCS5P23Z05C
May 2007
PCS5P23Z09C
rev 0.3
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
Multiple Output Timing-Safe™ Peak EMI reduction IC
General Features
Input frequency range:50MHz to 100MHz
Clock distribution with Timing-Safe™ Peak EMI
Reduction
Zero input - output propagation delay
Multiple low-skew outputs
Output-output skew less than 250pS
Device-device skew less than 700pS
One input drives 9 outputs, grouped as
4 + 4 + 1(PCS5P23Z09C)
One input drives 5 outputs (PCS5P23Z05C)
Less than 200 pS cycle-to-cycle jitter
Available in 16pin 150-mil SOIC, 4.4 mm TSSOP
(PCS5P23Z09C), and in 8pin 150-mil SOIC,
4.4mm TSSOP package (PCS5P23Z05C)
3.3V operation
Commercial temperature range
Advanced 0.35µ CMOS technology
The First True Drop-in Solution
Functional Description
PCS5P23Z05C/09C is a versatile, 3.3V zero-delay buffer
designed to distribute high-speed Timing-Safe™ clocks
with Peak EMI reduction. PCS5P23Z09C accepts one
reference input and drives out nine low-skew clocks. It is
available in a 16-pin package. The PCS5P23Z05C is the
eight-pin version of the PCS5P23Z09C. It accepts one
reference input and drives out five low-skew clocks.
All parts have on-chip PLLs that lock to an input clock on
the REF pin. The PLL feedback is on-chip and is obtained
from the CLKOUT pad.
The PCS5P23Z09C has two banks of four outputs each,
which can be controlled by the Select inputs as shown in
the Select Input Decoding Table. The select input also
allows the input clock to be directly applied to the outputs
for chip and system testing purposes.
Multiple PCS5P23Z05C/09C devices can accept the same
input clock and distribute it. In this case the skew between
the outputs of the two devices is guaranteed to be less than
700pS.
All outputs have less than 200pS of cycle-to-cycle jitter.
The input and output propagation delay is guaranteed to be
less than ±350pS, and the output to output skew is
guaranteed to be less than 250pS.
Refer
Spread Spectrum Control and Input-Output Skew
Table”
for deviations and Input-Output Skew for
PCS5P23Z05C and PCS5P23Z09C devices.
The PCS5P23Z05C/09C is available in two different
package configurations, as shown in the ordering
information table.
Block Diagram
PCS5P23Z09C
PLL
MUX
CLKOUT
CLKA1
CLKA2
CLKA3
CLKA4
CLKB1
CLKB2
CLKB3
CLKB4
Select Input
Decoding
S2
S1
REF
PLL
CLKOUT
CLK1
CLK2
CLK3
CLK4
PCS5P23Z05C
REF


Similar Part No. - PCS5P23Z05CG-08-TR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5P23Z05B PULSECORE-PCS5P23Z05B Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
PCS5P23Z05BF-08-SR PULSECORE-PCS5P23Z05BF-08-SR Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
PCS5P23Z05BF-08-ST PULSECORE-PCS5P23Z05BF-08-ST Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
PCS5P23Z05BF-08-TR PULSECORE-PCS5P23Z05BF-08-TR Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
PCS5P23Z05BF-08-TT PULSECORE-PCS5P23Z05BF-08-TT Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
More results

Similar Description - PCS5P23Z05CG-08-TR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5P23Z05D PULSECORE-PCS5P23Z05D Datasheet
677Kb / 14P
   Multiple Output Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
PCS5P23Z05B PULSECORE-PCS5P23Z05B Datasheet
679Kb / 14P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S00B PULSECORE-ASM3P623S00B Datasheet
550Kb / 15P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3P623S05A ONSEMI-P3P623S05A_14 Datasheet
147Kb / 8P
   Timing-Safe Peak EMI Reduction IC
October, 2014 ??Rev. 0
P3P623S05A ONSEMI-P3P623S05A Datasheet
197Kb / 11P
   Timing-Safe??Peak EMI Reduction IC
July 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S01B PULSECORE-ASM3P623S01B Datasheet
478Kb / 12P
   Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P3PS850BHG-08CR ONSEMI-P3PS850BHG-08CR Datasheet
184Kb / 12P
   Timing-Safe Peak EMI Reduction IC
January, 2012 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P623S00B PULSECORE-ASM3P623S00B_1 Datasheet
640Kb / 18P
   Timing-Safe??Peak EMI reduction IC
ASM3P623S05 PULSECORE-ASM3P623S05 Datasheet
703Kb / 15P
   Timing-Safe??Peak EMI reduction IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com