Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS5I9774G-52-ER Datasheet(PDF) 6 Page - PulseCore Semiconductor

Part # PCS5I9774G-52-ER
Description  2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5I9774G-52-ER Datasheet(HTML) 6 Page - PulseCore Semiconductor

Back Button PCS5I9774G-52-ER Datasheet HTML 2Page - PulseCore Semiconductor PCS5I9774G-52-ER Datasheet HTML 3Page - PulseCore Semiconductor PCS5I9774G-52-ER Datasheet HTML 4Page - PulseCore Semiconductor PCS5I9774G-52-ER Datasheet HTML 5Page - PulseCore Semiconductor PCS5I9774G-52-ER Datasheet HTML 6Page - PulseCore Semiconductor PCS5I9774G-52-ER Datasheet HTML 7Page - PulseCore Semiconductor PCS5I9774G-52-ER Datasheet HTML 8Page - PulseCore Semiconductor PCS5I9774G-52-ER Datasheet HTML 9Page - PulseCore Semiconductor PCS5I9774G-52-ER Datasheet HTML 10Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
September 2006
PCS5I9774
rev 0.4
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
6 of 12
Notice: The information in this document is subject to change without notice.
DC Electrical Specifications (VDD = 2.5V ± 5%, T
A = -40°C to +85°C)
Parameter
Description
Condition
Min
Typ
Max
Unit
VIL
Input Voltage, Low
LVCMOS
0.7
V
VIH
Input Voltage, High
LVCMOS
1.7
VDD+0.3
V
VOL
Output Voltage, Low1
IOL= 15mA
0.6
V
VOH
Output Voltage, High1
IOH= –15mA
1.8
V
IIL
Input Current, Low2
VIL= VSS
-100
µA
IIH
Input Current, High2
VIL= VDD
100
µA
IDDA
PLL Supply Current
AVDD only
5
10
mA
IDDQ
Quiescent Supply Current
All VDD pins except AVDD
8
mA
IDD
Dynamic Supply Current
Outputs loaded @ 100MHz
135
mA
CIN
Input Pin Capacitance
4
pF
ZOUT
Output Impedance
14
18
22
Note: 1. Driving one 50Ωparallel-terminated transmission line to a termination voltage of VTT. Alternatively, each output
drives up to two 50 Ωseries-
terminated transmission lines
2. Inputs have pull-up or pull-down resistors that affect the input current.
DC Electrical Specifications (VDD= 3.3V ± 5%, T
A= -40°C to +85°C)
Parameter
Description
Condition
Min
Typ
Max
Unit
VIL
Input Voltage, Low
LVCMOS
0.8
V
VIH
Input Voltage, High
LVCMOS
2.0
VDD + 0.3
V
IOL= 24 mA
0.55
VOL
Output Voltage, Low
1
IOL= 12 mA
0.30
V
VOH
Output Voltage, High
1
IOH=-24 mA
2.4
V
IIL
Input Current, Low
2
VIL= VSS
-100
µA
IIH
Input Current, High
2
VIL= VDD
100
µA
IDDA
PLL Supply Current
AVDD only
5
10
mA
IDDQ
Quiescent Supply Current
All VDD pins except AVDD
8
mA
IDD
Dynamic Supply Current
Outputs loaded @ 100MHz
225
mA
CIN
Input Pin Capacitance
4
pF
ZOUT
Output Impedance
12
15
18
Note: 1. Driving one 50Ω parallel-terminated transmission line to a termination voltage of VTT. Alternatively, each output drives up to two 50Ω series-terminated
transmission lines
2. Inputs have pull-up or pull-down resistors that affect the input current.


Similar Part No. - PCS5I9774G-52-ER

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9772G-52-ER PULSECORE-PCS5I9772G-52-ER Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9772G-52-ET PULSECORE-PCS5I9772G-52-ET Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9773 PULSECORE-PCS5I9773 Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5I9773G-52-ER PULSECORE-PCS5I9773G-52-ER Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results

Similar Description - PCS5I9774G-52-ER

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9773 PULSECORE-PCS5I9773 Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29772 CYPRESS-CY29772 Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9774A ALSC-ASM5I9774A Datasheet
477Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com