Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS5P9775G-52-ET Datasheet(PDF) 10 Page - PulseCore Semiconductor

Part # PCS5P9775G-52-ET
Description  2.5V or 3.3V, 200MHz, 14 Output Zero Delay Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5P9775G-52-ET Datasheet(HTML) 10 Page - PulseCore Semiconductor

Back Button PCS5P9775G-52-ET Datasheet HTML 4Page - PulseCore Semiconductor PCS5P9775G-52-ET Datasheet HTML 5Page - PulseCore Semiconductor PCS5P9775G-52-ET Datasheet HTML 6Page - PulseCore Semiconductor PCS5P9775G-52-ET Datasheet HTML 7Page - PulseCore Semiconductor PCS5P9775G-52-ET Datasheet HTML 8Page - PulseCore Semiconductor PCS5P9775G-52-ET Datasheet HTML 9Page - PulseCore Semiconductor PCS5P9775G-52-ET Datasheet HTML 10Page - PulseCore Semiconductor PCS5P9775G-52-ET Datasheet HTML 11Page - PulseCore Semiconductor PCS5P9775G-52-ET Datasheet HTML 12Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
September 2006
PCS5I9775
rev 0.4
2.5V or 3.3V, 200MHz, 14 Output Zero Delay Buffer
10 of 12
Notice: The information in this document is subject to change without notice.
Package Information
52-lead TQFP Package
SECTION A-A
Dimensions
Inches
Millimeters
Symbol
Min
Max
Min
Max
A
….
0.0472
1.2
A1
0.0020
0.0059
0.05
0.15
A2
0.0374
0.0413
0.95
1.05
D
0.4646
0.4803
11.8
12.2
D1
0.3898
0.3976
9.9
10.1
E
0.4646
0.4803
11.8
12.2
E1
0.3898
0.3976
9.9
10.1
L
0.0177
0.0295
0.45
0.75
L1
0.03937 REF
1.00 REF
T
0.0035
0.0079
0.09
0.2
T1
0.0038
0.0062
0.097
0.157
b
0.0102
0.0150
0.26
0.38
b1
0.0106
0.0130
0.27
0.33
R0
0.0031
0.0079
0.08
0.2
a
e
0.0256 BASE
0.65 BASE


Similar Part No. - PCS5P9775G-52-ET

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5P9772G-52-ER PULSECORE-PCS5P9772G-52-ER Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5P9772G-52-ET PULSECORE-PCS5P9772G-52-ET Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5P9773G-52-ER PULSECORE-PCS5P9773G-52-ER Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5P9773G-52-ET PULSECORE-PCS5P9773G-52-ET Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5P9774G-52-ER PULSECORE-PCS5P9774G-52-ER Datasheet
479Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results

Similar Description - PCS5P9775G-52-ET

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I9351 PULSECORE-PCS5I9351 Datasheet
512Kb / 13P
   2.5V or 3.3V, 200MHz, 9-Output Zero Delay Buffer
PCS5I9352 PULSECORE-PCS5I9352 Datasheet
498Kb / 12P
   2.5V or 3.3V, 200MHz, 11 Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29774 CYPRESS-CY29774 Datasheet
81Kb / 9P
   2.5V or 3.3V, 125-MHz, 14 Output Zero Delay Buffer
CY29775 CYPRESS-CY29775 Datasheet
296Kb / 11P
   2.5V or 3.3V, 200-MHz, 14 Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9775A ALSC-ASM5I9775A Datasheet
507Kb / 12P
   2.5V or 3.3V, 200-MHz, 14 Output Zero Delay Buffer
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com