Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS5P9774G-52-ER Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # PCS5P9774G-52-ER
Description  2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5P9774G-52-ER Datasheet(HTML) 1 Page - PulseCore Semiconductor

  PCS5P9774G-52-ER Datasheet HTML 1Page - PulseCore Semiconductor PCS5P9774G-52-ER Datasheet HTML 2Page - PulseCore Semiconductor PCS5P9774G-52-ER Datasheet HTML 3Page - PulseCore Semiconductor PCS5P9774G-52-ER Datasheet HTML 4Page - PulseCore Semiconductor PCS5P9774G-52-ER Datasheet HTML 5Page - PulseCore Semiconductor PCS5P9774G-52-ER Datasheet HTML 6Page - PulseCore Semiconductor PCS5P9774G-52-ER Datasheet HTML 7Page - PulseCore Semiconductor PCS5P9774G-52-ER Datasheet HTML 8Page - PulseCore Semiconductor PCS5P9774G-52-ER Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
September 2006
PCS5I9774
rev 0.4
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
Features
Output frequency range: 8.3MHz to 125MHz
Input frequency range: 4.2MHz to 62.5MHz
2.5V or 3.3V operation
Split 2.5V/3.3V outputs
14 Clock outputs: Drive up to 28 clock lines
1 Feedback clock output
2 LVCMOS reference clock inputs
150pS max output-output skew
PLL bypass mode
‘SpreadTrak’
Output enable/disable
Pin compatible with MPC9774 and CY29774
Industrial temperature range: -40°C to +85°C
52Pin 1.0mm TQFP package
RoHS Compliance
Functional Description
The PCS5I9774 is a low-voltage high-performance
125MHz PLL-based zero delay buffer designed for
high-speed clock distribution applications.
The PCS5I9774 features two reference clock inputs and
provides 14 outputs partitioned in 3 banks of 5, 5, and 4
outputs. Bank A and Bank B divide the VCO output by 4 or
8 while Bank C divides by 8 or 12 per SEL(A:C) settings,
see Functional Table. These dividers allow output to input
ratios of 6:1, 4:1, 3:1, 2:1, 3:2, 4:3, 1:1, and 2:3. Each
LVCMOS compatible output can drive 50Ω series or
parallel
terminated
transmission
lines.
For
series
terminated transmission lines, each output can drive one or
two traces giving the device an effective fanout of 1:28.
The PLL is ensured stable given that the VCO is configured
to run between 200MHz to 500MHz. This allows a wide
range of output frequencies from 8.3MHz to 125MHz. For
normal operation, the external feedback input, FB_IN, is
connected to the feedback output, FB_OUT. The internal
VCO is running at multiples of the input reference clock set
by the feedback divider, see Frequency Table.
When PLL_EN is LOW, PLL is bypassed and the reference
clock directly feeds the output dividers. This mode is fully
static and the minimum input clock frequency specification
does not apply.
Block Diagram
CLK
STOP
CLK
STOP
CLK
STOP
÷2/÷4
÷2/÷4
÷4/÷6
÷4/÷6/÷8/÷12
PLL
200-
500MHZ
VCO_SEL
QC3
QC2
QC1
QC0
QB3
QB2
QB1
QB0
QA3
QA2
QA1
QA0
QA4
QB4
FB_OUT
÷2
÷4
PLL_EN
TCLK_SEL
TCLK1
TCLK0
FB_IN
SELA
SELB
SELC
CLK_STP#
FB_SEL(1.0)
MR#/OE


Similar Part No. - PCS5P9774G-52-ER

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5P9772G-52-ER PULSECORE-PCS5P9772G-52-ER Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5P9772G-52-ET PULSECORE-PCS5P9772G-52-ET Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5P9773G-52-ER PULSECORE-PCS5P9773G-52-ER Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5P9773G-52-ET PULSECORE-PCS5P9773G-52-ET Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
PCS5P9775G-52-ER PULSECORE-PCS5P9775G-52-ER Datasheet
509Kb / 12P
   2.5V or 3.3V, 200MHz, 14 Output Zero Delay Buffer
More results

Similar Description - PCS5P9774G-52-ER

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY29773 CYPRESS-CY29773 Datasheet
102Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9773 PULSECORE-PCS5I9773 Datasheet
625Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9772A ALSC-ASM5I9772A Datasheet
583Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
ASM5I9773A ALSC-ASM5I9773A Datasheet
624Kb / 16P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
PulseCore Semiconductor
PCS5I9772 PULSECORE-PCS5I9772 Datasheet
584Kb / 15P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29772 CYPRESS-CY29772 Datasheet
92Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9774A ALSC-ASM5I9774A Datasheet
477Kb / 12P
   2.5V or 3.3V, 200-MHz, 12-Output Zero Delay Buffer
logo
Cypress Semiconductor
CY29658 CYPRESS-CY29658 Datasheet
109Kb / 7P
   2.5V or 3.3V 200-MHz 10-Output Zero Delay Buffer
logo
Alliance Semiconductor ...
ASM5I9352 ALSC-ASM5I9352 Datasheet
475Kb / 12P
   2.5V or 3.3V, 200 MHz, 11 Output Zero Delay Buffer
ASM5I9351 ALSC-ASM5I9351 Datasheet
522Kb / 13P
   2.5V or 3.3V, 200 MHz, 9-Output Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com