Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC2603DW Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TPIC2603DW
Description  6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC2603DW Datasheet(HTML) 5 Page - Texas Instruments

  TPIC2603DW Datasheet HTML 1Page - Texas Instruments TPIC2603DW Datasheet HTML 2Page - Texas Instruments TPIC2603DW Datasheet HTML 3Page - Texas Instruments TPIC2603DW Datasheet HTML 4Page - Texas Instruments TPIC2603DW Datasheet HTML 5Page - Texas Instruments TPIC2603DW Datasheet HTML 6Page - Texas Instruments TPIC2603DW Datasheet HTML 7Page - Texas Instruments TPIC2603DW Datasheet HTML 8Page - Texas Instruments TPIC2603DW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TPIC2603
6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
SLIS056A – FEBRUARY 1995 – REVISED MARCH 1996
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V, TC = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tw
Clock cycle period pulse duration, SCLK
See Figure 1
250
555
ns
twH(SCLK) Pulse duration, SCLK high
See Figure 1
100
248
ns
twL(SCLK)
Pulse duration, SCLK low
See Figure 1
100
248
ns
tpd1
Propagation delay from falling edge of CS to SDO valid
CS = 0.8 V to SDO low
impedance (see Figure 1)
150
300
ns
tpd2
Propagation delay from rising edge of CS to SDO 3-state
CS = 2 V to SDO 3-state
150
200
ns
tpd3
Propagation delay from SCLK to SDO valid
CS < 0.8 V
80
172
ns
tr(SDO)
Rise time of SDO
Cload = 200 pF
30
50
ns
tf(SDO)
Fall time of SDO
Cload = 200 pF
30
50
ns
t(stb)
Short-to-battery/shorted-load/open-load deglitch time
See Figures 5 and 6
25
70
100
µs
td(on)
Turn-on delay time, rising edge of CS to drain
0.4
5
10
td(off)
Turn-off delay time, rising edge of CS to drain
Vbat = 14 V,
0.4
5
15
µs
tr(drain)
Rise time of drain terminal
Vbat 14 V,
Rload = 30 Ω
0.4
5
10
µs
tf(drain)
Fall time of drain terminal
0.4
5
10
f(SCLK)
Serial clock frequency
1.8
4
MHz
tcyc(ref)
Short-to-battery sense cycle time
See Figure 5
1.6
4
6.4
ms
tw(sense)
Short-to-battery sense pulse duration
See Figure 5
25
70
100
µs
tsu1
Setup to/from the fall edge of CS to the rising edge of SCLK
See Figure 1
150
200
ns
tsu(SDI)
Setup time, SDI to SCLK
See Figure 1
25
55
ns
th(SDI)
Hold time, SDI after SCLK
See Figure 1
10
55
ns
thermal resistance
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
R
θJA
Junction-to-ambient thermal resistance
All outputs with equal power
50
°C
R
θJC
Junction-to-case thermal resistance
All outputs with equal power
10
°C


Similar Part No. - TPIC2603DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2603DW TI-TPIC2603DW Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603DWG4 TI-TPIC2603DWG4 Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603DWR TI-TPIC2603DWR Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
TPIC2603DWRG4 TI-TPIC2603DWRG4 Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
More results

Similar Description - TPIC2603DW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC2603DWG4 TI-TPIC2603DWG4 Datasheet
577Kb / 19P
[Old version datasheet]   6-CHANNEL SERIAL INTERFACE LOW-SIDE DRIVER
logo
ELMOS Semiconductor AG
E910.01 ELMOS-E910.01 Datasheet
122Kb / 1P
   Low side driver (8 channel, serial interface)
logo
Texas Instruments
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860 TI1-DRV8860 Datasheet
1Mb / 31P
[Old version datasheet]   8 Channel Serial Interface Low-Side Driver
DRV8860 TI1-DRV8860_16 Datasheet
1Mb / 41P
[Old version datasheet]   8-Channel Serial Interface Low-Side Driver
DRV8804 TI1-DRV8804 Datasheet
581Kb / 15P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
NOVEMBER2011
DRV8804 TI1-DRV8804_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8806 TI1-DRV8806_16 Datasheet
1Mb / 27P
[Old version datasheet]   Quad Serial Interface Low-Side Driver IC
DRV8804 TI-DRV8804_15 Datasheet
956Kb / 21P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
DRV8804PWP TI1-DRV8804PWP Datasheet
765Kb / 18P
[Old version datasheet]   QUAD SERIAL INTERFACE LOW-SIDE DRIVER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com