Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS5I9658 Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # PCS5I9658
Description  3.3V 1:10 LVCMOS PLL Clock Generator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS5I9658 Datasheet(HTML) 3 Page - PulseCore Semiconductor

  PCS5I9658 Datasheet HTML 1Page - PulseCore Semiconductor PCS5I9658 Datasheet HTML 2Page - PulseCore Semiconductor PCS5I9658 Datasheet HTML 3Page - PulseCore Semiconductor PCS5I9658 Datasheet HTML 4Page - PulseCore Semiconductor PCS5I9658 Datasheet HTML 5Page - PulseCore Semiconductor PCS5I9658 Datasheet HTML 6Page - PulseCore Semiconductor PCS5I9658 Datasheet HTML 7Page - PulseCore Semiconductor PCS5I9658 Datasheet HTML 8Page - PulseCore Semiconductor PCS5I9658 Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
November 2006
PCS5I9658
rev 0.3
3.3V 1:10 LVCMOS PLL Clock Generator
3 of 15
Notice: The information in this document is subject to change without notice.
Table 1: Pin Configuration
Pin #
Pin Name
I/O
Type
Function
6
7
PCLK,
PCLK
Input
LVPECL
LVPECL reference clock signal
2
FB_IN
Input
LVCMOS
PLL feedback signal input, connect to QFB
32
VCO_SEL
Input
LVCMOS
Operating frequency range select
3
BYPASS
Input
LVCMOS
PLL and output divider bypass select
4
PLL_EN
Input
LVCMOS
PLL enable/disable
5
MR/OE
Input
LVCMOS
Output enable/disable (high-impedance tristate) and device reset
28,26,24,
22,20,18,
16,14,12,
10
Q0-9
Output
LVCMOS
Clock outputs
30
QFB
Output
LVCMOS
Clock output for PLL feedback, connect to FB_IN
8,9,13,17
21,25,29
GND
Supply
Ground
Negative power supply (GND)
1
VCC_PLL
Supply
VCC
PLL positive power supply (analog power supply). It is recommended
to use an external RC filter for the analog power supply pin VCC_PLL.
Please see applications section for details.
11,15,19,
23,27,31
VCC
Supply
VCC
Positive power supply for I/O and core. All VCC pins must be connected
to the positive power supply for correct operation
Table 2: Function Table
Control
Default
0
1
PLL_EN
1
Test mode with PLL bypassed. The reference
clock (PCLK) is substituted for the internal VCO
output. PCS59658 is fully static and no minimum
frequency limit applies. All PLL related AC
characteristics are not applicable.
Selects the VCO output
1
BYPASS
1
Test mode with PLL and output dividers
bypassed. The reference clock (PCLK) is directly
routed to the outputs. PCS59658 is fully static
and no minimum frequency limit applies. All PLL
related AC characteristics are not applicable.
Selects the output dividers.
VCO_SEL
1
VCO ÷ 1 (High frequency range).
fREF = fQ0-9 =2. fVCO
VCO ÷ 2 (Low frequency range).
fREF =fQ0-9 =4.fVCO
MR/OE
0
Outputs enabled (active)
Outputs disabled (high-impedance state) and
reset of the device. During reset the PLL
feedback loop is open. The VCO is tied to its
lowest frequency. The length of the reset
pulse should be greater than one reference
clock cycle (PCLK).
Note: 1 PLL operation requires BYPASS=1 and PLL_EN=1.


Similar Part No. - PCS5I9658

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
PCS5I9653AG-32-ER PULSECORE-PCS5I9653AG-32-ER Datasheet
644Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
PCS5I9653AG-32-LR PULSECORE-PCS5I9653AG-32-LR Datasheet
644Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
More results

Similar Description - PCS5I9658

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
MPC9658 RENESAS-MPC9658 Datasheet
681Kb / 13P
   3.3V 1:10 LVCMOS PLL Clock Generator
2019
logo
Alliance Semiconductor ...
ASM5I9350 ALSC-ASM5I9350 Datasheet
473Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
Motorola, Inc
MPC9658 MOTOROLA-MPC9658 Datasheet
292Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
Alliance Semiconductor ...
ASM5I9658 ALSC-ASM5I9658 Datasheet
579Kb / 14P
   3.3V 1:10 LVCMOS PLL Clock Generator
logo
PulseCore Semiconductor
PCS5I9350 PULSECORE-PCS5I9350 Datasheet
490Kb / 12P
   3.3V 1:10 LVCMOS PLL Clock Generator
PCS5I9653A PULSECORE-PCS5I9653A Datasheet
644Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
logo
Motorola, Inc
MPC9772 MOTOROLA-MPC9772 Datasheet
238Kb / 16P
   3.3V 1:12 LVCMOS PLL Clock Generator
logo
Renesas Technology Corp
MPC9330 RENESAS-MPC9330 Datasheet
348Kb / 14P
   3.3V, 1:6, LVCMOS PLL Clock Generator
3/11/16
MPC9893 RENESAS-MPC9893 Datasheet
452Kb / 15P
   3.3V 1:12 LVCMOS PLL Clock Generator
2019
logo
Alliance Semiconductor ...
ASM5I9653A ALSC-ASM5I9653A Datasheet
648Kb / 13P
   3.3V 1:8 LVCMOS PLL Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com