Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS3I7100AG-06JT Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # PCS3I7100AG-06JT
Description  Custom Clock Generator for Display Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3I7100AG-06JT Datasheet(HTML) 2 Page - PulseCore Semiconductor

  PCS3I7100AG-06JT Datasheet HTML 1Page - PulseCore Semiconductor PCS3I7100AG-06JT Datasheet HTML 2Page - PulseCore Semiconductor PCS3I7100AG-06JT Datasheet HTML 3Page - PulseCore Semiconductor PCS3I7100AG-06JT Datasheet HTML 4Page - PulseCore Semiconductor PCS3I7100AG-06JT Datasheet HTML 5Page - PulseCore Semiconductor PCS3I7100AG-06JT Datasheet HTML 6Page - PulseCore Semiconductor PCS3I7100AG-06JT Datasheet HTML 7Page - PulseCore Semiconductor PCS3I7100AG-06JT Datasheet HTML 8Page - PulseCore Semiconductor PCS3I7100AG-06JT Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Custom Clock Generator for Display Systems
2 of 9
April 2007
PCS3P7100A
rev 0.6
Notice: The information in this document is subject to change without notice.
Pin Configuration (6L TSOT- 26 Package)
Pin Description
Pin#
Pin Name
Type
Description
1
CLKIN
I
External Reference Input frequency.
2
VSS
P
Ground to entire chip
3
ModOUT
O
Modulated Frequency Output
4
SS1%
I
Spread Deviation Selection Pin -1. Refer to “Spread Deviation Selection Table”
for details. Has an Internal pull-up resistor.
5
SS2%
I
Spread Deviation Selection Pin -2. Refer to “Spread Deviation Selection Table”
for details. Has an Internal pull-up resistor.
6
VDD
P
Power to entire chip
Spread Deviation Selection Table
SS2% Pin
SS1% Pin
Spread Deviation @ 72MHz
L
L
± 1.50%
L
H
± 1.25%
H
L
± 0.75%
H
H
± 1.00%
VSS
CLKIN
VDD
6
5
4
1
2
3
PCS3P7100A
ModOUT
SS1%
SS2%


Similar Part No. - PCS3I7100AG-06JT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3I7100AG-06JT PULSECORE-PCS3I7100AG-06JT Datasheet
158Kb / 7P
   Custom Clock Generator for Display Systems
More results

Similar Description - PCS3I7100AG-06JT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3P7100A ONSEMI-PCS3P7100A Datasheet
198Kb / 8P
   Custom Clock Generator for Display Systems
JANUARY 2010 ??Rev. 1
logo
PulseCore Semiconductor
PCS3P7100A PULSECORE-PCS3P7100A Datasheet
158Kb / 7P
   Custom Clock Generator for Display Systems
logo
ON Semiconductor
ASM3P2854C ONSEMI-ASM3P2854C Datasheet
159Kb / 8P
   Custom Clock Generator for Fax System
MARCH 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P2854B PULSECORE-ASM3P2854B Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
ASM3P2854B PULSECORE-ASM3P2854B_1 Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
ASM3P2855B PULSECORE-ASM3P2855B_1 Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
ASM3P2856A PULSECORE-ASM3P2856A Datasheet
361Kb / 8P
   Custom Clock generator for LCD Projector
logo
ON Semiconductor
ASM3P2855D ONSEMI-ASM3P2855D Datasheet
148Kb / 7P
   Custom Clock Generator for FAX System
MARCH 2010 ??Rev. 1
logo
Renesas Technology Corp
9FGS9093 RENESAS-9FGS9093 Datasheet
650Kb / 13P
   Clock Generator for P9 Systems
Mar 29, 2022
logo
PulseCore Semiconductor
ASM3P2855B PULSECORE-ASM3P2855B Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com