Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS3I7100AG-06JT Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # PCS3I7100AG-06JT
Description  Custom Clock Generator for Display Systems
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3I7100AG-06JT Datasheet(HTML) 1 Page - PulseCore Semiconductor

  PCS3I7100AG-06JT Datasheet HTML 1Page - PulseCore Semiconductor PCS3I7100AG-06JT Datasheet HTML 2Page - PulseCore Semiconductor PCS3I7100AG-06JT Datasheet HTML 3Page - PulseCore Semiconductor PCS3I7100AG-06JT Datasheet HTML 4Page - PulseCore Semiconductor PCS3I7100AG-06JT Datasheet HTML 5Page - PulseCore Semiconductor PCS3I7100AG-06JT Datasheet HTML 6Page - PulseCore Semiconductor PCS3I7100AG-06JT Datasheet HTML 7Page - PulseCore Semiconductor PCS3I7100AG-06JT Datasheet HTML 8Page - PulseCore Semiconductor PCS3I7100AG-06JT Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
April 2007
PCS3P7100A
rev 0.6
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
Custom Clock Generator for Display Systems
Features
Custom Clock Generator for Display Systems
Wide Operating Frequency Range covering
most of the pixel frequencies
Generates a low EMI 1x Output
4 Spread Deviation selection options
Supply voltage : 3.3V±0.3V
2.5V±0.125V
Frequency range:
3.3V: 20 MHz – 130 MHz
2.5V: 30 MHz – 130 MHz
6 Pin TSOT-26 package
Commercial and Industrial Temperature range
Product Description
PCS3P7100A is a versatile spread spectrum modulator
designed specifically for a wide range of clock
frequencies. The device addresses the need of a low
EMI clock generator for use in display systems covering
wide choice of pixel frequencies.
PCS3P7100A
reduces
electromagnetic
interference
(EMI) at the clock source, allowing system wide reduction
of EMI of all clock dependent signals. PCS3P7100A
allows significant system cost savings by reducing the
number of circuit board layers, ferrite beads, shielding
that are traditionally required to pass EMI regulations.
The Supply Voltage of the Device is 3.3V/2.5V. It has two
Spread Selection Pins, SS1% and SS2%. Refer to the
Spread Deviation Selection Table for details.The Device
is available in 6 Pin TSOT-26 Package, in Commercial
and Industrial Temperature grade.
Application
PCS3P7100A is targeted for use in Display Systems
Block Diagram
VSS
VDD
CLKIN
ModOUT
PLL
SS1%
SS2%


Similar Part No. - PCS3I7100AG-06JT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3I7100AG-06JT PULSECORE-PCS3I7100AG-06JT Datasheet
158Kb / 7P
   Custom Clock Generator for Display Systems
More results

Similar Description - PCS3I7100AG-06JT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3P7100A ONSEMI-PCS3P7100A Datasheet
198Kb / 8P
   Custom Clock Generator for Display Systems
JANUARY 2010 ??Rev. 1
logo
PulseCore Semiconductor
PCS3P7100A PULSECORE-PCS3P7100A Datasheet
158Kb / 7P
   Custom Clock Generator for Display Systems
logo
ON Semiconductor
ASM3P2854C ONSEMI-ASM3P2854C Datasheet
159Kb / 8P
   Custom Clock Generator for Fax System
MARCH 2010 ??Rev. 1
logo
PulseCore Semiconductor
ASM3P2854B PULSECORE-ASM3P2854B Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
ASM3P2854B PULSECORE-ASM3P2854B_1 Datasheet
389Kb / 8P
   Custom Clock Generator for Fax System
ASM3P2855B PULSECORE-ASM3P2855B_1 Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
ASM3P2856A PULSECORE-ASM3P2856A Datasheet
361Kb / 8P
   Custom Clock generator for LCD Projector
logo
ON Semiconductor
ASM3P2855D ONSEMI-ASM3P2855D Datasheet
148Kb / 7P
   Custom Clock Generator for FAX System
MARCH 2010 ??Rev. 1
logo
Renesas Technology Corp
9FGS9093 RENESAS-9FGS9093 Datasheet
650Kb / 13P
   Clock Generator for P9 Systems
Mar 29, 2022
logo
PulseCore Semiconductor
ASM3P2855B PULSECORE-ASM3P2855B Datasheet
317Kb / 7P
   Custom Clock Generator for Fax System
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com