Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS3I2189AG-08TR Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # PCS3I2189AG-08TR
Description  Spread Spectrum Clock Generator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3I2189AG-08TR Datasheet(HTML) 4 Page - PulseCore Semiconductor

  PCS3I2189AG-08TR Datasheet HTML 1Page - PulseCore Semiconductor PCS3I2189AG-08TR Datasheet HTML 2Page - PulseCore Semiconductor PCS3I2189AG-08TR Datasheet HTML 3Page - PulseCore Semiconductor PCS3I2189AG-08TR Datasheet HTML 4Page - PulseCore Semiconductor PCS3I2189AG-08TR Datasheet HTML 5Page - PulseCore Semiconductor PCS3I2189AG-08TR Datasheet HTML 6Page - PulseCore Semiconductor PCS3I2189AG-08TR Datasheet HTML 7Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
May 2008
PCS3P2189A
rev 0.2
Spread Spectrum Clock Generator
4 of 7
Notice: The information in this document is subject to change without notice.
AC Electrical Characteristics
Symbol
Parameter
Min
Typ
Max
Unit
XIN/CLKIN
Input Clock frequency
10
15
25
MHz
ModOUT
Output Modulated Clock frequency
40
60
100
MHz
MF
Modulation Frequency
26
39
65
KHz
tLH*
Output rise time ( Measured from 20% to 80% )
2
2.5
nS
tHL*
Output fall time ( Measured from 80% to 20% )
1.5
2
nS
tJC
Cycle to Cycle Jitter
±250
±325
tJP
Period Jitter (With SSOFF)
±200
±250
pS
tD
Output duty cycle
45
50
55
%
*tLH and tHL are measured with a capacitive load of 15pF
Typical Crystal Oscillator Circuit
Typical Crystal Specifications
Fundamental AT cut parallel resonant crystal
Nominal frequency
15MHz
Frequency tolerance
± 50 ppm or better at 25°C
Operating temperature range
-25°C to +85°C
Storage temperature
-40°C to +85°C
Load capacitance
18pF
Shunt capacitance
7pF maximum
ESR
25Ω
R1 = 510Ω
C1
C2


Similar Part No. - PCS3I2189AG-08TR

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
PCS3I2189AG-08TR ONSEMI-PCS3I2189AG-08TR Datasheet
115Kb / 6P
   Spread Spectrum Clock Generator
August, 2011 ??Rev. P2
More results

Similar Description - PCS3I2189AG-08TR

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com