Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS3P2191A Datasheet(PDF) 2 Page - PulseCore Semiconductor

Part # PCS3P2191A
Description  Spread Spectrum Clock Generator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS3P2191A Datasheet(HTML) 2 Page - PulseCore Semiconductor

  PCS3P2191A Datasheet HTML 1Page - PulseCore Semiconductor PCS3P2191A Datasheet HTML 2Page - PulseCore Semiconductor PCS3P2191A Datasheet HTML 3Page - PulseCore Semiconductor PCS3P2191A Datasheet HTML 4Page - PulseCore Semiconductor PCS3P2191A Datasheet HTML 5Page - PulseCore Semiconductor PCS3P2191A Datasheet HTML 6Page - PulseCore Semiconductor PCS3P2191A Datasheet HTML 7Page - PulseCore Semiconductor PCS3P2191A Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
April 2007
PCS3P2191A
rev 0.2
Spread Spectrum Clock Generator
2 of 8
Notice: The information in this document is subject to change without notice.
Pin Configuration
Pin Description
Pin#
Pin Name
Type
Description
1
VDD
power
Power Supply Voltage Pin. Connect to +3.3V.
2
GND
power
Ground Connection. Connect to system ground.
3
S2
Input
Spread range select. Digital logic input used to select frequency deviation
(Refer Spread Deviation Table). This pin has an internal pull-up resistor.
4
GND
power
Ground Connection. Connect to system ground.
5
CLK1
Output
Low EMI 4x clock output.
6
CLK2
Output
Low EMI 4x clock output.
7
GND
power
Ground Connection. Connect to system ground.
8
XIN/CLKIN
Input
Crystal connection or external reference frequency input. It can be connected to a
15MHz fundamental mode crystal.
9
XOUT
Output
Crystal connection. If using an external reference, this pin must be left
unconnected.
10
GND
power
Ground Connection. Connect to system ground.
11
CLK3
Output
Low EMI 4x clock output.
12
CLK4
Output
Low EMI 4x clock output.
13
GND
power
Ground Connection. Connect to system ground.
14
S1
Output
Spread range select. Digital logic input used to select frequency deviation
(Refer Spread Deviation Table). This pin has an internal pull-up resistor.
15
S0
Output
Spread range select. Digital logic input used to select frequency deviation
(Refer Spread Deviation Table). This pin has an internal pull-up resistor.
16
VDD
power
Power Supply Voltage Pin. Connect to +3.3V.
VDD
S0
CLK3
GND
GND
CLK4
XOUT
XIN/CLKIN
GND
CLK2
CLK1
GND
VDD
S1
GND
S2
PCS3P2191A
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
16Pin TSSOP


Similar Part No. - PCS3P2191A

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
331Kb / 8P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P2191A ONSEMI-PCS3P2191A Datasheet
118Kb / 7P
   Spread Spectrum Clock Generator
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
PCS3P2191AF-16TR PULSECORE-PCS3P2191AF-16TR Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
PCS3P2191AF-16TR PULSECORE-PCS3P2191AF-16TR Datasheet
331Kb / 8P
   Spread Spectrum Clock Generator
More results

Similar Description - PCS3P2191A

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
SM561 CYPRESS-SM561 Datasheet
126Kb / 8P
   Spread Spectrum Clock Generator
CY25566 CYPRESS-CY25566 Datasheet
116Kb / 9P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com