Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS2P3805EG-20-DT Datasheet(PDF) 6 Page - PulseCore Semiconductor

Part # PCS2P3805EG-20-DT
Description  3.3V CMOS Dual 1-To-5 Clock Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2P3805EG-20-DT Datasheet(HTML) 6 Page - PulseCore Semiconductor

Back Button PCS2P3805EG-20-DT Datasheet HTML 2Page - PulseCore Semiconductor PCS2P3805EG-20-DT Datasheet HTML 3Page - PulseCore Semiconductor PCS2P3805EG-20-DT Datasheet HTML 4Page - PulseCore Semiconductor PCS2P3805EG-20-DT Datasheet HTML 5Page - PulseCore Semiconductor PCS2P3805EG-20-DT Datasheet HTML 6Page - PulseCore Semiconductor PCS2P3805EG-20-DT Datasheet HTML 7Page - PulseCore Semiconductor PCS2P3805EG-20-DT Datasheet HTML 8Page - PulseCore Semiconductor PCS2P3805EG-20-DT Datasheet HTML 9Page - PulseCore Semiconductor PCS2P3805EG-20-DT Datasheet HTML 10Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
September 2006
PCS2P3805E
rev 0.3
3.3V CMOS Dual 1-To-5 Clock Driver
6 of 11
Notice: The information in this document is subject to change without notice.
Test Circuits and Waveforms
Switch Position
Test Conditions
Symbol
VCC = 3.3V ±0.3V
Unit
CL
15
pF
RT
ZOUT of pulse generator
RL
33
tR / tF
1 (0V to 3V or 3V to 0V)
nS
Definitions:
CL = Load capacitance: includes jig and probe capacitance.
RT = Termination resistance: should be equal to ZOUT of the Pulse
Generator.
tR / tF = Rise/Fall time of the input stimulus from the Pulse Generator.
Test
Switch
Disable Low
Enable Low
6V
Disable High
Enable High
GND
RL
VCC
RT
Pulse
Generator
VIN
D.U.T
CL
CL = 15pF Test Circuit
VOUT
INPUT
0V
tPLH1
tPHL1
1.5V
3V
VOH
1.5V
VOL
OUTPUT 1
tSK(O) = | tPLH2 - tPLH1 | or | tPHL2 -tPHL1 |
tSK(O)
tSK(O)
tPLH2
tPHL2
VOH
1.5V
VOL
OUTPUT 2
Output Skew – tSK(o)
VCC
RT
Pulse
Generator
VIN
D.U.T
CL
GND
6V
500Ω
500Ω
VOUT
Enable and Disable Time Circuit
Open
RL


Similar Part No. - PCS2P3805EG-20-DT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2P3805A PULSECORE-PCS2P3805A Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
PCS2P3805AG-20-AR PULSECORE-PCS2P3805AG-20-AR Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
PCS2P3805AG-20-AT PULSECORE-PCS2P3805AG-20-AT Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
PCS2P3805AG-20-DR PULSECORE-PCS2P3805AG-20-DR Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
PCS2P3805AG-20-DT PULSECORE-PCS2P3805AG-20-DT Datasheet
237Kb / 12P
   3.3V CMOS Buffer Clock Driver
More results

Similar Description - PCS2P3805EG-20-DT

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT49FCT3805D RENESAS-IDT49FCT3805D Datasheet
233Kb / 8P
   3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
MAY 2010
logo
Alliance Semiconductor ...
ASM2P3805X ALSC-ASM2P3805X Datasheet
500Kb / 12P
   3.3V CMOS Dual 1-To-5 Clock Driver
logo
Integrated Device Techn...
IDT49FCT3805D IDT-IDT49FCT3805D Datasheet
71Kb / 7P
   3.3V CMOS DUAL 1-TO-5 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT38075 RENESAS-IDT74FCT38075 Datasheet
373Kb / 7P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
JAN. 2012
logo
Integrated Device Techn...
IDT74FCT38075 IDT-IDT74FCT38075 Datasheet
54Kb / 5P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
IDT74FCT38075 IDT-IDT74FCT38075_12 Datasheet
209Kb / 6P
   3.3V CMOS 1-TO-5 CLOCK DRIVER
logo
Potato Semiconductor Co...
PO49FCT3805B POTATO-PO49FCT3805B Datasheet
660Kb / 7P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT32805 POTATO-PO49FCT32805 Datasheet
564Kb / 6P
   3.3V Dual 1:5 CMOS Clock Buffered Driver
PO49FCT32806 POTATO-PO49FCT32806 Datasheet
565Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
PO49FCT3806 POTATO-PO49FCT3806 Datasheet
562Kb / 6P
   3.3V Dual 1:5 CMOS Invert Clock Buffered Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com