Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS2P3805AG-20-DT Datasheet(PDF) 4 Page - PulseCore Semiconductor

Part # PCS2P3805AG-20-DT
Description  3.3V CMOS Buffer Clock Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2P3805AG-20-DT Datasheet(HTML) 4 Page - PulseCore Semiconductor

  PCS2P3805AG-20-DT Datasheet HTML 1Page - PulseCore Semiconductor PCS2P3805AG-20-DT Datasheet HTML 2Page - PulseCore Semiconductor PCS2P3805AG-20-DT Datasheet HTML 3Page - PulseCore Semiconductor PCS2P3805AG-20-DT Datasheet HTML 4Page - PulseCore Semiconductor PCS2P3805AG-20-DT Datasheet HTML 5Page - PulseCore Semiconductor PCS2P3805AG-20-DT Datasheet HTML 6Page - PulseCore Semiconductor PCS2P3805AG-20-DT Datasheet HTML 7Page - PulseCore Semiconductor PCS2P3805AG-20-DT Datasheet HTML 8Page - PulseCore Semiconductor PCS2P3805AG-20-DT Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
September 2006
PCS2P3805A
rev 0.3
3.3V CMOS Buffer Clock Driver
4 of 12
Notice: The information in this document is subject to change without notice.
DC Electrical Characteristics over Operating Range
Following Conditions Apply Unless Otherwise Specified
Commercial: TA = 0°C to +70°C, VCC = 3.3V ± 0.3V; Industrial: TA = -40 0°C to +85°C, VCC = 3.3V ± 0.3V
Symbol
Parameter
Test Conditions
1
Min
Typ
2
Max
Unit
Input HIGH Level (Input pins)
2
5.5
VIH
Input HIGH Level (I/O pins)
Guaranteed Logic HIGH Level
2
VCC+ 0.5
V
VIL
Input LOW Level
(Input and I/O pins)
Guaranteed Logic LOW Level
-0.5
0.8
V
Input HIGH Current (Input pins)
VI = 5.5V
±1
IIH
Input HIGH Current (I/O pins)
VCC= Max.
VI = VCC
±1
Input LOW Current (Input pins)
VI = GND
±1
IIL
Input LOW Current (I/O pins)
VCC= Max.
VI = GND
±1
µA
IOZH
VO = VCC
±1
IOZL
High Impedance Output Current
(3-State Output Pins)
VCC= Max.
VO = GND
±1
µA
VIK
Clamp Diode Voltage
VCC= Min., IIN = -18mA
-0.7
-1.2
V
IODH
Output HIGH Current
VCC= 3.3V, VIN = VIH or
VIL, VO = 1.5V
3
-36
-60
-110
mA
IODL
Output LOW Current
VCC= 3.3V, VIN = VIH or
VIL, VO = 1.5V
3
50
90
200
mA
IOH= -0.1mA
VCC–0.2
VOH
Output HIGH Voltage
VCC= Min.
VIN = VIH or VIL
IOH= -8mA
2.4
5
3
V
IOL= 0.1mA
0.2
IOL= 16mA
0.2
0.4
VOL
Output LOW Voltage
VCC= Min.
VIN = VIH or VIL
IOL= 24mA
0.3
0.5
V
IOFF
Input Power Off Leakage
VCC= 0V, VIN = 4.5V
±1
µA
IOS
Short Circuit Current
4
VCC= Max., VO = GND
3
-60
-135
-240
mA
VH
Input Hysteresis
150
mV
ICCL
ICCH
ICCZ
Quiescent Power Supply
Current
VCC= Max.
VIN = GND or VCC
0.1
10
µA
Notes:1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, +25°C ambient.
3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second.
4. This parameter is guaranteed but not tested.
5. VOH = VCC - 0.6V at rated current.


Similar Part No. - PCS2P3805AG-20-DT

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2P3805E PULSECORE-PCS2P3805E Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
PCS2P3805EG-20-AR PULSECORE-PCS2P3805EG-20-AR Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
PCS2P3805EG-20-AT PULSECORE-PCS2P3805EG-20-AT Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
PCS2P3805EG-20-DR PULSECORE-PCS2P3805EG-20-DR Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
PCS2P3805EG-20-DT PULSECORE-PCS2P3805EG-20-DT Datasheet
197Kb / 11P
   3.3V CMOS Dual 1-To-5 Clock Driver
More results

Similar Description - PCS2P3805AG-20-DT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
49FCT3805BQG8 IDT-49FCT3805BQG8 Datasheet
73Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805 IDT-IDT49FCT3805 Datasheet
62Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
IDT49FCT3805B IDT-IDT49FCT3805B Datasheet
374Kb / 7P
   3.3V CMOS BUFFER/CLOCK DRIVER
logo
Alliance Semiconductor ...
ASM2P3805AH ALSC-ASM2P3805AH Datasheet
534Kb / 13P
   3.3V CMOS Buffer Clock Driver
logo
Renesas Technology Corp
IDT49FCT3805B RENESAS-IDT49FCT3805B Datasheet
229Kb / 8P
   3.3V CMOS BUFFER/CLOCK DRIVER
MAY 2010
logo
Pericom Semiconductor C...
PI49FCT3804 PERICOM-PI49FCT3804 Datasheet
170Kb / 7P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805 Datasheet
431Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
PI49FCT3805 PERICOM-PI49FCT3805_10 Datasheet
514Kb / 9P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Diodes Incorporated
PI49FCT3805 DIODES-PI49FCT3805_V01 Datasheet
1Mb / 12P
   3.3V Fast CMOS Buffer/Clock Driver
logo
Integrated Device Techn...
QS532805 IDT-QS532805 Datasheet
97Kb / 6P
   GUARANTEED LOW SKEW 3.3V CMOS CLOCK DRIVER/BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com