Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCS2I99446G-32-LR Datasheet(PDF) 5 Page - PulseCore Semiconductor

Part # PCS2I99446G-32-LR
Description  2.5V and 3.3V LVCMOS Clock Distribution Buffer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

PCS2I99446G-32-LR Datasheet(HTML) 5 Page - PulseCore Semiconductor

  PCS2I99446G-32-LR Datasheet HTML 1Page - PulseCore Semiconductor PCS2I99446G-32-LR Datasheet HTML 2Page - PulseCore Semiconductor PCS2I99446G-32-LR Datasheet HTML 3Page - PulseCore Semiconductor PCS2I99446G-32-LR Datasheet HTML 4Page - PulseCore Semiconductor PCS2I99446G-32-LR Datasheet HTML 5Page - PulseCore Semiconductor PCS2I99446G-32-LR Datasheet HTML 6Page - PulseCore Semiconductor PCS2I99446G-32-LR Datasheet HTML 7Page - PulseCore Semiconductor PCS2I99446G-32-LR Datasheet HTML 8Page - PulseCore Semiconductor PCS2I99446G-32-LR Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
September 2006
PCS2I99446
rev 0.5
2.5V and 3.3V LVCMOS Clock Distribution Buffer
5 of 14
Notice: The information in this document is subject to change without notice.
Table 7: AC CHARACTERISTICS (V
CC = VCCA = VCCB = VCCC = 3.3V ±5%, TA = –40°C to +85°C)
1
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
fref
Input Frequency
0
250
2
MHz
÷1 output
0
250
2
MHz
FSELx=0
fMAX
Maximum Output Frequency
÷2 output
0
125
MHz
FSELx=1
tP, REF
Reference Input Pulse Width
1.4
nS
tr, tf
CCLK Input Rise/Fall Time
1.0
3
nS
0.8 to 2.0V
tPLH
CCLK0,1 to any Q
2.2
2.8
4.45
nS
tPHL
Propagation delay
CCLK0,1 to any Q
2.2
2.8
4.2
nS
tPLZ, HZ
Output Disable Time
10
nS
tPZL, LZ
Output Enable Time
10
nS
Within one bank
150
pS
Any output Bank, Same
output divider
200
pS
tsk(O)
Output-to-output
Skew
Any output, Any output divider
350
pS
tsk(PP)
Device-to-device Skew
2.25
nS
tSK(P)
Output pulse skew
4
200
pS
÷1 output
47
50
53
%
DCREF = 50%
DCQ
Output Duty Cycle
÷2 output
45
50
55
%
DCREF = 25%-75%
tr, tf
Output Rise/Fall Time
0.1
1.0
nS
0.55 to 2.4V
Note: 1 AC characteristics apply for parallel output termination of 50Ω to VTT
2 The PCS2I99446 is functional up to an input and output clock frequency of 350MHz and is characterized up to 250MHz.
3 Violation of the 1.0nS maximum input rise and fall time limit will affect the device propagation delay, device-to-device skew, reference input pulse width,
output duty cycle and maximum frequency specifications.
4 Output pulse skew is the absolute difference of the propagation delay times | tpLH - tpHL |.
Table 8: DC CHARACTERISTICS (V
CC = VCCA = VCCB = VCCC = 2.5V ±5%, TA = –40°C to +85°C)
Symbol
Characteristics
Min
Typ
Max
Unit
Condition
VIH
Input High Voltage
1.7
VCC + 0.3
V
LVCMOS
VIL
Input Low Voltage
-0.3
0.7
V
LVCMOS
VOH
Output High Voltage
1.8
V
IOH=-15 mA
1
VOL
Output Low Voltage
0.6
V
IOL= 15 mA
ZOUT
Output Impedance
17 - 20
2
IIN
Input Current
2
±200
µA
VIN=GND or VIN=VCC
ICCQ
3
Maximum Quiescent Supply Current
2.0
mA
All VCC Pins
Note: 1 The PCS2I99446 is capable of driving 50Ω transmission lines on the incident edge. Each output drives one 50Ω parallel terminated transmission line to
a termination voltage of VTT. Alternatively, the device drives up to two 50Ω series terminated transmission lines per output.
2 Input pull-up / pull-down resistors influence input current.
3 ICCQ is the DC current consumption of the device with all outputs open and the input in its default state or open.


Similar Part No. - PCS2I99446G-32-LR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
PCS2I99447 PULSECORE-PCS2I99447 Datasheet
567Kb / 14P
   3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
PCS2I99447G-32-ER PULSECORE-PCS2I99447G-32-ER Datasheet
567Kb / 14P
   3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
PCS2I99447G-32-ET PULSECORE-PCS2I99447G-32-ET Datasheet
567Kb / 14P
   3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
PCS2I99447G-32-LR PULSECORE-PCS2I99447G-32-LR Datasheet
567Kb / 14P
   3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
PCS2I99447G-32-LT PULSECORE-PCS2I99447G-32-LT Datasheet
567Kb / 14P
   3.3V/2.5V 1:9 LVCMOS Clock Fanout Buffer
More results

Similar Description - PCS2I99446G-32-LR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2I99446 ALSC-ASM2I99446 Datasheet
575Kb / 14P
   2.5V and 3.3V LVCMOS Clock Distribution Buffer
logo
Renesas Technology Corp
MPC9446 RENESAS-MPC9446 Datasheet
363Kb / 13P
   3.3V and 2.5V, LVCMOS Clock Fanout Buffer
2019
logo
Motorola, Inc
MPC9446 MOTOROLA-MPC9446 Datasheet
217Kb / 12P
   2.5V and 3.3V LVCMOS Clock Fanout Buffer
logo
Integrated Device Techn...
MPC9446 IDT-MPC9446 Datasheet
708Kb / 11P
   3.3V AND 2.5V, LVCMOS CLOCK FANOUT BUFFER
MPC9446AC IDT-MPC9446AC Datasheet
376Kb / 12P
   3.3V and 2.5V, LVCMOS Clock Fanout Buffer
logo
Freescale Semiconductor...
MPC9456 FREESCALE-MPC9456 Datasheet
292Kb / 12P
   2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
logo
Motorola, Inc
MPC9443 MOTOROLA-MPC9443 Datasheet
333Kb / 16P
   2.5V AND 3.3V LVCMOS CLOCK FANOUT BUFFER
logo
Alliance Semiconductor ...
ASM2I99456 ALSC-ASM2I99456 Datasheet
554Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
PulseCore Semiconductor
ASM2I99456 PULSECORE-ASM2I99456 Datasheet
558Kb / 14P
   3.3V/2.5V LVCMOS Clock Fanout Buffer
logo
Renesas Technology Corp
MPC9443 RENESAS-MPC9443 Datasheet
469Kb / 16P
   2.5V, 3.3V LVCMOS Clock Fanout Buffer
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com