Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM5I23S05AG-1-08-ST Datasheet(PDF) 8 Page - PulseCore Semiconductor

Part # ASM5I23S05AG-1-08-ST
Description  3.3V ?쁓preadTrak??Zero Delay Buffer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM5I23S05AG-1-08-ST Datasheet(HTML) 8 Page - PulseCore Semiconductor

Back Button ASM5I23S05AG-1-08-ST Datasheet HTML 4Page - PulseCore Semiconductor ASM5I23S05AG-1-08-ST Datasheet HTML 5Page - PulseCore Semiconductor ASM5I23S05AG-1-08-ST Datasheet HTML 6Page - PulseCore Semiconductor ASM5I23S05AG-1-08-ST Datasheet HTML 7Page - PulseCore Semiconductor ASM5I23S05AG-1-08-ST Datasheet HTML 8Page - PulseCore Semiconductor ASM5I23S05AG-1-08-ST Datasheet HTML 9Page - PulseCore Semiconductor ASM5I23S05AG-1-08-ST Datasheet HTML 10Page - PulseCore Semiconductor ASM5I23S05AG-1-08-ST Datasheet HTML 11Page - PulseCore Semiconductor ASM5I23S05AG-1-08-ST Datasheet HTML 12Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
ASM5P23S05A
November 2006
ASM5P23S09A
rev 1.5
3.3V ‘SpreadTrak’ Zero Delay Buffer
8 of 18
Notice: The information in this document is subject to change without notice.
Switching Characteristics for ASM5I23S05A-1H and ASM5I23S09A-1H - Industrial Temperature Devices7
Parameter
Description
Test Conditions
Min
Typ
Max
Unit
30 pF load
15
-
100
1/t1
Output Frequency
10 pF load
15
-
133
MHz
Duty Cycle
9 = (t2 / t1) * 100
Measured at 1.4 V, FOUT = 66.67 MHz
40.0
50.0
60.0
Duty Cycle
9 = (t2 / t1) * 100
Measured at 1.4 V, FOUT < 50.0 MHz
45.0
50.0
55.0
%
t3
Output Rise Time
9
Measured between 0.8V and 2.0V
-
-
1.50
nS
t4
Output Fall Time
9
Measured between 2.0V and 0.8V
-
-
1.50
nS
t5
Output-to-output skew
9
All outputs equally loaded
-
-
250
pS
t6
Delay, REF Rising Edge to
CLKOUT Rising Edge
9
Measured at VDD /2
-
0
± 350
pS
t7
Device-to-Device Skew
9
Measured at VDD/2 on the CLKOUT
pins of the device
-
0
700
pS
t8
Output Slew Rate
9
Measured between 0.8V and 2.0V
using Test Circuit #2
1
-
-
V/nS
tJ
Cycle-to-cycle jitter
9
Measured at 66.67 MHz, loaded
outputs
-
-
200
pS
tLOCK
PLL Lock Time
9
Stable power supply, valid clock pre
sented on REF pin
-
-
1.0
mS
Note:
9. Parameter is guaranteed by design and characterization. Not 100% tested in production


Similar Part No. - ASM5I23S05AG-1-08-ST

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM5I23S05A-1-08-SR ALSC-ASM5I23S05A-1-08-SR Datasheet
388Kb / 18P
   3.3V SpreadTrak Zero Delay Buffer
ASM5I23S05A-1-08-SR ALSC-ASM5I23S05A-1-08-SR Datasheet
206Kb / 16P
   3.3V SpreadTrak Zero Delay Buffer
ASM5I23S05A-1-08-ST ALSC-ASM5I23S05A-1-08-ST Datasheet
388Kb / 18P
   3.3V SpreadTrak Zero Delay Buffer
ASM5I23S05A-1-08-ST ALSC-ASM5I23S05A-1-08-ST Datasheet
206Kb / 16P
   3.3V SpreadTrak Zero Delay Buffer
ASM5I23S05A-1-08-TR ALSC-ASM5I23S05A-1-08-TR Datasheet
388Kb / 18P
   3.3V SpreadTrak Zero Delay Buffer
More results

Similar Description - ASM5I23S05AG-1-08-ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM5P23S08A PULSECORE-ASM5P23S08A Datasheet
404Kb / 17P
   3.3V ?쁓preadTrak??Zero Delay Buffer
ASMP5P23S04A PULSECORE-ASMP5P23S04A Datasheet
435Kb / 15P
   3.3V ?쁓preadTrak??Zero Delay Buffer
logo
Exar Corporation
XRK32308 EXAR-XRK32308 Datasheet
313Kb / 14P
   3.3V ZERO DELAY BUFFER
XRK32308 EXAR-XRK32308_07 Datasheet
334Kb / 16P
   3.3V ZERO DELAY BUFFER
logo
Pericom Semiconductor C...
PI6C2308A PERICOM-PI6C2308A Datasheet
387Kb / 10P
   3.3V Zero-Delay Buffer
logo
Cypress Semiconductor
CY2304 CYPRESS-CY2304_05 Datasheet
143Kb / 8P
   3.3V Zero Delay Buffer
logo
PulseCore Semiconductor
ASM5P2305A PULSECORE-ASM5P2305A Datasheet
393Kb / 19P
   3.3V Zero Delay Buffer
logo
Pericom Semiconductor C...
PI6C2305-1 PERICOM-PI6C2305-1 Datasheet
177Kb / 6P
   3.3V Zero-Delay Buffer
logo
Alliance Semiconductor ...
ASM5I23S08A ALSC-ASM5I23S08A Datasheet
409Kb / 18P
   3.3V Zero Delay Buffer
ASM5P2304B ALSC-ASM5P2304B Datasheet
376Kb / 13P
   3.3V Zero Delay Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com