Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

I2010AG-08TT Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # I2010AG-08TT
Description  Low Frequency EMI Reduction IC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

I2010AG-08TT Datasheet(HTML) 3 Page - PulseCore Semiconductor

  I2010AG-08TT Datasheet HTML 1Page - PulseCore Semiconductor I2010AG-08TT Datasheet HTML 2Page - PulseCore Semiconductor I2010AG-08TT Datasheet HTML 3Page - PulseCore Semiconductor I2010AG-08TT Datasheet HTML 4Page - PulseCore Semiconductor I2010AG-08TT Datasheet HTML 5Page - PulseCore Semiconductor I2010AG-08TT Datasheet HTML 6Page - PulseCore Semiconductor I2010AG-08TT Datasheet HTML 7Page - PulseCore Semiconductor I2010AG-08TT Datasheet HTML 8Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
November 2006
P2010A
rev 0.2
Low Frequency EMI Reduction IC
3 of 8
Notice: The information in this document is subject to change without notice.
Spread Spectrum Selection
Table 1 illustrates the possible spread spectrum options. The optimal setting should minimize system EMI to the fullest
without affecting system performance. The spreading is described as a percentage deviation of the center frequency
(Note: the center frequency is the frequency of the external reference input on XIN/CLK, Pin 1).
Example of a typical printer or scanner application that operates on a clock frequency of 16MHz:
A spreading selection of FS0=1 and SR0=1 provides a percentage deviation of +/-2.50%* (see Table 1) of Center
Frequency. This results in the frequency on ModOUT being swept from 16.40MHz to 15.60MHz at a modulation rate of
33.33KHz (see Table 1). This particular example (see Figure below) given here is a common EMI reduction method for
scanner, printer or embedded applications and has already been adopted by most of the leading manufacturers.
Note: Spreading range selection varies from different system manufacturers and their designs.
P2010A Application Schematic for Flat-Bed Scanner
1
2
3
4
8
7
6
5
VDD
SR0
ModOUT
SSON
VSS
FS0
XOUT
XIN/CLK
P2010A
VDD
Connected to CLK input pin of the system
16MHz Crystal Input
0.1µF


Similar Part No. - I2010AG-08TT

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
I2010AG-08TT ONSEMI-I2010AG-08TT Datasheet
111Kb / 7P
   Low Frequency EMI Reduction IC
August, 2011 ??Rev. 2
More results

Similar Description - I2010AG-08TT

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
P2010A ALSC-P2010A Datasheet
457Kb / 9P
   Low Frequency EMI Reduction IC
logo
PulseCore Semiconductor
P2005A PULSECORE-P2005A Datasheet
347Kb / 8P
   Low Frequency EMI Reduction IC
logo
Alliance Semiconductor ...
P2005A ALSC-P2005A Datasheet
459Kb / 10P
   Low Frequency EMI Reduction IC
logo
ON Semiconductor
P2010A ONSEMI-P2010A Datasheet
111Kb / 7P
   Low Frequency EMI Reduction IC
August, 2011 ??Rev. 2
P2005A ONSEMI-P2005A Datasheet
128Kb / 7P
   A Low Frequency EMI Reduction IC
August, 2011 ??Rev. P3
ASM3P622S00B ONSEMI-ASM3P622S00B Datasheet
177Kb / 13P
   Low Frequency Peak EMI Reduction IC
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
P2560B PULSECORE-P2560B Datasheet
328Kb / 8P
   Low Frequency EMI Reduction
PCS3P622S04J PULSECORE-PCS3P622S04J Datasheet
559Kb / 10P
   Low Frequency Timing-Safe??Peak EMI reduction IC
logo
ON Semiconductor
P2560B ONSEMI-P2560B Datasheet
108Kb / 6P
   Low Frequency EMI Reduction
August, 2011 ??Rev. P3
logo
Alliance Semiconductor ...
ASM3X2105A ALSC-ASM3X2105A Datasheet
455Kb / 10P
   Low Frequency EMI Reduction
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com