Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC1501A Datasheet(PDF) 8 Page - Texas Instruments

Part # TPIC1501A
Description  QUAD AND HEX POWER DMOS ARRAY
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC1501A Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPIC1501A Datasheet HTML 4Page - Texas Instruments TPIC1501A Datasheet HTML 5Page - Texas Instruments TPIC1501A Datasheet HTML 6Page - Texas Instruments TPIC1501A Datasheet HTML 7Page - Texas Instruments TPIC1501A Datasheet HTML 8Page - Texas Instruments TPIC1501A Datasheet HTML 9Page - Texas Instruments TPIC1501A Datasheet HTML 10Page - Texas Instruments TPIC1501A Datasheet HTML 11Page - Texas Instruments TPIC1501A Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TPIC1501A
QUAD AND HEX POWER DMOS ARRAY
SLIS046A – MAY 1995 – REVISED JUNE 1996
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
IRM†
25% of IRM†
Reverse di/dt = 100 A/
µs
trr
† IRM = maximum recovery current
2
1
0
– 1
– 2
– 3
– 4
– 5
Time – ns
0
100
200
300
400
500
VDS = 16 V
VGS = 0
TJ = 25°C
Q3A, Q4A, Q5A
3
Shaded Area = QRR
Figure 2. Reverse-Recovery-Current Waveform of Source-to-Drain Diodes
Pulse Generator
50
Rgen
50
VGS
VDD = 14 V
DUT
VDS
TEST CIRCUIT
VDD
VDS(on)
tf
td(on)
tr
td(off)
VOLTAGE WAVEFORMS
VGS
VDS
RL
CL 30 pF
(see Note A)
tdis
ten
10 V
0
NOTE A: CL includes probe and jig capacitance.
Figure 3. Resistive-Switching Test Circuit and Voltage Waveforms


Similar Part No. - TPIC1501A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC1502 TI-TPIC1502 Datasheet
330Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1502DW TI-TPIC1502DW Datasheet
330Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1504 TI-TPIC1504 Datasheet
331Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1504DW TI-TPIC1504DW Datasheet
331Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1505 TI-TPIC1505 Datasheet
301Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
More results

Similar Description - TPIC1501A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC1533 TI-TPIC1533 Datasheet
312Kb / 17P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1502 TI-TPIC1502 Datasheet
330Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1504 TI-TPIC1504 Datasheet
331Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
TPIC1505 TI-TPIC1505 Datasheet
301Kb / 16P
[Old version datasheet]   QUAD AND HEX POWER DMOS ARRAY
logo
Supertex, Inc
VC0206N6 SUTEX-VC0206N6 Datasheet
40Kb / 1P
   Complementary Enhancement-Mode Vertical DMOS Power FETs Quad Array
logo
Texas Instruments
TPIC5201 TI1-TPIC5201 Datasheet
242Kb / 12P
[Old version datasheet]   DUAL POWER DMOS ARRAY
logo
Supertex, Inc
VN0106NE SUTEX-VN0106NE Datasheet
38Kb / 1P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs Quad Array?
VP0204N6 SUTEX-VP0204N6 Datasheet
40Kb / 1P
   P-Channel Enhancement-Mode Vertical DMOS Power FETs Quad Array?
VN0204N6 SUTEX-VN0204N6 Datasheet
38Kb / 1P
   N-Channel Enhancement-Mode Vertical DMOS Power FETs Quad Array???
logo
Texas Instruments
TPIC5621L TI1-TPIC5621L Datasheet
240Kb / 13P
[Old version datasheet]   SIX-OUTPUT POWER DMOS ARRAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com