Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPIC0108BDWP Datasheet(PDF) 10 Page - Texas Instruments

Part # TPIC0108BDWP
Description  PWM CONTROL INTELLIGENT H-BRIDGE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPIC0108BDWP Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPIC0108BDWP Datasheet HTML 6Page - Texas Instruments TPIC0108BDWP Datasheet HTML 7Page - Texas Instruments TPIC0108BDWP Datasheet HTML 8Page - Texas Instruments TPIC0108BDWP Datasheet HTML 9Page - Texas Instruments TPIC0108BDWP Datasheet HTML 10Page - Texas Instruments TPIC0108BDWP Datasheet HTML 11Page - Texas Instruments TPIC0108BDWP Datasheet HTML 12Page - Texas Instruments TPIC0108BDWP Datasheet HTML 13Page - Texas Instruments TPIC0108BDWP Datasheet HTML 14Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
TPIC0108B
PWM CONTROL INTELLIGENT H-BRIDGE
SLIS068 – NOVEMBER1998
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
DIAGNOSTICS TABLE (see Note 6)
FLAG
IN1
IN2
OUT1
OUT2
STATUS1†
STATUS2
Normal operation
0
0
1
1
0
1
0
1
Z
LS
HS
HS
Z
HS
LS
HS
1
1
1
1
0‡
1
1
1
Open circuit between OUT1 and OUT2
0
0
1
1
0
1
0
1
Z
LS
HS
HS
Z
HS
LS
HS
1
0
0
1
0‡
0
0
1
Short circuit from OUT1 to OUT2 (see Notes 7 and 8)
0
1
1
0
X
X
X
X
0
0
0
0
Short circuit from OUT1 to GND (see Notes 7 and 8)
1
1
0
1
X
X
X
X
0
0
0
0
Short circuit from OUT2 to GND (see Notes 7 and 8)
0
1
1
1
X
X
X
X
0
0
0
0
Short circuit from OUT1 to VCC (see Notes 7 and 8)
0
1
X
X
0
0
Short circuit from OUT2 to VCC (see Notes 7 and 8)
1
0
X
X
0
0
Over temperature (see Note 9)
0
0
1
1
0
1
0
1
Z
Z
Z
Z
Z
Z
Z
Z
1
0
0
0
0‡
0
0
0
† When wired with a pull-up resistor
‡ In quiescent mode, STATUS2 is pulled down to GND via an internal resistor.
SYMBOL
VALUE
0
Logic low
1
Logic high
HS
High-side MOSFET conducting
LS
Low-side MOSFET conducting
Z
No output transistors conducting
X
Voltage level undefined
NOTES:
6. All input combinations not stated result in STATUS output = 1.
7. STATUS1 active for a minimum of 3
µs.
8. STATUS2 active until an input is toggled.
9. Quiescent current consumption can occur only when the temperature drops below the thermal switch-off temperature.


Similar Part No. - TPIC0108BDWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC0108BDWPR TI1-TPIC0108BDWPR Datasheet
295Kb / 15P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
More results

Similar Description - TPIC0108BDWP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPIC0107B TI-TPIC0107B Datasheet
202Kb / 14P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0108B TI1-TPIC0108B_11 Datasheet
295Kb / 15P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
TPIC0107B TI1-TPIC0107B_10 Datasheet
289Kb / 15P
[Old version datasheet]   PWM CONTROL INTELLIGENT H-BRIDGE
logo
Sanyo Semicon Device
LV8018W SANYO-LV8018W Datasheet
114Kb / 7P
   4ch PWM H-bridge Driver
logo
Texas Instruments
DRV8704 TI1-DRV8704 Datasheet
1Mb / 38P
[Old version datasheet]   Dual H-Bridge PWM Gate Driver
logo
Freescale Semiconductor...
MC33931 FREESCALE-MC33931_12 Datasheet
883Kb / 26P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33931 NXP-MC33931 Datasheet
1Mb / 26P
   5.0 A Throttle Control H-bridge
Rev. 4.0, 10/2012
logo
Freescale Semiconductor...
33931 FREESCALE-33931 Datasheet
1Mb / 21P
   5.0 A Throttle Control H-bridge
logo
NXP Semiconductors
MC33932 NXP-MC33932 Datasheet
1Mb / 28P
   5.0 A Throttle Control H-Bridge
Rev. 5.0, 10/2012
logo
Freescale Semiconductor...
33926 FREESCALE-33926 Datasheet
665Kb / 24P
   5.0 A Throttle Control H-Bridge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com