Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM3P2780AF-06OR Datasheet(PDF) 1 Page - PulseCore Semiconductor

Part # ASM3P2780AF-06OR
Description  Low Power Peak EMI Reducing Solution
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2780AF-06OR Datasheet(HTML) 1 Page - PulseCore Semiconductor

  ASM3P2780AF-06OR Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2780AF-06OR Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2780AF-06OR Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2780AF-06OR Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2780AF-06OR Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2780AF-06OR Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2780AF-06OR Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2780AF-06OR Datasheet HTML 8Page - PulseCore Semiconductor ASM3P2780AF-06OR Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
November 2006
ASM3P2780A
rev 1.6
Notice: The information in this document is subject to change without notice.
PulseCore Semiconductor Corporation
1715 S. Bascom Ave Suite 200, Campbell, CA 95008
• Tel: 408-879-9077 • Fax: 408-879-9018
www.pulsecoresemi.com
Low Power Peak EMI Reducing Solution
Features
Generates an EMI optimized clock signal at the
output.
Integrated loop filter components.
Operates with a 3.3 / 2.5V Supply.
Operating current less than 5mA.
Low power CMOS design.
Input frequency range: 30MHz to 50MHz for 2.5V.
: 30MHz to 50MHz for 3.3V.
Generates a 1X low EMI spread spectrum clock of
the input frequency.
Frequency deviation: ±0.75% (Typ) @46MHz
Input Frequency.
Available in 6 pin TSOT-23, 8 pin SOIC and 8 pin
TSSOP Packages.
Product Description
The ASM3P2780A is a versatile spread spectrum
frequency modulator designed specifically for a wide
range of clock frequencies. The ASM3P2780A reduces
electromagnetic interference (EMI) at the clock source,
allowing system wide reduction of EMI of
all clock
dependent signals. The ASM3P2780A allows significant
system cost savings by reducing the number of circuit
board layers ferrite beads, shielding that are traditionally
required to pass EMI regulations.
The ASM3P2780A uses the most efficient and optimized
modulation profile approved by the FCC and is
implemented by using a proprietary all digital method.
The ASM3P2780A modulates the output of a single PLL
in order to “spread” the bandwidth of a synthesized clock,
and more importantly, decreases the peak amplitudes of
its harmonics. This results in significantly lower system
EMI compared to the typical narrow band signal produced
by oscillators and most frequency generators. Lowering
EMI by increasing a signal’s bandwidth is called ‘spread
spectrum clock generation’.
Applications
The ASM3P2780A is targeted towards all portable
devices with very low power requirements like MP3
players and digital still cameras.
Key Specifications
Description
Specification
Supply voltages
VDD = 3.3V / 2.5V
Cycle-to-Cycle Jitter
200pS (Max)
Output Duty Cycle
45/55%
Modulation Rate Equation
FIN/1280
Frequency Deviation
±0.75 (Typ) @ 46MHz
Block Diagram
ModOUT
VSS
XIN/CLKIN
Frequency
Divider
Feedback
Divider
Modulation
Phase
Detector
Loop
Filter
VCO
Output
Divider
PLL
VDD
PD
Crystal
Oscillator
XOUT


Similar Part No. - ASM3P2780AF-06OR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2780AF-06OR ALSC-ASM3P2780AF-06OR Datasheet
180Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2780AF-06OR ONSEMI-ASM3P2780AF-06OR Datasheet
138Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
More results

Similar Description - ASM3P2780AF-06OR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2598A PULSECORE-ASM3P2598A Datasheet
301Kb / 7P
   Low Power Peak EMI Reducing Solution
ASM3P2769A PULSECORE-ASM3P2769A Datasheet
190Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2779A PULSECORE-ASM3P2779A Datasheet
180Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2769A ONSEMI-ASM3P2769A Datasheet
128Kb / 9P
   Low Power Peak EMI Reducing Solution
August, 2011 ??Rev. 3
ASM3P2870A ONSEMI-ASM3P2870A Datasheet
128Kb / 10P
   Low Power Peak EMI Reducing Solution
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM3P2870A ALSC-ASM3P2870A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2869A ALSC-ASM3P2869A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
PulseCore Semiconductor
ASM3P2775A PULSECORE-ASM3P2775A Datasheet
369Kb / 10P
   Low Power Peak EMI Reducing Solution
ASM3P2872A PULSECORE-ASM3P2872A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2879A PULSECORE-ASM3P2879A Datasheet
179Kb / 12P
   Low Power Peak Reducing EMI Solution
ASM3P2969A PULSECORE-ASM3P2969A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com