Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM3P2762AG-08ST Datasheet(PDF) 5 Page - PulseCore Semiconductor

Part # ASM3P2762AG-08ST
Description  Low Power Peak EMI Reducing Solution
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2762AG-08ST Datasheet(HTML) 5 Page - PulseCore Semiconductor

  ASM3P2762AG-08ST Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2762AG-08ST Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2762AG-08ST Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2762AG-08ST Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2762AG-08ST Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2762AG-08ST Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2762AG-08ST Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2762AG-08ST Datasheet HTML 8Page - PulseCore Semiconductor ASM3P2762AG-08ST Datasheet HTML 9Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
January 2007
ASM3P2762A
rev 1.7
Low Power Peak EMI Reducing Solution
5 of 12
Notice: The information in this document is subject to change without notice.
DC Electrical Characteristics for 3.3V Supply
(Test condition: All parameters are measured at room temperature (+25°C) unless otherwise stated)
Symbol
Parameter
Min
Typ
Max
Unit
VIL
Input low voltage
VSS - 0.3
-
0.8
V
VIH
Input high voltage
2.0
-
VDD + 0.3
V
IIL
Input low current
-
-
-35
µA
IIH
Input high current
-
-
35
µA
IXOL
XOUT output low current (@0.4V, VDD=3.3V)
-
3
-
mA
IXOH
XOUT output high current (@2.5V, VDD=3.3V)
-
3
-
mA
VOL
Output low voltage (VDD = 3.3V, IOL = 8mA)
-
-
0.4
V
VOH
Output high voltage (VDD = 3.3V, IOH = 8mA)
2.5
-
-
V
IDD
Static supply current*
-
-
10
uA
ICC
Dynamic supply current (3.3V, 10MHz and no load)
-
3
-
mA
VDD
Operating voltage
2.7
3.3
3.6
V
tON
Power-up time (first locked cycle after power-up)**
-
-
5
mS
ZOUT
Output impedance
-
45
-
* PD pin is pulled low
** VDD and XIN/CLKIN input are stable, PD pin is made high from low.
AC Electrical Characteristics for 3.3V Supply
Symbol
Parameter
Min
Typ
Max
Unit
CLKIN
Input frequency
6
-
13
MHz
ModOUT
Output frequency
6
-
13
MHz
Input Frequency = 6MHz
-
-1.75
-
fd
Frequency Deviation
Input Frequency = 13MHz
-
-0.9
-
%
tLH*
Output rise time (measured from 0.8 to 2.0V)
0.5
1.0
1.4
nS
tHL *
Output fall time (measured at 2.0V to 0.8V)
0.4
0.9
1.2
nS
tJC
Jitter (cycle to cycle)
-
-
200
pS
tD
Output duty cycle
45
50
55
%
*tLH and tHL are measured into a capacitive load of 15pF


Similar Part No. - ASM3P2762AG-08ST

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2762AG-08ST ALSC-ASM3P2762AG-08ST Datasheet
180Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2762AG-08ST ONSEMI-ASM3P2762AG-08ST Datasheet
127Kb / 9P
   Low Power Peak EMI Reducing Solution
August, 2011 ??Rev. 3
More results

Similar Description - ASM3P2762AG-08ST

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2598A PULSECORE-ASM3P2598A Datasheet
301Kb / 7P
   Low Power Peak EMI Reducing Solution
ASM3P2769A PULSECORE-ASM3P2769A Datasheet
190Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2779A PULSECORE-ASM3P2779A Datasheet
180Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2769A ONSEMI-ASM3P2769A Datasheet
128Kb / 9P
   Low Power Peak EMI Reducing Solution
August, 2011 ??Rev. 3
ASM3P2870A ONSEMI-ASM3P2870A Datasheet
128Kb / 10P
   Low Power Peak EMI Reducing Solution
August, 2011 ??Rev. 3
logo
Alliance Semiconductor ...
ASM3P2870A ALSC-ASM3P2870A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2869A ALSC-ASM3P2869A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
logo
PulseCore Semiconductor
ASM3P2775A PULSECORE-ASM3P2775A Datasheet
369Kb / 10P
   Low Power Peak EMI Reducing Solution
ASM3P2872A PULSECORE-ASM3P2872A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
ASM3P2879A PULSECORE-ASM3P2879A Datasheet
179Kb / 12P
   Low Power Peak Reducing EMI Solution
ASM3P2969A PULSECORE-ASM3P2969A Datasheet
179Kb / 12P
   Low Power Peak EMI Reducing Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com