Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA711 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part No. TPA711
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA711 Datasheet(HTML) 3 Page - Texas Instruments

  TPA711 Datasheet HTML 1Page - Texas Instruments TPA711 Datasheet HTML 2Page - Texas Instruments TPA711 Datasheet HTML 3Page - Texas Instruments TPA711 Datasheet HTML 4Page - Texas Instruments TPA711 Datasheet HTML 5Page - Texas Instruments TPA711 Datasheet HTML 6Page - Texas Instruments TPA711 Datasheet HTML 7Page - Texas Instruments TPA711 Datasheet HTML 8Page - Texas Instruments TPA711 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
TPA711
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
SLOS230B – NOVEMBER 1998 – REVISED MARCH 2000
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VDD = 3.3 V, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOO
Output offset voltage (measured differentially)
See Note 1
20
mV
PSRR
Power supply rejection ratio
VDD =3 2Vto3 4V
BTL mode
85
dB
PSRR
Power supply rejection ratio
VDD = 3.2 V to 3.4 V
SE mode
83
dB
IDD
Supply current (see Figure 6)
BTL mode
1.25
2.5
mA
IDD
Supply current (see Figure 6)
SE mode
0.65
1.25
mA
IDD(SD)
Supply current, shutdown mode (see Figure 7)
7
50
µA
NOTE 1: At 3 V < VDD < 5 V the dc output voltage is approximately VDD/2.
operating characteristics, VDD = 3.3 V, TA = 25°C, RL = 8 Ω
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THD = 0.2%,
BTL mode,
See Figure 14
250
PO
Output power, see Note 2
THD = 0.1%,
See Figure 22
SE mode,
RL = 32 Ω,
37
mW
THD + N
Total harmonic distortion plus noise
PO = 250 mW, f = 200 Hz to 4 kHz, See Figure 12
0.55%
BOM
Maximum output power bandwidth
Gain = 2,
THD = 2%,
See Figure 12
20
kHz
B1
Unity-gain bandwidth
Open Loop,
See Figure 36
1.4
MHz
Supply ripple rejection ratio
f = 1 kHz,
See Figure 5
CB = 1 µF,
BTL mode,
79
dB
Supply ripple rejection ratio
f = 1 kHz,
See Figure 3
CB = 1 µF,
SE mode,
70
dB
Vn
Noise output voltage
Gain = 1,
CB = 0.1 µF,
See Figure 42
17
µV(rms)
NOTE 2: Output power is measured at the output terminals of the device at f = 1 kHz.


Similar Part No. - TPA711

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPA711 TI-TPA711 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711D TI-TPA711D Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711DG4 TI-TPA711DG4 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711DGN TI-TPA711DGN Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711DGNG4 TI-TPA711DGNG4 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results

Similar Description - TPA711

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_07 Datasheet
688Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711_15 Datasheet
1Mb / 39P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_07 Datasheet
726Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_15 Datasheet
774Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA751 TI-TPA751_15 Datasheet
745Kb / 29P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz