Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TPA711 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part No. TPA711
Description  700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA711 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPA711 Datasheet HTML 4Page - Texas Instruments TPA711 Datasheet HTML 5Page - Texas Instruments TPA711 Datasheet HTML 6Page - Texas Instruments TPA711 Datasheet HTML 7Page - Texas Instruments TPA711 Datasheet HTML 8Page - Texas Instruments TPA711 Datasheet HTML 9Page - Texas Instruments TPA711 Datasheet HTML 10Page - Texas Instruments TPA711 Datasheet HTML 11Page - Texas Instruments TPA711 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
TPA711
700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
SLOS230B – NOVEMBER 1998 – REVISED MARCH 2000
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 8
VDD – Supply Voltage – V
OUTPUT POWER
vs
SUPPLY VOLTAGE
600
400
200
0
2.5
3.5
3
4
5.5
1000
4.5
5
800
THD+N 1%
f = 1 kHz
BTL
RL = 32 Ω
RL = 8 Ω
Figure 9
VDD – Supply Voltage – V
OUTPUT POWER
vs
SUPPLY VOLTAGE
150
100
50
0
34
3.5
4.5
350
5
200
THD+N = 1%
f = 1 kHz
SE
RL = 32 Ω
RL = 8 Ω
250
300
5.5
2.5
Figure 10
RL – Load Resistance – Ω
OUTPUT POWER
vs
LOAD RESISTANCE
300
200
100
0
16
32
24
40
64
800
8
48
56
400
THD+N = 1%
f = 1 kHz
BTL
VDD = 5 V
500
600
VDD = 3.3 V
700
Figure 11
RL – Load Resistance – Ω
OUTPUT POWER
vs
LOAD RESISTANCE
14
26
20
32
50
838
44
THD+N = 1%
f = 1 kHz
SE
VDD = 5 V
VDD = 3.3 V
56
62
150
100
50
0
350
200
250
300


Similar Part No. - TPA711

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPA711 TI-TPA711 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711D TI-TPA711D Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711DG4 TI-TPA711DG4 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711DGN TI-TPA711DGN Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711DGNG4 TI-TPA711DGNG4 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
More results

Similar Description - TPA711

ManufacturerPart No.DatasheetDescription
Texas Instruments
Texas Instruments
TPA711 TI-TPA711_07 Datasheet
945Kb / 37P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_07 Datasheet
688Kb / 24P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_15 Datasheet
896Kb / 29P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI1-TPA721_16 Datasheet
1Mb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA711 TI-TPA711_15 Datasheet
1Mb / 39P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701_07 Datasheet
726Kb / 25P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA701 TI-TPA701 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721 Datasheet
329Kb / 22P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA721 TI-TPA721_15 Datasheet
774Kb / 28P
[Old version datasheet]   700-mW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER
TPA751 TI-TPA751_15 Datasheet
745Kb / 29P
[Old version datasheet]   700-MW MONO LOW-VOLTAGE AUDIO POWER AMPLIFIER WITH DIFFERENTIAL INPUTS
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz