Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM3P2187A Datasheet(PDF) 3 Page - PulseCore Semiconductor

Part # ASM3P2187A
Description  Spread Spectrum Clock Generator for Mobile Applications
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM3P2187A Datasheet(HTML) 3 Page - PulseCore Semiconductor

  ASM3P2187A_1 Datasheet HTML 1Page - PulseCore Semiconductor ASM3P2187A_1 Datasheet HTML 2Page - PulseCore Semiconductor ASM3P2187A_1 Datasheet HTML 3Page - PulseCore Semiconductor ASM3P2187A_1 Datasheet HTML 4Page - PulseCore Semiconductor ASM3P2187A_1 Datasheet HTML 5Page - PulseCore Semiconductor ASM3P2187A_1 Datasheet HTML 6Page - PulseCore Semiconductor ASM3P2187A_1 Datasheet HTML 7Page - PulseCore Semiconductor ASM3P2187A_1 Datasheet HTML 8Page - PulseCore Semiconductor ASM3P2187A_1 Datasheet HTML 9Page - PulseCore Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
May 2008
ASM3P2187A/B
rev 0.2
Spread Spectrum Clock Generator for Mobile Applications
3 of 9
Notice: The information in this document is subject to change without notice.
Modulation Enable Setting Table
SSON
Modulation
L
No Modulation
H
Modulation
Power down Status Table
PDB
Status
L
Power Down Status
H
Operating Status
Spread Range Selection Table
SEL
Deviation @ 15MHz
L
± 0.50%
H
± 1.00%
Absolute Maximum Ratings
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage pin with respect to Ground
-0.5 to +4.6
V
VIN
Input Voltage pin with respect to Ground
VSS-0.5 to VDD+0.5
V
VOUT
Output Voltage pin with respect to Ground
VSS-0.5 to VDD+0.5
V
TSTG
Storage temperature
-55 to +125
°C
Ts
Max. Soldering Temperature (10 sec)
260
°C
TJ
Junction Temperature
150
°C
TDV
Static Discharge Voltage
(As per JEDEC STD22- A114-B)
2
KV
Note: These are stress ratings only and are not implied for functional use. Exposure to absolute maximum ratings for prolonged periods of time may affect
device reliability.


Similar Part No. - ASM3P2187A_1

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2187AG-08TR PULSECORE-ASM3P2187AG-08TR Datasheet
176Kb / 9P
   Spread Spectrum Clock Generator for Mobile Applications
logo
ON Semiconductor
ASM3P2187AG-08TR ONSEMI-ASM3P2187AG-08TR Datasheet
107Kb / 6P
   Spread Spectrum Clock Generator
August, 2011 ??Rev. P2
logo
PulseCore Semiconductor
ASM3P2187AG-08TT PULSECORE-ASM3P2187AG-08TT Datasheet
176Kb / 9P
   Spread Spectrum Clock Generator for Mobile Applications
logo
ON Semiconductor
ASM3P2187AG-08TT ONSEMI-ASM3P2187AG-08TT Datasheet
107Kb / 6P
   Spread Spectrum Clock Generator
August, 2011 ??Rev. P2
More results

Similar Description - ASM3P2187A_1

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2187A PULSECORE-ASM3P2187A Datasheet
176Kb / 9P
   Spread Spectrum Clock Generator for Mobile Applications
logo
Fujitsu Component Limit...
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
   Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25811 CYPRESS-CY25811 Datasheet
316Kb / 11P
   Spread Spectrum Clock Generator
logo
Fujitsu Component Limit...
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
   Spread Spectrum Clock Generator
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
   Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Fujitsu Component Limit...
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
   Spread Spectrum Clock Generator
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
   Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
   Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
   SPREAD SPECTRUM CLOCK GENERATOR
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
   Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com