Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPA4860 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # TPA4860
Description  1-W MONO AUDIO POWER AMPLIFIER
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPA4860 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPA4860 Datasheet HTML 7Page - Texas Instruments TPA4860 Datasheet HTML 8Page - Texas Instruments TPA4860 Datasheet HTML 9Page - Texas Instruments TPA4860 Datasheet HTML 10Page - Texas Instruments TPA4860 Datasheet HTML 11Page - Texas Instruments TPA4860 Datasheet HTML 12Page - Texas Instruments TPA4860 Datasheet HTML 13Page - Texas Instruments TPA4860 Datasheet HTML 14Page - Texas Instruments TPA4860 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 25 page
background image
TPA4860
1-W MONO AUDIO POWER AMPLIFIER
SLOS164A – SEPTEMBER 1996 – REVISED MARCH 2000
11
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
TYPICAL CHARACTERISTICS
Figure 21
TOTAL HARMONIC DISTORTION PLUS NOISE
vs
OUTPUT POWER
20 m
10
1
0.1
0.01
0.1
1
PO – Output Power – W
VDD = 3.3 V
AV = –2 V/V
RL = 8 Ω
f = 20 kHz
CB = 0.1 µF
2
Figure 22
SUPPLY CURRENT
vs
SUPPLY VOLTAGE
2.5
5
2
1
0
3
3.5
VDD – Supply Voltage – V
4
4.5
5
5.5
4
3
TA = 0°C
TA = 85°C
TA = 25°C
TA = –20°C
Figure 23
OUTPUT NOISE VOLTAGE
vs
FREQUENCY
20
103
102
101
1
100
1 k
10 k 20 k
f – Frequency – Hz
VCC = 5 V
V01 +V02
V01
V02
Figure 24
OUTPUT NOISE VOLTAGE
vs
FREQUENCY
20
103
102
101
1
100
1 k
10 k 20 k
f – Frequency – Hz
VCC = 3.3 V
V02
V01
V01 +V02


Similar Part No. - TPA4860

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA4860 TI-TPA4860 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860D TI-TPA4860D Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860DR TI-TPA4860DR Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860DRG4 TI-TPA4860DRG4 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
More results

Similar Description - TPA4860

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPA4861 TI-TPA4861_15 Datasheet
641Kb / 26P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_06 Datasheet
442Kb / 24P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4860 TI-TPA4860_15 Datasheet
655Kb / 28P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
TPA4861 TI-TPA4861_07 Datasheet
486Kb / 23P
[Old version datasheet]   1-W MONO AUDIO POWER AMPLIFIER
logo
NXP Semiconductors
TDA7052 PHILIPS-TDA7052 Datasheet
44Kb / 8P
   1 W BTL mono audio amplifier
July 1994
logo
Texas Instruments
TPA0211 TI-TPA0211 Datasheet
88Kb / 6P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_15 Datasheet
889Kb / 28P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1 Datasheet
189Kb / 13P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA2001D1 TI-TPA2001D1_15 Datasheet
575Kb / 18P
[Old version datasheet]   1-W FILTERLESS MONO CLASS-D AUDIO POWER AMPLIFIER
TPA0211 TI-TPA0211_07 Datasheet
746Kb / 26P
[Old version datasheet]   2-W MONO AUDIO POWER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com