Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM2P2351AH Datasheet(PDF) 6 Page - PulseCore Semiconductor

Part # ASM2P2351AH
Description  1-Line To 10-Line Clock Driver With 3-State Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSECORE [PulseCore Semiconductor]
Direct Link  http://www.onsemi.com/
Logo PULSECORE - PulseCore Semiconductor

ASM2P2351AH Datasheet(HTML) 6 Page - PulseCore Semiconductor

Back Button ASM2P2351AH Datasheet HTML 2Page - PulseCore Semiconductor ASM2P2351AH Datasheet HTML 3Page - PulseCore Semiconductor ASM2P2351AH Datasheet HTML 4Page - PulseCore Semiconductor ASM2P2351AH Datasheet HTML 5Page - PulseCore Semiconductor ASM2P2351AH Datasheet HTML 6Page - PulseCore Semiconductor ASM2P2351AH Datasheet HTML 7Page - PulseCore Semiconductor ASM2P2351AH Datasheet HTML 8Page - PulseCore Semiconductor ASM2P2351AH Datasheet HTML 9Page - PulseCore Semiconductor ASM2P2351AH Datasheet HTML 10Page - PulseCore Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
November 2006
ASM2P2351AH
rev 0.3
1-Line To 10-Line Clock Driver With 3-State Outputs
6 of 12
Notice: The information in this document is subject to change without notice.
Figure 1. Load Circuit and Voltage Waveforms
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR 3 10 MHz, ZO = 50Ω, tr 3 2.5 nS, tf 3 2.5 nS.
D. The outputs are measured one at a time with one transition per measurement.
3 V
0 V
VOL
3 V
VOL + O.3 V
1.5 V
tPHZ
tPLZ
1.5 V
1.5 V
0 V
tPZH
VOH. – 0.3 V
VOH
1.5 V
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPHZ


Similar Part No. - ASM2P2351AH

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM2P2304NZ ALSC-ASM2P2304NZ Datasheet
667Kb / 8P
   Four Output PCI-X and General Purpose Buffer
logo
PulseCore Semiconductor
ASM2P2304NZ PULSECORE-ASM2P2304NZ Datasheet
175Kb / 9P
   Four Output PCI-X and General Purpose Buffer
logo
ON Semiconductor
ASM2P2304NZ ONSEMI-ASM2P2304NZ Datasheet
106Kb / 7P
   Four Output PCI-X and General Purpose Buffer
August, 2011 ??Rev. 3
logo
PulseCore Semiconductor
ASM2P2304NZF-08-SR PULSECORE-ASM2P2304NZF-08-SR Datasheet
175Kb / 9P
   Four Output PCI-X and General Purpose Buffer
ASM2P2304NZF-08-ST PULSECORE-ASM2P2304NZF-08-ST Datasheet
175Kb / 9P
   Four Output PCI-X and General Purpose Buffer
More results

Similar Description - ASM2P2351AH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CDC2351 TI1-CDC2351_15 Datasheet
777Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351DBR TI-CDC351DBR Datasheet
507Kb / 13P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351-EP TI1-CDC2351-EP Datasheet
451Kb / 10P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI-CDC2351DBR Datasheet
760Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351DBR TI1-CDC2351DBR Datasheet
775Kb / 14P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC2351 TI-CDC2351 Datasheet
108Kb / 7P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC351 TI-CDC351 Datasheet
108Kb / 7P
[Old version datasheet]   1-LINE TO 10-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208 TI-CDC208 Datasheet
160Kb / 10P
[Old version datasheet]   DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208_15 TI-CDC208_15_15 Datasheet
826Kb / 16P
[Old version datasheet]   DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
CDC208 TI1-CDC208_16 Datasheet
1Mb / 18P
[Old version datasheet]   DUAL 1-LINE TO 4-LINE CLOCK DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com