Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCW65ALT1 Datasheet(PDF) 2 Page - Motorola, Inc

Part # BCW65ALT1
Description  General Purpose Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BCW65ALT1 Datasheet(HTML) 2 Page - Motorola, Inc

  BCW65ALT1 Datasheet HTML 1Page - Motorola, Inc BCW65ALT1 Datasheet HTML 2Page - Motorola, Inc BCW65ALT1 Datasheet HTML 3Page - Motorola, Inc BCW65ALT1 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
BCW65ALT1
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 100 µAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 1.0 Vdc)
(IC = 100 mAdc, VCE = 1.0 Vdc)
(IC = 500 mAdc, VCE = 2.0 Vdc)
hFE
35
75
100
35
220
250
Collector – Emitter Saturation Voltage
(IC = 500 mAdc, IB = 50 mAdc)
(IC = 100 mAdc, IB = 10 mAdc)
VCE(sat)
0.7
0.3
Vdc
Base – Emitter Saturation Voltage
(IC = 500 mAdc, IB = 50 mAdc)
VBE(sat)
2.0
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = 20 mAdc, VCE = 10 Vdc, f = 100 MHz)
fT
100
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
12
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
80
pF
Noise Figure
(VCE = 5.0 Vdc, IC = 0.2 mAdc, RS = 1.0 kΩ, f = 1.0 kHz, BW = 200 Hz)
NF
10
dB
SWITCHING CHARACTERISTICS
Turn–On Time
(IB1 = IB2 = 15 mAdc)
ton
100
ns
Turn–Off Time
(IC = 150 mAdc, RL = 150 Ω)
toff
400
ns


Similar Part No. - BCW65ALT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BCW65ALT1 ONSEMI-BCW65ALT1 Datasheet
63Kb / 4P
   General Purpose Transistors(NPN Silicon)?
February, 2005 ??Rev. 3
logo
Leshan Radio Company
BCW65ALT1 LRC-BCW65ALT1 Datasheet
52Kb / 2P
   General Purpose Transistors(NPN Silicon)
logo
ON Semiconductor
BCW65ALT1 ONSEMI-BCW65ALT1 Datasheet
33Kb / 4P
   General Purpose Transistor
February, 2005 ??Rev. 3
BCW65ALT1 ONSEMI-BCW65ALT1 Datasheet
115Kb / 3P
   General Purpose Transistor
August, 2009 ??Rev. 5
logo
WILLAS ELECTRONIC CORP
BCW65ALT1 WILLAS-BCW65ALT1 Datasheet
302Kb / 3P
   General Purpose Transistors
More results

Similar Description - BCW65ALT1

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJX3904 FAIRCHILD-FJX3904 Datasheet
41Kb / 4P
   General Purpose Transistor
logo
Rohm
EML17 ROHM-EML17 Datasheet
76Kb / 4P
   General purpose transistor
logo
Unisonic Technologies
2SA1774 UTC-2SA1774 Datasheet
105Kb / 3P
   GENERAL PURPOSE TRANSISTOR
2SC4617 UTC-2SC4617 Datasheet
107Kb / 4P
   GENERAL PURPOSE TRANSISTOR
BCX70 UTC-BCX70 Datasheet
114Kb / 2P
   GENERAL PURPOSE TRANSISTOR
logo
STMicroelectronics
BC141-16 STMICROELECTRONICS-BC141-16 Datasheet
423Kb / 5P
   GENERAL PURPOSE TRANSISTOR
logo
Fairchild Semiconductor
KSP2222 FAIRCHILD-KSP2222 Datasheet
37Kb / 4P
   General Purpose Transistor
BCX70H FAIRCHILD-BCX70H_02 Datasheet
77Kb / 3P
   General Purpose Transistor
logo
Motorola, Inc
BCW68GLT1 MOTOROLA-BCW68GLT1 Datasheet
82Kb / 4P
   General Purpose Transistor
MPS3906 MOTOROLA-MPS3906 Datasheet
433Kb / 8P
   General Purpose Transistor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com