Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCW60DLT1 Datasheet(PDF) 4 Page - Motorola, Inc

Part # BCW60DLT1
Description  General Purpose Transistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

BCW60DLT1 Datasheet(HTML) 4 Page - Motorola, Inc

  BCW60DLT1 Datasheet HTML 1Page - Motorola, Inc BCW60DLT1 Datasheet HTML 2Page - Motorola, Inc BCW60DLT1 Datasheet HTML 3Page - Motorola, Inc BCW60DLT1 Datasheet HTML 4Page - Motorola, Inc BCW60DLT1 Datasheet HTML 5Page - Motorola, Inc BCW60DLT1 Datasheet HTML 6Page - Motorola, Inc BCW60DLT1 Datasheet HTML 7Page - Motorola, Inc BCW60DLT1 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
BCW60ALT1 BCW60BLT1 BCW60DLT1
4
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TYPICAL STATIC CHARACTERISTICS
Figure 8. DC Current Gain
IC, COLLECTOR CURRENT (mA)
400
0.004
TJ = 125°C
– 55
°C
25
°C
VCE = 1.0 V
VCE = 10 V
Figure 9. Collector Saturation Region
IC, COLLECTOR CURRENT (mA)
1.4
Figure 10. Collector Characteristics
IC, COLLECTOR CURRENT (mA)
1.0
2.0
5.0
10
20
50
1.6
100
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = 1.0 V
*
qVC for VCE(sat)
qVB for VBE
0.1
0.2
0.5
Figure 11. “On” Voltages
IB, BASE CURRENT (mA)
0.4
0.6
0.8
1.0
0.2
0
0.002
TJ = 25°C
IC = 1.0 mA
10 mA
100 mA
Figure 12. Temperature Coefficients
50 mA
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
40
60
80
100
20
0
0
TA = 25°C
PULSE WIDTH = 300
µs
DUTY CYCLE
≤ 2.0%
IB = 500 µA
400
µA
300
µA
200
µA
100
µA
*APPLIES for IC/IB ≤ hFE/2
25
°C to 125°C
– 55
°C to 25°C
25
°C to 125°C
– 55
°C to 25°C
40
60
0.006 0.01
0.02 0.03
0.05 0.07 0.1
0.2
0.3
0.5 0.7
1.0
2.0
3.0
5.0 7.0 10
20
30
50
70 100
0.005 0.01 0.02 0.05 0.1 0.2
0.5
1.0 2.0
5.0 10
20
5.0
10
15
20
25
30
35
40
1.2
1.0
0.8
0.6
0.4
0.2
0
– 2.4
0.8
0
– 1.6
– 0.8
1.0
2.0
5.0
10
20
50
100
0.1
0.2
0.5
200
100
80


Similar Part No. - BCW60DLT1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BCW60D PHILIPS-BCW60D Datasheet
42Kb / 8P
   NPN general purpose transistors
1999 Apr 22
logo
Guangdong Kexin Industr...
BCW60D KEXIN-BCW60D Datasheet
38Kb / 2P
   NPN General Purpose Transistors
logo
Samsung semiconductor
BCW60D SAMSUNG-BCW60D Datasheet
35Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
NXP Semiconductors
BCW60D NXP-BCW60D Datasheet
126Kb / 6P
   NPN general purpose transistors
1999 Apr 22
logo
Siemens Semiconductor G...
BCW60D SIEMENS-BCW60D Datasheet
282Kb / 9P
   NPN Silicon AF Transistors (For AF input stages and driver applications High current gain)
More results

Similar Description - BCW60DLT1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
2N4403 ONSEMI-2N4403 Datasheet
106Kb / 7P
   General Purpose Transistors
March, 2007 ??Rev. 3
logo
E-Tech Electronics LTD
BC846ALT1 ETL-BC846ALT1 Datasheet
194Kb / 4P
   General Purpose Transistors
logo
List of Unclassifed Man...
SC2412KLT1 ETC1-SC2412KLT1 Datasheet
151Kb / 3P
   General Purpose Transistors
logo
Motorola, Inc
BCW61BLT1 MOTOROLA-BCW61BLT1 Datasheet
394Kb / 8P
   General Purpose Transistors
logo
ON Semiconductor
MMBT2131T1 ONSEMI-MMBT2131T1_06 Datasheet
66Kb / 4P
   General Purpose Transistors
January, 2006 ??Rev. 4
MMBT2222LT1G ONSEMI-MMBT2222LT1G_09 Datasheet
132Kb / 7P
   General Purpose Transistors
October, 2009 ??Rev. 9
SBC847CWT1G ONSEMI-SBC847CWT1G Datasheet
107Kb / 13P
   General Purpose Transistors
August, 2014 ??Rev. 10
logo
WILLAS ELECTRONIC CORP
2SA812XLT1 WILLAS-2SA812XLT1 Datasheet
351Kb / 5P
   General Purpose Transistors
MMBT3906TT1 WILLAS-MMBT3906TT1 Datasheet
378Kb / 6P
   General Purpose Transistors
BC817-XXLT1 WILLAS-BC817-XXLT1 Datasheet
164Kb / 3P
   General Purpose Transistors
logo
ON Semiconductor
BC846ALT1G ONSEMI-BC846ALT1G_15 Datasheet
116Kb / 13P
   General Purpose Transistors
March, 2015 ??Rev. 14
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com