Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

U15A05PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # U15A05PT
Description  ULTRA FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

U15A05PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  U15A05PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. U15A05PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( U15A05PT THRU U15A60PT )
FIG. 3 - TYPICAL INSTANTANEOUS FORWARD
CHARCTERISTICS
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2 - MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
CASE TEMPERATURE, (
oC )
NUMBER OF CYCLES AT 60HZ
16.0
300
250
100
150
200
50
0
100
10
1.0
0.1
12.0
8.0
4.0
0
0.1
1.0
10
100
120
INSTANTANEOUS FORWARD VOLTAGE, (V)
0
0.1
0.3
0.5
0.7
0.9
1.1
1.3
1.5
1.7
0
20
40
60
80
100
140
0
25
50
75
100
125
150
0
2
4
6
8 10
20
40
60
100
TJ = 25
oC
U15A05PT~U15A20PT
TJ = 25
oC
TJ = 100
oC
TJ = 75
oC
Single
Half Wave 60HZ
Resistive or
Inductive Load
8.3 ms Single Half
Sine-Wave (JEDEC Method)
PULSE WIDTH=300uS
1% DUTY CYCLE
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, ( V )
10
100
1000
.1
.4
1.0
4
10
40
80
TJ =25
oC
U15A50PT&60PT
U15A30PT~U15A40PT
U15A05PT~U15A20PT
U15A30PT~U15A60PT


Similar Part No. - U15A05PT

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
U15A05 MOSPEC-U15A05 Datasheet
132Kb / 2P
   FAST RECTIFIERS(15A,50-200V)
More results

Similar Description - U15A05PT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
UF5400 PFS-UF5400 Datasheet
170Kb / 2P
   ULTRA FAST RECTIFIER
logo
Solid States Devices, I...
SDR6K SSDI-SDR6K_2 Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0146C SSDI-RC0146C_15 Datasheet
107Kb / 2P
   Ultra Fast Rectifier
RU0019D SSDI-RU0019D_15 Datasheet
153Kb / 2P
   Ultra Fast Rectifier
RU0085 SSDI-RU0085_15 Datasheet
313Kb / 2P
   ULTRA FAST RECTIFIER
RU0121D SSDI-RU0121D_15 Datasheet
46Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D_15 Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0135A SSDI-RC0135A Datasheet
112Kb / 2P
   ULTRA FAST RECTIFIER
RC0164A SSDI-RC0164A Datasheet
138Kb / 2P
   ULTRA FAST RECTIFIER
RU0143D SSDI-RU0143D Datasheet
95Kb / 2P
   ULTRA FAST RECTIFIER
RC0065 SSDI-RC0065_15 Datasheet
48Kb / 2P
   ULTRA FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com