Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SR390PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # SR390PT
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

SR390PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  SR390PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. SR390PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SR370PT
THRU
SR3100PT
CHENMKO ENTERPRISE CO.,LTD
SCHOTTKY BARRIER RECTIFIER
VOLTAGE RANGE 70 - 100 Volts
CURRENT 3.0 Amperes
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2001-6
Maximum Average Reverse Current
at Rated DC Blocking Voltage
CHARACTERISTICS
SYMBOL
SR370PT
SR380PT
SR390PT
SR3100PT
UNITS
0.75
0.80
@ TA = 25
oC
@ TA = 100
oC
3.0
30
mAmps
mAmps
Volts
Maximum Instantaneous Forward Voltage at 3.0 A DC
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
0.375" (9.5mm) lead length (SEE FIG.1)
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 1)
Typical Thermal Resistance (Note 2)
Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
VF
IR
TSTG
IFSM
UNITS
Volts
Volts
Volts
Amps
SR370PT
70
49
70
3.0
80
200
30
-65 to +150
Amps
pF
oC / W
oC
Operating Temperature Range
TJ
-65 to +150
oC
SR380PT
80
56
80
SR390PT
90
63
90
SR3100PT
100
70
100
R JA
1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts
2. Thermal Resistance ( Junction to Ambient ) : Vertical PC Board Mounting, 0.5" (12.7mm) Lead Length.
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Low switching noise
* Low forward voltage drop
* High current capability
* High switching capability
* High reliability
* High surge capability
* High temperature soldering guaranteed :
260
oC/10 seconds , 0.375" (9.5mm) lead length,
5lbs. (2.3kg) tension
Case: JEDEC DO-201AD molded plastic body
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 1.18 grams
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
DO-201AD
DO-201AD
Dimensions in inches and (millimeters)
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
0.052(1.3)
0.048(1.2)
DIA.
0.220(5.6)
0.197(5.0)
0.375(9.5)
0.335(8.5)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
DIA.


Similar Part No. - SR390PT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SR390 ETC-SR390 Datasheet
89Kb / 1P
   3.0 Amp SCHOTTKY RECTIFIERS
logo
ASEMI TECHNOLOGY., LTD
SR390 ASEMI-SR390 Datasheet
62Kb / 2P
   axial ultra-fast recovery diode
2018.11 Rev.3.1
logo
First Components Intern...
SR390 FCI-SR390 Datasheet
91Kb / 1P
   3.0 Amp SCHOTTKY RECTIFIERS
logo
Shenzhen Luguang Electr...
SR390 LUGUANG-SR390 Datasheet
160Kb / 2P
   3.0 AMP. Schottky Barrier Rectifiers
logo
Shanghai Shunye Electro...
SR390 SHUNYE-SR390 Datasheet
233Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SR390PT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com