Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRA60-S12-8 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TRA60-S12-8
Description  60 ~ 72 Watts Power Adapters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TRA60-S12-8 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TRA60-S12-8 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TRA60/TRA65/TRA72 Series
60~72Watts
FEATURES
MODEL LIST
SPECIFICATIONS
• Universal input
• 2-pin or 3-pin AC inlet
• Optional output connectors
• OVP, OPP, auto recovery
• CEC compliant
Input Voltage......................................
.............100VAC~240VAC
.....
Inrush Current................................ 30A at 115VAC/60A at 230VAC
Dielectric Withstand.....................................Input/Output 3000VDC
Efficiency............................................>=85% for CEC requirement
Standby Power........< 0.5W @ no load on CEC compliant models
No Load Stand By Power..................................< 0.5W @ 230 VAC
Hold Up Time................................................10mS at Nominal Line
Output Voltage ..........................................12 ~ 48V, factory preset
Load Regulation...............................................................±5% max.
Ripple & Noise..............................................................2% p-p max.
Operating Temperature................................................0ºC to +40ºC
Storage Temperature................................................-20ºC to +85ºC
Protections.....................OCP, OVP, Over Power & Short Circuit
Safety Standard….................................IEC/UL/EN60950-1, CE, CB
EMC Standard.................EN55022 (CISPR22) class B, FCC class B
Standard Output Connector............................................Barrel plug
Standard Output Cable / Length...................UL1185, #18AWG / 5 Ft
Mechanical Drawing
Mechanical Drawing
CB
P S
E
V
Product No
.
Output*
Voltage
Output
Current
Max Watts
.
CEC*
TRA60-S12-x
12~15V
5.0~4.0A
60W
TRA60-S15-x
15~18V
4.0~3.33A
60W
TRA60-S24-x
18~24V
3.33~2.5A
60W
TRA60-S36-x
30~36V
2.0~1.67A
60W
TRA60-S48-x
40~48V
1.5~1.25A
60W
TRA65-S24-x
18~24V
3.6~2.7A
65W
TRA72-S24-x
24V
3.0A
72W
TRA72-S36-x
30~36V
2.4~2.0A
72W
TRA72-S48-x
40~48V
1.8~1.5A
72W
*Add suffix “G” for CEC compliant models, e.g. TRA72-S36-4G.
Power Adapters
R2.00
53 mm
C14
R2.00
53
0.1 mm
_
+
C8
R2.00
53
0.1 mm
_
+
C6
1C+SHIELED 18#AWG UL
core for EMI
2.20
110.5±0.1mm
1200±30mm
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TRUMPower
6
8
AC Inlet Type
IEC320/C14
IEC320/C6
IEC320/C8
Code x
4
*Specify output voltage when ordering, e.g. TRA60-S30-6 for 30V.


Similar Part No. - TRA60-S12-8

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TRA60-S12-x TRUMPOWER-TRA60-S12-x Datasheet
221Kb / 1P
   60 ~ 72 Watts Power Adapters
More results

Similar Description - TRA60-S12-8

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TRA60-65-72 TRUMPOWER-TRA60-65-72 Datasheet
221Kb / 1P
   60 ~ 72 Watts Power Adapters
TRA150 TRUMPOWER-TRA150 Datasheet
66Kb / 1P
   120 ~ 180 Watts Power Adapters
TRM30 TRUMPOWER-TRM30 Datasheet
116Kb / 1P
   30 Watts Medical Power Adapters
TMP90 TRUMPOWER-TMP90 Datasheet
211Kb / 2P
   90 WATTS MEDICAL POWER ADAPTERS
TRA150-180 TRUMPOWER-TRA150-180 Datasheet
66Kb / 1P
   120 ~ 180 Watts Power Adapters
TMP65 TRUMPOWER-TMP65 Datasheet
103Kb / 2P
   65 Watts Medical Grade Power Adapters
TMP400 TRUMPOWER-TMP400 Datasheet
84Kb / 2P
   400 Watts Medical & ITE Power Adapters
TRA32 TRUMPOWER-TRA32 Datasheet
74Kb / 1P
   20-32 Watts Desktop Power Adapters
TPA150 TRUMPOWER-TPA150 Datasheet
94Kb / 2P
   150 Watts Multiple Outputs Power Adapters
TMP92 TRUMPOWER-TMP92 Datasheet
167Kb / 2P
   90 Watts Medical Grade Power Adapters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com