Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRM15-S05-4 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TRM15-S05-4
Description  10-15 Watt Medical Power Adapters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TRM15-S05-4 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TRM15-S05-4 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Mechanical Drawing :(mm)
Mechanical Drawing :(mm)
42.80
42.80
42.80
105.7
US plug
British plug
X=B)
(
EU plug (X=E)
43.50
35.70
35.70
43.50
43
81
35.70
35.70
43.50
Australian plug
X=A)
(
Desktop
Wall Mout Fixed Plugs
IEC320/C14
IEC320/C6
IEC320/C8
43.50
36.5
40.5
IA
IB
IE
IU/IC
Wall Mount Interchangeable Plugs
TRM15 Series
MODEL LIST
FEATURES
SPECIFICATIONS
Input Voltage Range……….……………………………..90~264VAC
Input Current (rms)………………………………………….0.5A Max.
Efficiency………………..………………………..75% typ. at full load
Up to 79% for CEC compliant models
Standby Power........< 0.3W @ no load for CEC compliant models
Output Voltage……………................…...3V ~ 48V, factory preset
Voltage Regulation……………………..……………………±5% Max.
Leakage Current……………………………………..……0.1mA Max.
Operating Temperature………....……….……….........…0ºC ~ 40ºC
Storage Temperature…………......………….……….. -20ºC ~ 85ºC
Operating Humidity……………………………….....20% to 90% RH
Protections….............................………………..…OVP, OLP, SCP
Safety Standards…......UL2601-1, TUV, EN60601-1, CE, CB, CCC
EMC Standards….....…....EN55011(CISPR11), BSMI, FCC class B
Standard Output Connector.........................................Barrel plug
Output Cable / Length............................. #18AWG / 4Ft (Desktop)
#18AWG / 5Ft (Wall Mount)
CB
V
Product No.
Output
Voltage
Output
Current
Output
Wattage
*CEC
TRM15-S03-X
3~5V
3.4~2.0A
10W
TRM15-S05-X
5V~6V
2.0~2.67A
10W
TRM15-S07-X
6V~8V
2.0~1.5A
12W
TRM15-S09-X
8V~11V
1.87~1.36A
15W
TRM15-S12-X
11V~13V
1.36~1.15A
15W
TRM15-S15-X
13V~16V
1.15 0.94A
~
15W
TRM15-S18-X
16V~21V
0.94~0.72A
15W
TRM15-S24-X
21V~27V
0.72 0.56A
~
15W
• 90~264VAC universal input
• Interchangeable plugs available (kit sold separately)
• Single 10~15W, 3~48VDC output
• Compliant with CEC efficiency level IV regulations
* Specify output voltage when ordering.
* Add suffix “G” for CEC compliant models, e.g. TRM15-S19-4G.
* For output connector options, please consult TRUMPower.
10-15 Watt Medical Power Adapters
EN 60601-1
IEC 60601-1
Wall Mount Plug Type
US plug
EU plug
British plug
Australian plug
Interchangeable
Code X
U
E
B
A
I
TRUMPower
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616 • Fax: 408-988-6622 • email: sales@trumpower.com • Website: www.TRUMPower.com
*
AC Inlet Type
IEC320/C14
IEC320/C6
IEC320/C8
Code X
4
6
8


Similar Part No. - TRM15-S05-4

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TRM15-S05-X TRUMPOWER-TRM15-S05-X Datasheet
126Kb / 1P
   10-15 Watt Medical Power Adapters
More results

Similar Description - TRM15-S05-4

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TRM15 TRUMPOWER-TRM15_16 Datasheet
126Kb / 1P
   10-15 Watt Medical Power Adapters
TMP30 TRUMPOWER-TMP30 Datasheet
191Kb / 2P
   30 WATT MEDICAL POWER ADAPTERS
TMP110 TRUMPOWER-TMP110 Datasheet
169Kb / 2P
   110 WATT MEDICAL POWER ADAPTERS
TMP150 TRUMPOWER-TMP150 Datasheet
172Kb / 2P
   150 WATT MEDICAL POWER ADAPTERS
TMP55 TRUMPOWER-TMP55 Datasheet
153Kb / 2P
   55 WATT MEDICAL POWER ADAPTERS
TMP120 TRUMPOWER-TMP120 Datasheet
178Kb / 2P
   120 WATT MEDICAL POWER ADAPTERS
TMP130 TRUMPOWER-TMP130 Datasheet
183Kb / 2P
   130 WATT MEDICAL POWER ADAPTERS
TMP180 TRUMPOWER-TMP180 Datasheet
78Kb / 2P
   180 WATT MEDICAL POWER ADAPTERS
TRM24 TRUMPOWER-TRM24 Datasheet
127Kb / 1P
   12-24 Watt Medical Power Adapters
TMP60 TRUMPOWER-TMP60 Datasheet
241Kb / 2P
   30-60 WATT MEDICAL POWER ADAPTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com