Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRA180-12-4 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TRA180-12-4
Description  120 ~ 180 Watts Power Adapters
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TRA180-12-4 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TRA180-12-4 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
120 ~ 180 Watts Power Adapters
Mechanical Drawing: (mm)
Mechanical Drawing: (mm)
TRA150/TRA180 Series
MODEL LIST
TUV
Rheinland
Product Safety
TUV
Rheinland
Product Safety
geprUfre
Sicherheit
geprUfre
Sicherheit
CB
V
FEATURES
SPECIFICATIONS
Input Voltage Range………….…….......……………….90~264VAC
Input Current (rms)……………………..........…………….2.3A Max.
Efficiency……………………….........85% typ. @ full load, vin=230V
Standby Power.........
Output Voltage…….....……............................................See chart
Voltage Regulation……………..…………………….…….±5% ~ ±3%
Operating Temperature…….....................................-20ºC ~ +70ºC
Derating.........Derate from 100% at 40ºC linearly to 50% at 70ºC
Storage Temperature….....………….…………………..-20ºC ~ 85ºC
Operating Humidity……….……………………….....20% to 90% RH
Protections………..................................…………..OVP, OLP, SCP
Cooling .…………………….....…………………...Convection-cooled
Safety Standards……......................…IEC/UL/EN60950-1, CE, CB
EMI Standards.............EN55022/CISPR22, BSMI, FCC class B
< 0.5W @ no load for CEC compliant models
Standard Output Connector..................................4-pin power DIN
Standard Output Cable Length................................................4 Ft.
All specifications are typical at nominal line, full load and 25ºC
unless otherwise noted.
• Universal input
• Over voltage protection
• Overload and short circuit protections
• High performance and low cost
• AC power switch
• Class I or Class II insulation
• CEC IV compliant
170.80±0.3
65.35 0.2
±
C3X45
o
Product No.
Output
Voltage
Output
Current
Total
Reg.
Ripple
Noise
Max.
Output
TRA150-12-X
12V
10.0A
±5%
±0.5%
120W
TRA150-15-X
15V
8.0A
±5%
±0.5%
120W
TRA150-24-X
24V
6.25A
±3%
±0.5%
150W
TRA150-36-X
36V
4.16A
±3%
±0.5%
150W
TRA150-48-X
48V
3.12A
±3%
±0.5%
150W
TRA180-12-X
12V
12.5A
±5%
±0.5%
150W
TRA180-15-X
15V
10.0A
±5%
±0.5%
150W
TRA180-19-X
19V
7.89A
±5%
±0.5%
150W
TRA180-24-X
24V
7.50A
±3%
±0.5%
180W
TRA180-36-X
36V
5.00A
±3%
±0.5%
180W
TRA180-48-X
48V
3.75A
±3%
±0.5%
180W
CEC
C14
C6
C8
PE Bag
Tie
Tie
UL 1571 #14AWG*1C+S Black
1200±30mm
Metal Shield
PIN 1
PIN 2
PIN 3
PIN 4
SHIELD
21
43
PRODUCT
LABEL
AC Inlet Type
Code X
IEC320/C14
IEC320/C6
IEC320/C8
6
8
TRUMPower
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616 • Fax: 408-988-6622 • email: sales@trumpower.com • Website: www.TRUMPower.com
*Add suffix “G” for CEC compliant models, e.g. TRA150-12-6G.
4


Similar Part No. - TRA180-12-4

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TRA180-12-X TRUMPOWER-TRA180-12-X Datasheet
66Kb / 1P
   120 ~ 180 Watts Power Adapters
More results

Similar Description - TRA180-12-4

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TRA150-180 TRUMPOWER-TRA150-180 Datasheet
66Kb / 1P
   120 ~ 180 Watts Power Adapters
TMP135 TRUMPOWER-TMP135 Datasheet
107Kb / 2P
   120-135 Watts Medical & ITE Power Adapters
3G-18-180 TRUMPOWER-3G-18-180 Datasheet
217Kb / 2P
   180 WATT POWER ADAPTERS
3G TRUMPOWER-3G Datasheet
217Kb / 2P
   180 WATT POWER ADAPTERS
TMP180 TRUMPOWER-TMP180 Datasheet
78Kb / 2P
   180 WATT MEDICAL POWER ADAPTERS
3RE TRUMPOWER-3RE Datasheet
226Kb / 2P
   120 WATT POWER ADAPTERS
3RE-12-96 TRUMPOWER-3RE-12-96 Datasheet
226Kb / 2P
   120 WATT POWER ADAPTERS
TRA60-65-72 TRUMPOWER-TRA60-65-72 Datasheet
221Kb / 1P
   60 ~ 72 Watts Power Adapters
TRA60 TRUMPOWER-TRA60 Datasheet
221Kb / 1P
   60 ~ 72 Watts Power Adapters
TRM30 TRUMPOWER-TRM30 Datasheet
116Kb / 1P
   30 Watts Medical Power Adapters
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com