Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TM450-S24 Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # TM450-S24
Description  450 WATT MEDICAL POWER SUPPLIES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TM450-S24 Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  TM450-S24 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TM450-S24 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower TM450-S24 Datasheet HTML 3Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MEDICAL GRADE
TM450 SERIES
Maximum
Output # 1
Output # 2
Output # 3
Output
Product No.
Vnom.
Imin.
Imax.
Tol.
Vnom.
Imin.
Imax.
Tol.
Vnom.
Imin.
Imax.
Tol.
Power
TM450-S12
12V
0A
37.5A
2%
450W
TM450-S15
15V
0A
30A
2%
450W
TM450-S24
24V
0A
18.75A
2%
450W
TM450-S27
27V
0A
16.7A
2%
450W
TM450-S30
30V
0A
15A
2%
450W
TM450-S40
40V
0A
12A
2%
480W
TM450-S48
48V
0A
10A
2%
480W
TM450-S55
55V
0A
8.73A
2%
480W
TM450-D20
24V
1.0A
12A
2%
12V
1.0A
17A
5%
450W
TM450-D21
24V
1.0A
12A
2%
15V
0.75A
15A
5%
450W
TM450-D22
48V
0.5A
6A
2%
24V
0.5A
10A
5%
450W
TM450-D23
48V
0.5A
6A
2%
12V
1.0A
17A
5%
450W
TM450-D24
48V
0.5A
6A
2%
15V
0.75A
15A
5%
450W
TM450-T30
24V
1.0A
12A
2%
12V
1.0A
17A
5%
3.3V
0A
8A
3%
450W
TM450-T31
24V
1.0A
12A
2%
15V
0.75A
15A
5%
3.3V
0A
8A
3%
450W
TM450-T32
24V
1.0A
12A
2%
12V
1.0A
17A
5%
5.1V
0A
8A
3%
450W
TM450-T33
24V
1.0A
12A
2%
15V
0.75A
15A
5%
5.1V
0A
8A
3%
450W
TM450-T34
48V
0.5A
6A
2%
12V
1.0A
17A
5%
3.3V
0A
8A
3%
450W
TM450-T35
48V
0.5A
6A
2%
15V
0.75A
15A
5%
3.3V
0A
8A
3%
450W
TM450-T36
48V
0.5A
6A
2%
12V
1.0A
17A
5%
5.1V
0A
8A
3%
450W
TM450-T37
48V
0.5A
6A
2%
15V
0.75A
15A
5%
5.1V
0A
8A
3%
450W
NOTES:
1.
Add suffix “C” for enclosed format with fan control function, e.g. TM450-S24C.
2.
All outputs are floating. It can be connected externally for positive or negative output.
3.
Output #1 can be adjusted within ±5% of their nominal voltage.
4.
Output #3 can be adjusted within ±15% of their nominal voltage.
5.
450~480 watts for “C” version with cover-and-fan assembly. 225~240 watts for U-bracket version without moving air
(maximum current of output #1 & 2 derated to 50%), or 450 watts with 40 CFM forced air provided by user.
6.
All models may operate at no-load. At no-load, output voltage tolerance increases to 10%.
MECHANICAL SPECIFICATIONS
Single Output Models
NOTES:
1.
Dimensions shown in inch [mm].
2.
Tolerance 0.02 [0.5] maximum.
3.
Input connector P1 is Dinkle
DT-35-B01W-03 screws are M3, Nickel
plated.
4.
Connector P4 mates with Molex housing
50-37-5103 and pins 5263.
5.
P2-1, P2-2, P3-1 & P3-2: M3*0.5 screw
connections.
6.
Weight: 1,800 grams
OUTPUT VOLTAG/CURRENT RATING CHART
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● Fax: 408-988-6622 ● email: sales@trumpower.com ● Website: www.TRUMPower.com


Similar Part No. - TM450-S24

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
TM4530P MORNSUN-TM4530P Datasheet
312Kb / 3P
   Isolated Transmitter
More results

Similar Description - TM450-S24

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
PMMK450S ASTRODYNE-PMMK450S Datasheet
1Mb / 10P
   Medical 450 Watt Enclosed & U-Channel Power Supplies with PFC
logo
Tumbler Technologies + ...
TM650 TRUMPOWER-TM650 Datasheet
273Kb / 3P
   650 WATT MEDICAL POWER SUPPLIES
TM66 TRUMPOWER-TM66 Datasheet
244Kb / 2P
   65 WATT MEDICAL POWER SUPPLIES
TM300 TRUMPOWER-TM300 Datasheet
277Kb / 3P
   300 WATT MEDICAL POWER SUPPLIES
PM65 TRUMPOWER-PM65 Datasheet
220Kb / 2P
   65 WATT MEDICAL POWER SUPPLIES
TM110 TRUMPOWER-TM110 Datasheet
263Kb / 2P
   110 WATT MEDICAL POWER SUPPLIES
TM200 TRUMPOWER-TM200 Datasheet
173Kb / 2P
   200 WATT MEDICAL POWER SUPPLIES
PM40AL TRUMPOWER-PM40AL Datasheet
211Kb / 2P
   40 WATT MEDICAL POWER SUPPLIES
logo
TRACO Electronic AG
TPP450 TRACOPOWER-TPP450 Datasheet
1Mb / 6P
   AC/DC Medical Power Supply TPP 450 Series, 450 Watt
Rev. March 16, 2023
logo
Tumbler Technologies + ...
TM25 TRUMPOWER-TM25 Datasheet
248Kb / 3P
   25-28 WATT MEDICAL POWER SUPPLIES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com