Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP13064BN Datasheet(PDF) 10 Page - Texas Instruments

Part # TP13064BN
Description  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TP13064BN Datasheet(HTML) 10 Page - Texas Instruments

Back Button TP13064BN Datasheet HTML 6Page - Texas Instruments TP13064BN Datasheet HTML 7Page - Texas Instruments TP13064BN Datasheet HTML 8Page - Texas Instruments TP13064BN Datasheet HTML 9Page - Texas Instruments TP13064BN Datasheet HTML 10Page - Texas Instruments TP13064BN Datasheet HTML 11Page - Texas Instruments TP13064BN Datasheet HTML 12Page - Texas Instruments TP13064BN Datasheet HTML 13Page - Texas Instruments TP13064BN Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
TP3064B, TP3067B, TP13064B, TP13067B
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS031D – MAY 1990 –REVISED JULY 1996
10
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
power supply rejection
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
V
5 V
100
V
f=0Hzto4kHz
A-law
38
dB
Positive power-supply rejection, transmit
VCC = 5 V + 100 mVrms,
VFXI+ = – 50 dBm0
f = 0 Hz to 4 kHz
µ-law
38
dBC†
VFXI+ = – 50 dBm0
f = 4 kHz to 50 kHz
40
dB
V
5 V
100
V
f=0Hzto4kHz
A-law
35
dB
Negative power-supply rejection, transmit
VBB = – 5 V + 100 mVrms,
VFXI+ = – 50 dBm0
f = 0 Hz to 4 kHz
µ-law
35
dBC†
VFXI+ = – 50 dBm0
f = 4 kHz to 50 kHz
40
dB
PCM
d
l
iti
f=0Hzto4kHz
A-law
40
dB
Positive power-supply rejection, receive
PCM code equals positive zero,
VCC =5V+100 mVrms
f = 0 Hz to 4 kHz
µ-law
40
dBC†
VCC = 5 V + 100 mVrms
f = 4 kHz to 50 kHz
40
dB
PCM
d
l
iti
f=0Hzto4kHz
A-law
38
dB
Negative power-supply rejection, receive
PCM code equals positive zero,
VBB = – 5 V + 100 mVrms
f = 0 Hz to 4 kHz
µ-law
38
dBC†
VBB = – 5 V + 100 mVrms
f = 4 kHz to 50 kHz
40
dB
S
0 dBm0, 300-Hz to 3400-Hz input applied to DR (measure individual
image signals at VFRO)
–30
dB
Spurious out-of-band signals at the
channel output (VFRO)
f = 4600 Hz to 7600 Hz
–33
channel output (VFRO)
f = 7600 Hz to 8400 Hz
–40
dB
f = 8400 Hz to 100 kHz
–40
† The unit dBC applies to C-message weighting.
distortion
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Level = 3 dBm0
33
Level = 0 dBm0 to – 30 dBm0
36
Signal to distortion ratio transmit or receive half channel‡
Level =
40 dBm0
Transmit
29
dBC†
Signal-to-distortion ratio, transmit or receive half-channel‡
Level = – 40 dBm0
Receive
30
dBC†
Level =
55 dBm0
Transmit
14
Level = – 55 dBm0
Receive
15
Single-frequency distortion products, transmit
–46
dB
Single-frequency distortion products, receive
–46
dB
Intermodulation distortion
Loop-around measurement,
VFXI+ = – 4 dBm0 to – 21 dBm0,
Two frequencies in the range of 300 Hz to 3400 Hz
–41
dB
Level = – 3 dBm0
33
Si
l t di t ti
ti
t
it h lf h
l (A l
)
Level = – 6 dBm0 to – 27 dBm0
36
Signal-to-distortion ratio, transmit half-channel (A-law)
(CCITT G 714)§
Level = – 34 dBm0
33.5
dB
(CCITT G.714)§
Level = – 40 dBm0
28.5
Level = – 55 dBm0
13.5
Level = – 3 dBm0
33
Si
l t di t ti
ti
i
h lf h
l (A l
)
Level = – 6 dBm0 to – 27 dBm0
36
Signal-to-distortion ratio, receive half-channel (A-law)
(CCITT G 714)§
Level = – 34 dBm0
34.2
dB
(CCITT G.714)§
Level = – 40 dBm0
30
Level = – 55 dBm0
15
† The unit dBC applies to C-message weighting.
‡ Sinusoidal test method (see Note 6).
§ Pseudo-noise test method
NOTE 6: The TP13064A and TP3064A are measured using a C-message filter. The TP13067A and TP3067A are measured using a
psophometric weighted filter.


Similar Part No. - TP13064BN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TP13064A TI-TP13064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP13064ADW TI-TP13064ADW Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP13064AN TI-TP13064AN Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results

Similar Description - TP13064BN

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054A TI-TP3054A Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3057BDWR TI1-TP3057BDWR Datasheet
250Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com