Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SFR105PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # SFR105PT
Description  FAST SWITCHING RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

SFR105PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  SFR105PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. SFR105PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
SFR101PT
THRU
SFR106PT
DO-41
DO-41
Dimensions in inches and (millimeters)
CHENMKO ENTERPRISE CO.,LTD
VOLTAGE RANGE 50 - 800 Volts
CURRENT 1.0 Ampere
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2001-6
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Current at TA = 55
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 1)
Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
TSTG
IFSM
UNITS
Volts
Volts
Volts
Amps
1.0
30
12
-65 to +150
Amps
pF
oC
Operating Temperature Range
TJ
-65 to +125
oC
1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts
2. Test Conditions : IF = 0.5 A, IR = -1.0 A, IRR = -0.25 A
SFR101PT
50
35
50
SFR103PT
200
140
200
SFR104PT
400
280
400
SFR105PT
600
420
600
SFR106PT
800
560
800
SFR102PT
100
70
100
0.034(0.9)
0.028(0.7)
DIA.
0.107(2.7)
0.080(2.0)
0.205(5.2)
0.166(4.2)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
DIA.
SOFT RECOVERY
FAST SWITCHING RECTIFIER
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High reliability
* Low leakage
* Low forward voltage drop
* High current capability
* High surge capability
* Fast switching
Case: JEDEC DO-41 molded plastic
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 0.33 gram
MECHANICAL DATA
Maximum DC Reverse Current
at Rated DC Blocking Voltage at TA = 25
oC
Maximum Full Load Reverse Current Average,
Full Cycle 0.375" (9.5mm) lead length at TL = 55
oC
CHARACTERISTICS
SYMBOL
UNITS
1.3
10
100
uAmps
uAmps
Volts
Maximum Instantaneous Forward Voltage at 1.0 A DC
VF
100
200
nSec
Maximum Reverse Recovery Time (Note 2)
trr
IR
SFR101PT
SFR103PT
SFR104PT SFR105PT
SFR106PT
SFR102PT


Similar Part No. - SFR105PT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SFR105 WTE-SFR105 Datasheet
47Kb / 3P
   1.0A SOFT FAST RECOVERY RECTIFIER
logo
Taiwan Semiconductor Co...
SFR105 TSC-SFR105 Datasheet
248Kb / 2P
   1.0 AMP. Soft Fast Recovery Rectifiers
logo
MIC GROUP RECTIFIERS
SFR105 MIC-SFR105 Datasheet
51Kb / 2P
   SOFT RECOVERY FAST SWITCHING RECTIFIER
logo
Shenzhen Luguang Electr...
SFR105 LUGUANG-SFR105 Datasheet
200Kb / 2P
   1.0 AMP. Soft Fast Recovery Rectifiers
logo
Diode Semiconductor Kor...
SFR105 DSK-SFR105 Datasheet
292Kb / 2P
   FAST RECOVERY RECTIFIERS
More results

Similar Description - SFR105PT

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
FR101 CHENG-YI-FR101 Datasheet
114Kb / 2P
   FAST SWITCHING RECTIFIER
IN4933 CHENG-YI-IN4933 Datasheet
118Kb / 2P
   FAST SWITCHING RECTIFIER
FR301 CHENG-YI-FR301 Datasheet
119Kb / 2P
   FAST SWITCHING RECTIFIER
logo
Chenmko Enterprise Co. ...
SFR301PT CHENMKO-SFR301PT Datasheet
77Kb / 2P
   FAST SWITCHING RECTIFIER
logo
Digitron Semiconductors
1N5415 DIGITRON-1N5415 Datasheet
95Kb / 1P
   FAST SWITCHING RECTIFIER
logo
General Semiconductor
SRP100A GE-SRP100A Datasheet
44Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
FR151 CHENG-YI-FR151 Datasheet
104Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Pan Jit International I...
PS150R PANJIT-PS150R_09 Datasheet
49Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
SRP100A TAYCHIPST-SRP100A Datasheet
9Mb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
logo
Yea Shin Technology Co....
FR151 YEASHIN-FR151 Datasheet
73Kb / 2P
   FAST SWITCHING PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com