Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF55PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # SF55PT
Description  SUPER FAST RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

SF55PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  SF55PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. SF55PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
SF51PT
THRU
SF56PT
DO-201AD
DO-201AD
Dimensions in inches and (millimeters)
CHENMKO ENTERPRISE CO.,LTD
VOLTAGE RANGE 50 - 600 Volts
CURRENT 5.0 Amperes
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2001-6
CHARACTERISTICS
SYMBOL
UNITS
0.95
1.75
1.27
5.0
35
uAmps
150
uAmps
nSec
Volts
Maximum Instantaneous Forward Voltage at 5.0 A DC
Maximum DC Reverse Current
at Rated DC Blocking Voltage
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Current at TA = 55
oC
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical Junction Capacitance (Note 1)
Operating and Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
CJ
VF
Maximum Reverse Recovery Time (Note 2)
trr
IR
TJ, TSTG
IFSM
UNITS
Volts
Volts
Volts
Amps
5.0
150
50
30
-65 to +150
Amps
pF
oC
SF51PT
50
35
50
SF53PT
200
140
200
SF54PT
210
300
300
SF55PT
400
280
400
SF56PT
600
420
600
SF52PT
100
70
100
1. Measured at 1.0 MHZ and applied reverse voltage of 4.0 volts
2. Test Conditions : IF = 0.5 A, IR = -1.0 A, IRR = -0.25 A
TA = 25
oC
TA = 125
oC
0.052(1.3)
0.048(1.2)
DIA.
0.220(5.6)
0.197(5.0)
0.375(9.5)
0.335(8.5)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
DIA.
GLASS PASSIVATED
SUPER FAST RECTIFIER
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* High reliability
* Low leakage
* Low forward voltage
* High current capability
* Super fast switching speed
* High surge capability
* Good for switching mode circuit
Case: JEDEC DO-201AD molded plastic
Terminals: Plated axial leads, solderable per MIL-STD-750,
Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
Weight: 1.18 grams
MECHANICAL DATA
SF56PT
SF55PT
SF54PT
SF53PT
SF52PT
SF51PT


Similar Part No. - SF55PT

ManufacturerPart #DatasheetDescription
logo
Microdiode Electronics ...
SF55 CHENDA-SF55 Datasheet
534Kb / 2P
   SUPER FAST RECTIFIER
logo
Mospec Semiconductor
SF55 MOSPEC-SF55 Datasheet
127Kb / 2P
   POWER RECTIFIERS(5.0A, 50-400V)
logo
Microdiode Electronics ...
SF55 CHENDA-SF55 Datasheet
617Kb / 2P
   SUPER FAST RECTIFIERS
logo
Galaxy Semi-Conductor H...
SF55 BILIN-SF55 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
logo
Diotech Company.
SF55 DIOTECH-SF55 Datasheet
680Kb / 2P
   SUPER FAST RECOVERY SILICON RECTIFIER
More results

Similar Description - SF55PT

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SF11 YANGJIE-SF11 Datasheet
145Kb / 2P
   Super Fast Rectifier
logo
Galaxy Semi-Conductor H...
SF11 BILIN-SF11 Datasheet
52Kb / 2P
   SUPER FAST RECTIFIER
SF31 BILIN-SF31 Datasheet
102Kb / 2P
   SUPER FAST RECTIFIER
SF51 BILIN-SF51 Datasheet
54Kb / 2P
   SUPER FAST RECTIFIER
BYM26A BILIN-BYM26A Datasheet
49Kb / 2P
   SUPER FAST RECTIFIER
SF17 BILIN-SF17 Datasheet
144Kb / 2P
   SUPER FAST RECTIFIER
logo
Jinan Jingheng (Group) ...
SF101 JINANJINGHENG-SF101 Datasheet
88Kb / 2P
   SUPER FAST RECTIFIER
SF201 JINANJINGHENG-SF201 Datasheet
89Kb / 2P
   SUPER FAST RECTIFIER
logo
CHENG-YI ELECTRONIC CO....
SF31 CHENG-YI-SF31 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
SF51 CHENG-YI-SF51 Datasheet
109Kb / 2P
   SUPER FAST RECTIFIER
logo
Galaxy Semi-Conductor H...
BYV27-50 BILIN-BYV27-50 Datasheet
124Kb / 2P
   SUPER FAST RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com