Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T2-2D2415 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # T2-2D2415
Description  DC/DC CONVERTERS 24-pin DIP, 1.5 to 3 Watts
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

T2-2D2415 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  T2-2D2415 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1.5W
1.5W
1.5W
1.5W
1.5W
1.5W
2W
2W
2W
2W
2W
2W
3W
3W
3W
3W
3W
3W
15 VDC IN
24 VDC IN
12 VDC IN
5 VDC IN
OUTPUT
POWER
MODEL NUMBER
300 mA
125 mA
100 mA
±150 mA
±62 mA
±50 mA
400 mA
166 mA
133 mA
±200 mA
±83 mA
±67 mA
600 mA
250 mA
200 mA
±300 mA
±125 mA
±100 mA
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
OUTPUT
CURRENT
OUTPUT
VOLTAGE
T2-1S0505
T2-1S0512
T2-1S0515
T2-1D0505
T2-1D0512
T2-1D0515
T2-2S0505
T2-2S0512
T2-2S0515
T2-2D0505
T2-2D0512
T2-2D0515
T2-3S0505
T2-3S0512
T2-3S0515
T2-3D0505
T2-3D0512
T2-3D0515
T2-1S1205
T2-1S1212
T2-1S1215
T2-1D1205
T2-1D1212
T2-1D1215
T2-2S1205
T2-2S1212
T2-2S1215
T2-2D1205
T2-2D1212
T2-2D1215
T2-3S1205
T2-3S1212
T2-3S1215
T2-3D1205
T2-3D1212
T2-3D1215
T2-1S1505
T2-1S1512
T2-1S1515
T2-1D1505
T2-1D1512
T2-1D1515
T2-2S1505
T2-2S1512
T2-2S1515
T2-2D1505
T2-2D1512
T2-2D1515
T2-3S1505
T2-3S1512
T2-3S1515
T2-3D1505
T2-3D1512
T2-3D1515
T2-1S2405
T2-1S2412
T2-1S2415
T2-1D2405
T2-1D2412
T2-1D2415
T2-2S2405
T2-2S2412
T2-2S2415
T2-2D2405
T2-2D2412
T2-2D2415
T2-3S2405
T2-3S2412
T2-3S2415
T2-3D2405
T2-3D2412
T2-3D2415
Rev. E01 -01/2008-
48V input and other input/output combinations available.
T2 Series
24-pin DIP, 1.5 to 3 Watts
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and Full
Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Input Voltage Range................................................±10%
Input Filter........................................................Pi Network
OUTPUT SPECIFICATIONS
Voltage Accuracy.............................................±2%, Max.
Line/Load Regulation....................................±0.5%, Max.
(Unregulated output models available upon request.)
Ripple and Noise, 20MHz BW................75 mVp-p, Max.
Short Circuit Protection..................................Continuous
Short Circuit Restart.........................................Automatic
GENERAL SPECIFICATIONS
Efficiency.............................................................50-70%
Isolation Voltage, Input to Output....1,000 VDC, Standard
3,000 VDC, Suffix "H
(6KV isolation available for some models.)
Isolation Resistance..................................109 Ohms, Min.
Switching Frequency..................................125 kHz, Typ.
Operating Temperature Range................-25°C to +71°C
Storage Temperature Range..................-40°C to +125°C
Cooling.............................................Free Air Convection
Weight............................................0.45 oz. (12.2 grams)
Case Material.....................Non-Conductive Black Plastic
1,24
12,13
11,14
-
10, 15
2,3,22,23
1,24
12,13
11,14
3,10,15,22
2,23
-
1,2
23,24
15
10,11
13
-
1,2
23,24
13
-
12
-
1,000 VDC
ISOL.
PIN CONNECTIONS
3,000 VDC
DUAL
SINGLE
DUAL
SINGLE
FUNC.
+Vin
-Vin
+Vout
Com.
-Vout
*NC
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TRUMPower
DC/DC CONVERTERS
T
*NC: No connection.
No pin on other pin locations.
BOTTOM
VIEW
0.80
(20.3)
0.60
(15.2)
1.25
(31.8)
0.10
(2.5)
24
0.08
(2.0)
1
13
0.15 MIN.
(3.8)
12
H
0.4
(10.2)
PIN SIZE: 0.02 X 0.01 INCH OR 0.02 INCH DIA.
ALL DIMENSIONS IN INCHES (mm)


Similar Part No. - T2-2D2415

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
T2-2D2415 TRUMPOWER-T2-2D2415 Datasheet
30Kb / 1P
   DC/DC CONVERTERS
T2-2D2415EH TRUMPOWER-T2-2D2415EH Datasheet
29Kb / 1P
   DC/DC CONVERTERS 6K VDC Isolation, 2 Watt
T2-2D2415EH TRUMPOWER-T2-2D2415EH Datasheet
30Kb / 1P
   DC/DC CONVERTERS
T2-2D2415H5 TRUMPOWER-T2-2D2415H5 Datasheet
24Kb / 1P
   DC/DC CONVERTERS 5.2K VDC Isolation, 1.5-3 Watts
T2-2D2415H5 TRUMPOWER-T2-2D2415H5 Datasheet
30Kb / 1P
   DC/DC CONVERTERS
More results

Similar Description - T2-2D2415

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
T3-1S053.3N TRUMPOWER-T3-1S053.3N Datasheet
15Kb / 1P
   DC/DC CONVERTERS 8-pin DIP, 0.25 to 1.5 Watts
TAW-3S243.3 TRUMPOWER-TAW-3S243.3 Datasheet
30Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 24-pin DIP, 1.5-3 Watt
logo
Murata Power Solutions ...
PWR1300AC MURATA-PS-PWR1300AC Datasheet
141Kb / 4P
   1.5 Watts Unregulated DC/DC Converters
logo
Tumbler Technologies + ...
T2-1S0505H5 TRUMPOWER-T2-1S0505H5 Datasheet
24Kb / 1P
   DC/DC CONVERTERS 5.2K VDC Isolation, 1.5-3 Watts
logo
Wall Industries,Inc.
DCBOB3 WALL-DCBOB3 Datasheet
391Kb / 4P
   Up to 3 Watts, DC/DC Power Converters
logo
Murata Power Solutions ...
PWR1200C MURATA-PS-PWR1200C Datasheet
209Kb / 4P
   3 Watts Unregulated DC/DC Converters
logo
Tumbler Technologies + ...
TAA-1S0505 TRUMPOWER-TAA-1S0505 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 12-pin DIP, 1-2 Watts
TA2A-3S123.3H TRUMPOWER-TA2A-3S123.3H Datasheet
35Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 24-pin DIP, 5-6 Watt
TA2W-4S243.3 TRUMPOWER-TA2W-4S243.3 Datasheet
30Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 24-pin DIP, 4-6 Watt
TA2-4S123.3 TRUMPOWER-TA2-4S123.3 Datasheet
30Kb / 1P
   DC/DC CONVERTERS 2:1 Input, 24-pin DIP, 4-6 Watt
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com