Electronic Components Datasheet Search |
|
S50D30PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd. |
|
S50D30PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd. |
1 / 2 page FEATURES * Plastic package has Underwriters Laboratory Flammability Classification 94V-0 * Metal Silicon junction, majority carrier conduction * Low power loss,high efficiency * High current capability, low forward voltage drop * Guardring for overvoltage protection * For use in low voltage, high frequency inverters, free wheeling, and polarity protection applications * High temperature soldering in accordance with CECC 802 / Reflow guaranteed Case: JEDEC TO-247 molded plastic Terminals: Lead solderable per MIL-STD-750, Method 2026 Polarity: As marked Weight: 5.6 grams ( Approximately ) MECHANICAL DATA MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS Ratings at 25 oC ambient temperature unless otherwise specified. Single phase, half wave, 60 HZ, resistive or inductive load. For capacitive load, derate current by 20%. S50D30PT THRU S50D60PT TO-247(TO-3P) TO-247(TO-3P) Dimensions in inches and (millimeters) CHENMKO ENTERPRISE CO.,LTD VOLTAGE RANGE 30 - 60 Volts CURRENT 50 Amperes ELECTRICAL CHARACTERISTICS ( At TA = 25 oC unless otherwise noted ) NOTES : 2001-6 CHARACTERISTICS SYMBOL UNITS 0.60 0.70 10.0 mAmps 150 mAmps Volts Maximum Instantaneous Forward Voltage at 25.0 A DC Maximum instantaneous reverse current at rated DC blocking voltage per leg ( NOTE 2 ) MAXIMUM RATINGES ( At TA = 25 oC unless otherwise noted ) RATINGS Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current Peak Forward Surge Current 8.3 ms single half sine-wave superimposed on rated load (JEDEC method) Typical thermal resistance per leg ( NOTE 1 ) Operating and Storage Temperature Range SYMBOL VRRM VRMS VDC IO VF IR TJ, TSTG IFSM UNITS Volts Volts Volts Amps S50D60PT 60 42 60 S50D50PT 50 35 50 S50D45PT 45 31 45 S50D40PT 40 28 40 S50D35PT 35 24 35 S50D30PT 30 21 30 50.0 400 0.8 -60 to +125 Amps oC / W oC 1. Thermal resistance from junction to case per leg 2. Pulse test : 300 us pulse width, 1% duty cycle 3. Suffix " C " = Common Cathod, Suffix " A " = Common Anode, Suffix " D " = Double. R JC TC = 25 oC TC = 100 oC SCHOTTKY BARRIER RECTIFIER .245 (6.2) .645 (16.0) .625 (15.9) .085 (2.16) .135 (3.4) .093 (2.30) .076 (1.97) .086 (2.18) .076 (1.93) .095 (2.4) .085 (2.1) .127 (3.22) .117 (2.97) .225 (5.7) .795 (20.2) .160 (4.1) .140 (3.5) .775 (19.7) .205 (5.2) .048 (1.22) .044 (1.12) .030 (.76) .020 (.51) .203 (5.16) .193 (4.90) .115 (2.9) .075 (1.90) .840 (21.3) .820 (20.8) .225 (5.7) S50D60PT S50D50PT S50D45PT S50D40PT S50D35PT S50D30PT |
Similar Part No. - S50D30PT |
|
Similar Description - S50D30PT |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |