Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S20C35PT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part # S20C35PT
Description  SCHOTTKY BARRIER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

S20C35PT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

  S20C35PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. S20C35PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
* Plastic package has Underwriters Laboratory
Flammability Classification 94V-0
* Metal Silicon junction, majority carrier conduction
* Low power loss,high efficiency
* High current capability, low forward voltage drop
* Guardring for overvoltage protection
* For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
* High temperature soldering in accordance with
CECC 802 / Reflow guaranteed
Case: JEDEC TO-220 molded plastic
Terminals: Lead solderable per MIL-STD-750,
Method 2026
Polarity: As marked
Weight: 2.24 grams ( Approximately )
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 HZ, resistive or inductive load.
For capacitive load, derate current by 20%.
S20C30PT
THRU
S20C60PT
TO-220
TO-220
Dimensions in inches and (millimeters)
CHENMKO ENTERPRISE CO.,LTD
VOLTAGE RANGE 30 - 60 Volts
CURRENT 20 Amperes
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2001-6
CHARACTERISTICS
SYMBOL
UNITS
0.55
0.65
5.0
mAmps
50
mAmps
Volts
Maximum Instantaneous Forward Voltage at 10.0 A DC
Maximum instantaneous reverse current at
rated DC blocking voltage per leg ( NOTE 2 )
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Typical thermal resistance per leg ( NOTE 1 )
Operating and Storage Temperature Range
SYMBOL
VRRM
VRMS
VDC
IO
VF
IR
TJ, TSTG
IFSM
UNITS
Volts
Volts
Volts
Amps
S20C60PT
60
42
60
S20C50PT
50
35
50
S20C45PT
45
31
45
S20C40PT
40
28
40
S20C35PT
35
24
35
S20C30PT
30
21
30
20.0
200
2.2
-60 to +125
Amps
oC / W
oC
1. Thermal resistance from junction to case per leg
2. Pulse test : 300 us pulse width, 1% duty cycle
3. Suffix " C " = Common Cathod, Suffix " A " = Common Anode, Suffix " D " = Double.
R JC
TC = 25
oC
TC = 100
oC
SCHOTTKY BARRIER RECTIFIER
.153 (3.9)
.413 (10.5)
.108
.051
.374 (9.5)
(2.75)
(1.3)
.148 (3.8)
.053 (1.3)
.047 (1.2)
.270 (6.9)
.610 (15.5)
.583 (14.8)
.043 (1.1)
.102 (2.6)
.091 (2.3)
.035 (0.9)
.583 (14.8)
.157
.126
(4.0)
(3.2)
.531 (13.5)
.028 (0.7)
.020 (0.5)
.230 (5.8)
.187 (4.7)
.146 (3.7)
S20C50PT
S20C45PT
S20C40PT
S20C35PT
S20C30PT
S20C60PT


Similar Part No. - S20C35PT

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
S20C35 MOSPEC-S20C35 Datasheet
258Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(20A,30-60V)
S20C35CE MOSPEC-S20C35CE Datasheet
178Kb / 2P
   Schottky Barrier Rectifiers
More results

Similar Description - S20C35PT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com