Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TP13057A Datasheet(PDF) 5 Page - Texas Instruments

Part # TP13057A
Description  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TP13057A Datasheet(HTML) 5 Page - Texas Instruments

  TP13057A Datasheet HTML 1Page - Texas Instruments TP13057A Datasheet HTML 2Page - Texas Instruments TP13057A Datasheet HTML 3Page - Texas Instruments TP13057A Datasheet HTML 4Page - Texas Instruments TP13057A Datasheet HTML 5Page - Texas Instruments TP13057A Datasheet HTML 6Page - Texas Instruments TP13057A Datasheet HTML 7Page - Texas Instruments TP13057A Datasheet HTML 8Page - Texas Instruments TP13057A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TP3054A, TP3057A, TP13054A, TP13057A
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS026C – SEPTEMBER 1992 – REVISED JULY 1996
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at VCC = 5 V ±5%, VBB = –5 V ±5%, GND at 0 V, TA = 25°C (unless
otherwise noted)
digital interface
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
VOH
High-level output voltage
DX
IH = - 3.2 mA
2.4
V
VOL
Low level output voltage
DX
IL = 3.2 mA
0.4
V
VOL
Low-level output voltage
TSX
IL = 3.2 mA,
Drain open
0.4
V
IIH
High-level input current
VI = VIH to VCC
±10
µA
IIL
Low-level input current
All digital inputs
VI = GND to VIL
±10
µA
IOZ
Output current in high-impedance state
DX
VO = GND to VCC
±10
µA
analog interface with transmit amplifier input
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
II
Input current
VFXI + or VFXI –
VI = – 2.5 V to 2.5 V
±200
nA
ri
Input resistance
VFXI + or VFXI –
VI = – 2.5 V to 2.5 V
10
M
ro
Output resistance
Closed loop, Unity gain
1
3
Output dynamic range
GSX
RL ≥ 10 kΩ
±2.8
V
AV
Open-loop voltage amplification
VFXI + to GSX
5000
BI
Unity-gain bandwidth
GSX
1
2
MHz
VIO
Input offset voltage
VFXI + or VFXI –
±20
mV
CMRR
Common-mode rejection ratio
60
dB
KSVR
Supply-voltage rejection ratio
60
dB
† All typical values are at VCC = 5 V, VBB = –5 V, and TA = 25°C.
analog interface with receive filter
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
Output resistance
VFRO
1
3
Load resistance
VFRO =
±2.5 V
600
Load capacitance
VFRO to GND
500
pF
Output dc offset voltage
VFRO to GND
±200
mV
† All typical values are at VCC = 5 V, VBB = –5 V, and TA = 25°C.


Similar Part No. - TP13057A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TP13057B TI-TP13057B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP13057B TI1-TP13057B Datasheet
250Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP13057BDW TI-TP13057BDW Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP13057BN TI-TP13057BN Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
More results

Similar Description - TP13057A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCM320AC54 TI-TCM320AC54 Datasheet
241Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3056B TI-TP3056B Datasheet
287Kb / 19P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064A TI-TP3064A Datasheet
283Kb / 20P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3064B TI-TP3064B Datasheet
300Kb / 21P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3054B TI-TP3054B Datasheet
249Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
TP3057BDWR TI1-TP3057BDWR Datasheet
250Kb / 17P
[Old version datasheet]   MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
logo
STMicroelectronics
M5913 STMICROELECTRONICS-M5913 Datasheet
220Kb / 17P
   COMBINED SINGLE CHIP PCM CODEC AND FILTER
logo
Texas Instruments
TCM29C13J TI1-TCM29C13J Datasheet
366Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13A TI-TCM29C13A Datasheet
392Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
TCM29C13 TI-TCM29C13 Datasheet
389Kb / 25P
[Old version datasheet]   COMBINED SINGLE-CHIP PCM CODEC AND FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com