Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL151PT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part # RL151PT
Description  SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

RL151PT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

  RL151PT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. RL151PT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RATING CHARACTERISTIC CURVES ( RL151PT THRU RL157PT )
FIG. 1 - TYPICAL FORWARD CURRENT DERATING CURVE
AMBIENT TEMPERATURE, (
oC )
NUMBER OF CYCLES AT 60 Hz
2.1
1.2
0.3
0.9
1.5
1.8
0
0
25
50
75
100
125
150
175
200
Single
Half Wave 60HZ
Resistive or
Inductive Load
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK FORWARD
SURGE CURRENT
1
2
5
10
20
50
100
70
60
50
40
30
20
10
0
8.3ms Single Half Sine-Wave
(JEDEC Method)
FIG. 3 - TYPICAL REVERSE CHARACTERISTICS
PERCENT OF RATED PEAK REVERSE VOLTAGE, ( % )
0
20
40
60
80
100
120
140
.01
.1
1.0
10
100
TJ =25
oC
TJ =100
oC
FIG. 4 - TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
INSTANTANEOUS FORWARD VOLTAGE, ( V )
20
10
3.0
1.0
0.3
0.1
.03
.01
0
.2
.4
.6
.8
1.0
1.2
1.4
Pulse Width = 300uS
1% Duty Cycle
TJ =25
oC
FIG. 5 - TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE, ( V )
TJ =25
oC
200
100
60
40
20
10
6
4
2
1
.1
.2
.4
1.0
2
4
10
20
40
100


Similar Part No. - RL151PT

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL151 RECTRON-RL151 Datasheet
23Kb / 2P
   SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere)
logo
Gulf Semiconductor
RL151 GULFSEMI-RL151 Datasheet
678Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 1.5A
logo
Galaxy Semi-Conductor H...
RL151 BILIN-RL151 Datasheet
256Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Bytes
RL151 BYTES-RL151 Datasheet
150Kb / 2P
   1.5 AMP SILICON RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
RL151 PFS-RL151 Datasheet
161Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
More results

Similar Description - RL151PT

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N647-1 MICROSEMI-1N647-1 Datasheet
86Kb / 1P
   SILICON RECTIFIER
1N649-1 MICROSEMI-1N649-1 Datasheet
86Kb / 1P
   SILICON RECTIFIER
logo
Rectron Semiconductor
1N4001 RECTRON-1N4001 Datasheet
225Kb / 2P
   SILICON RECTIFIER
logo
New Jersey Semi-Conduct...
IN3569-74 NJSEMI-IN3569-74 Datasheet
56Kb / 1P
   Silicon Rectifier
logo
Yangzhou yangjie electr...
ARS35A YANGJIE-ARS35A Datasheet
148Kb / 2P
   Silicon Rectifier
logo
New Jersey Semi-Conduct...
1N442 NJSEMI-1N442 Datasheet
88Kb / 1P
   Silicon Rectifier
logo
Zowie Technology Corpor...
RL201 ZOWIE-RL201 Datasheet
44Kb / 2P
   SILICON RECTIFIER
logo
Yangzhou yangjie electr...
15A YANGJIE-15A Datasheet
146Kb / 2P
   Silicon Rectifier
logo
Zowie Technology Corpor...
1N4001E ZOWIE-1N4001E Datasheet
45Kb / 2P
   SILICON RECTIFIER
logo
Rectron Semiconductor
1N5391 RECTRON-1N5391 Datasheet
22Kb / 2P
   SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com