Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TC3-8D2405 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TC3-8D2405
Description  DC/DC CONVERTERS2:1 Input, 8 Watt
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TC3-8D2405 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TC3-8D2405 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
OUTPUT
VOLTAGE
Rev. A.1
-01/2008-
OUTPUT
CURRENT
OUTPUT
POWER
8W
8W
8W
8W
8W
8W
1600 mA
670 mA
533 mA
±800 mA
±335 mA
±267 mA
5 VDC
12 VDC
15 VDC
±5 VDC
±12 VDC
±15 VDC
TC3-8S1205
TC3-8S1212
TC3-8S1215
TC3-8D1205
TC3-8D1212
TC3-8D1215
ELECTRICAL SPECIFICATIONS
All Specifications Typical @+25°C, Nominal Line, and Full
Load Unless Otherwise Noted.
INPUT SPECIFICATIONS
Nominal Line, 9-18V Input...................................12 VDC
18-36V Input..................................24 VDC
36-72V Input.................................48 VDC
Input Filter............................................................Pi Filter
Reverse Voltage Protection..............Internal Shunt Diode
Use External Fuse
OUTPUT SPECIFICATIONS
Voltage Accuracy.............................................±2%, Max.
Line Regulation.............................................±0.2%, Max.
Load Regulation, FL-10%FL.........................±0.5%, Max.
Minimum Load, Single Output.....................Not Required
Dual Output...........10% on Each Output
Ripple and Noise, 20MHz BW, 5V............100mVp-p, Max.
12V & 15V....1% Vp-p, Max.
Short Circuit Protection..................................Continuous
GENERAL SPECIFICATIONS
Efficiency.........................................................75% - 83%
Isolation Voltage, Input to Output............1,000 VDC, Min.
Switching Frequency....................................50 kHz, Min.
Operating Temperature Range................-25°C to +71°C
Derating...................................................................None
Storage Temperature Range..................-40°C to +100°C
Cooling..............................................Free Air Convection
MTBF per MIL-HDBK-217F @25°C.............>700k Hours
Weight.................................................1.1 oz. (30 grams)
Case Material...............Metal with Non-Conductive Base
TC3-8S4805
TC3-8S4812
TC3-8S4815
TC3-8D4805
TC3-8D4812
TC3-8D4815
TC3-8S2405
TC3-8S2412
TC3-8S2415
TC3-8D2405
TC3-8D2412
TC3-8D2415
18-36 VDC IN
36-72 VDC IN
9-18 VDC IN
0.44
(11.3)
2.00
(50.8)
0.60
(15.2)
* NP (NO PIN) ON SINGLE OUTPUT MODELS
PIN SIZE: 0.03 INCH (0.8 mm) DIA.
ALL DIMENSIONS IN INCHES (mm)
+IN -IN
-OUT
+OUT
0.80
(20.3)
0.20
(5.1)
0.60
(15.2)
1.00
(25.4)
BOTTOM VIEW
COM
/NP*
0.10
(2.54)
0.24
(6.0)
TRUMPower
DC/DC CONVERTERS
Tumbler Technologies + TRUMPower • Santa Clara, CA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
TC3 Series
2:1 Input, 8 Watt
T
0.40
(10.2)
0.40
(10.2)


Similar Part No. - TC3-8D2405

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TC3-111-001 TIMOTION-TC3-111-001 Datasheet
228Kb / 3P
   TC3 series
TC3-111-002 TIMOTION-TC3-111-002 Datasheet
228Kb / 3P
   TC3 series
TC3-111-0F1 TIMOTION-TC3-111-0F1 Datasheet
228Kb / 3P
   TC3 series
TC3-111-0F2 TIMOTION-TC3-111-0F2 Datasheet
228Kb / 3P
   TC3 series
TC3-111-0R1 TIMOTION-TC3-111-0R1 Datasheet
228Kb / 3P
   TC3 series
More results

Similar Description - TC3-8D2405

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TC3W-8S2405 TRUMPOWER-TC3W-8S2405 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 8 Watt
logo
CINCON ELECTRONICS Corp...
EC6AW CINCON-EC6AW Datasheet
208Kb / 2P
   8 WATT 4:1 INPUT DC-DC CONVERTERS
CQB75W8 CINCON-CQB75W8 Datasheet
506Kb / 7P
   75 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
CQB50W8 CINCON-CQB50W8 Datasheet
526Kb / 7P
   50 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
CHB150W8 CINCON-CHB150W8 Datasheet
563Kb / 6P
   150 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
logo
Tumbler Technologies + ...
TC2W-5S2405 TRUMPOWER-TC2W-5S2405 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 5 Watt
TC4W-7S243.3 TRUMPOWER-TC4W-7S243.3 Datasheet
28Kb / 1P
   DC/DC CONVERTERS 4:1 Input, 10 Watt
logo
CINCON ELECTRONICS Corp...
ECLB60W CINCON-ECLB60W Datasheet
187Kb / 2P
   60 WATT 4:1 INPUT DC-DC CONVERTERS
EC3SAW CINCON-EC3SAW Datasheet
183Kb / 2P
   3 WATT 4:1 INPUT DC-DC CONVERTERS
CFB600-300S CINCON-CFB600-300S Datasheet
517Kb / 2P
   600 WATT 2:1 INPUT DC-DC CONVERTERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com