Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

TP3054B Datasheet(PDF) 9 Page - Texas Instruments

Part No. TP3054B
Description  MONOLITHIC SERIAL INTERFACE COMBINED PCM CODEC AND FILTER
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo 

TP3054B Datasheet(HTML) 9 Page - Texas Instruments

Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
TP3054B, TP3057B, TP13054B, TP13057B
MONOLITHIC SERIAL INTERFACE
COMBINED PCM CODEC AND FILTER
SCTS042A – MAY 1990 – REVISED JULY 1996
9
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
power supply rejection
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
V
5 V
100
V
f=0Hzto4kHz
A-law
38
dB
Positive power-supply rejection, transmit
VCC = 5 V + 100 mVrms,
VFXI+ = – 50 dBm0
f = 0 Hz to 4 kHz
µ-law
38
dBC†
VFXI+ = – 50 dBm0
f = 4 kHz to 50 kHz
40
dB
V
5 V
100
V
f=0Hzto4kHz
A-law
35
dB
Negative power-supply rejection, transmit
VBB = – 5 V + 100 mVrms,
VFXI+ = – 50 dBm0
f = 0 Hz to 4 kHz
µ-law
35
dBC†
VFXI+ = – 50 dBm0
f = 4 kHz to 50 kHz
40
dB
PCM
d
l
iti
f=0Hzto4kHz
A-law
40
dB
Positive power-supply rejection, receive
PCM code equals positive zero,
VCC =5V+100 mVrms
f = 0 Hz to 4 kHz
µ-law
40
dBC†
VCC = 5 V + 100 mVrms
f = 4 kHz to 50 kHz
40
dB
PCM
d
l
iti
f=0Hzto4kHz
A-law
38
dB
Negative power-supply rejection, receive
PCM code equals positive zero,
VBB = – 5 V + 100 mVrms
f = 0 Hz to 4 kHz
µ-law
38
dBC†
VBB = – 5 V + 100 mVrms
f = 4 kHz to 50 kHz
40
dB
Spurious out-of-band signals at the
0 dBm0, 300-Hz to 3400-Hz input applied to DR (measure individual
image signals at VFRO)
–30
dB
S urious out of band signals at the
channel output (VFRO)
f = 4600 Hz to 7600 Hz
–33
dB
f = 7600 Hz to 100 kHz
–40
dB
† The unit dBC applies to C-message weighting.
distortion
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
Level = 3 dBm0
33
Level = 0 dBm0 to – 30 dBm0
36
Signal to distortion ratio transmit or receive half channel‡
Level =
40 dBm0
Transmit
29
dBC†
Signal-to-distortion ratio, transmit or receive half-channel‡
Level = – 40 dBm0
Receive
30
dBC†
Level =
55 dBm0
Transmit
14
Level = – 55 dBm0
Receive
15
Single-frequency distortion products, transmit
–46
dB
Single-frequency distortion products, receive
–46
dB
Intermodulation distortion
Loop-around measurement,
VFXI + = – 4 dBm0 to – 21 dBm0,
Two frequencies in the range of 300 Hz to 3400 Hz
–41
dB
Level = – 3 dBm0
33
Si
l
di
i
i
i h lf h
l (A l
)
Level = – 6 dBm0 to – 27 dBm0
36
Signal-to-distortion ratio, transmit half-channel (A-law)
(CCITT G 714)§
Level = – 34 dBm0
33.5
dB
(CCITT G.714)§
Level = – 40 dBm0
28.5
Level = – 55 dBm0
13.5
Level = – 3 dBm0
33
Si
l t di t ti
ti
i
h lf h
l (A l
)
Level = – 6 dBm0 to – 27 dBm0
36
Signal-to-distortion ratio, receive half-channel (A-law)
(CCITT G 714)§
Level = – 34 dBm0
34.2
dB
(CCITT G.714)§
Level = – 40 dBm0
30
Level = – 55 dBm0
15
† The unit dBC applies to C-message weighting.
‡ Sinusoidal test method (see Note 6)
§ Pseudo-noise test method
NOTE 6: The TP3054B and TP13054B are measured using a C-message filter. The TP3057B and the TP13057B are measured using a
psophometric weighted filter.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn