Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PUP30-32 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # PUP30-32
Description  25- 30 WATT SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

PUP30-32 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  PUP30-32 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower PUP30-32 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
25- 30 WATT SWITCHING POWER SUPPLIES
DESCRIPTION
The PUP30 series of AC/DC switching power supplies are for
25 to 30 watts of continuous output power. They are enclosed
in a 94V-1 rated polyphenylene-oxide case with an IEC 320
inlet to mate with interchangeable cord for world-wide use. All
models meet CISPR 22 and FCC class B emission limits, and
comply with UL, CSA, IEC and CE requirements.
FEAT URES
‧ 15 standard desk top m o dels
‧ Single, dual or triple outputs
‧ O p t i onal out put connect ors
‧ O p t i onal on/of f sw it ch
‧ 100 ﹪ burn-in
‧ W ide input range 85 to 264 VAC
‧ Input surge curr ent pr otection
‧ O v ervolt age pr ot ect ion
‧ Over curr ent pr otection
INPUT SPECIFICAT IONS
Input voltage :
85 to 264 VA C
Input fr equency :
47 to 63 Hz
Input curr ent :
0. 80A ( rm s ) for 1 15VAC
0. 50A ( rm s ) for 230VAC
Leak age curr ent :
0. 47m A m a x. @ 1 15VAC, 60Hz
0. 85m A m a x. @ 230VAC, 50Hz
PUP30 SERIES
Safety St andard Approval s :
OUTPUT SPECIFICATIONS
Output voltage/current:
See rating chart
Output power range:
30 watts maximum
Ripple and noise:
1﹪ peak to peak maximum
Overvoltage protection:
Provided on output #1 only; set
at 112 - 132 ﹪ of its nominal
output voltage
Overcurrent protection:
All outputs protected to short
circuit conditions
Temperature coefficient:
All
outputs
±0.04 ﹪ / ℃
maximum
Transient response:
Maximum excursion of 4 ﹪ or
better on all models, recovering
to 1 ﹪ of final value within
500us after a
25 ﹪ step load
change
ENVIRONMENTAL SPECIFICATIONS
Operating tem p eratur e : 0 ℃ to +70 ℃
St orage t e m p erat u r e :
-4 0 ℃
to +85 ℃
Relative hum idity :
5 ﹪ to 95 ﹪ non- condensing
Derating:
Derate from 100% at +50℃ linearly
to 50﹪at +70℃
GENERAL SPECIFICATIONS
Switching frequency:
30KHz ±5KHz
Efficiency:
70﹪ minimum on single output models
with Vo ≥ 12V, 65% minimum on the
others
Hold-up time:
10 msec minimum at 110VAC
Line regulation:
±0.5﹪ maximum at full load
Inrush current:
15 amps @ 115VAC, or 30 amps @
230VAC, at 25℃ cold start
Withstand voltage:
3000VAC from input to output
1500VAC from input to ground
500VAC from output to ground
MTBF:
400,000 hours minimum at full load at
25℃ ambient , calculated per
MIL-HDBK-217F
EMC performance (EN55024)
EN55022:
Class B conducted, class B radiated
FCC:
Class B conducted, Class B radiated
VCCI:
Class B conducted, Class B radiated
EN61000- 3- 2:
Harmonic distortion, Class A and D
EN61000- 3- 3:
Line flicker
EN61000- 4- 2:
ESD, ± 8KV air and ± 4KV contact
EN61000- 4- 3:
Radiated immunity, 3V/m
EN61000- 4- 4:
Fast transient/burst, ± 1KV
EN61000- 4- 5:
Surge, ± 1KV diff., ± 2KV com.
EN61000- 4- 6:
Conducted immunity, 3Vrms
EN61000- 4- 8:
Magnetic field immunity, 1A/m
EN61000- 4- 11 :
Voltage dips, 30 ﹪ reduction for 500ms and
>95﹪ reduction for 10ms
(LVD+EMC)
TÜV EN60950-1
UL 60950-1
CSA C22.2 No. 60950-1
Tumbler Technologies + TRUMPower
3350 Scott Blvd ., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● sales@trumpow er.com ● www.TRUMPower.com


Similar Part No. - PUP30-32

ManufacturerPart #DatasheetDescription
logo
Powerbox
PUP30-32 POWERBOX-PUP30-32 Datasheet
1,015Kb / 3P
   30 - 100 WATTS SINGLE & MULTIPLE OUTPUT AC/DC GENERAL
More results

Similar Description - PUP30-32

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PU30SL RSG-PU30SL Datasheet
161Kb / 2P
   30 WATT SWITCHING POWER SUPPLIES
logo
Astrodyne Corporation
ASC ASTRODYNE-ASC Datasheet
254Kb / 3P
   30 Watt Ultraminiature Modular Switching Power Supplies
logo
Tumbler Technologies + ...
TMC40 TRUMPOWER-TMC40 Datasheet
137Kb / 2P
   30-48 WATT MEDICAL & ITE SWITCHING POWER SUPPLIES
TM25 TRUMPOWER-TM25 Datasheet
248Kb / 3P
   25-28 WATT MEDICAL POWER SUPPLIES
PU200 TRUMPOWER-PU200 Datasheet
133Kb / 2P
   200 WATT SWITCHING POWER SUPPLIES
logo
RSG Electronic Componen...
PU40SL RSG-PU40SL Datasheet
164Kb / 2P
   40 WATT SWITCHING POWER SUPPLIES
PU110 RSG-PU110 Datasheet
179Kb / 2P
   110 WATT SWITCHING POWER SUPPLIES
PU66 RSG-PU66 Datasheet
600Kb / 2P
   65 WATT SWITCHING POWER SUPPLIES
logo
Tumbler Technologies + ...
PU150 TRUMPOWER-PU150 Datasheet
158Kb / 3P
   150 WATT SWITCHING POWER SUPPLIES
logo
RSG Electronic Componen...
PU40SL RSG-PU40SL_14 Datasheet
104Kb / 2P
   40 WATT SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com