Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PU110-32A Datasheet(PDF) 2 Page - Tumbler Technologies + TRUMPower

Part # PU110-32A
Description  SWITCHING POWER SUPPLIES
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

PU110-32A Datasheet(HTML) 2 Page - Tumbler Technologies + TRUMPower

  PU110-32A Datasheet HTML 1Page - Tumbler Technologies + TRUMPower PU110-32A Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
UNIVERSAL INPUT
PU110 SERIES
OUTPUT VOLTAGE/CURRENT RATING CHART
Output #1
Output #2
Output #3
Output #4
Maximum
(3)(4)
Output
MODEL
Vnom. Imin. Imax.
Tol.
Vnom Imin. Imax.
Ipeak
(1)
Tol. Vnom. Imin. Imax. Tol. Vnom. Imin. Imax. Tol.
Power (2)
PU110-10-1A 3.3V
0A
22A
3%
(N/A)
(N/A)
(N/A)
72W
PU110-10A
5V
0A
22A
3%
(N/A)
(N/A)
(N/A)
110W
PU110-12A
12V
0A
9.0A
2%
(N/A)
(N/A)
(N/A)
110W
PU110-13A
15V
0A
7.5A
2%
(N/A)
(N/A)
(N/A)
110W
PU110-14A
24V
0A
4.5A
2%
(N/A)
(N/A)
(N/A)
110W
PU110-16A
30V
0A
3.6A
2%
(N/A)
(N/A)
(N/A)
110W
PU110-23A
+5V
0A
10A
3%
+12V
0A
5A
9.0A
3%
(N/A)
(N/A)
110W
PU110-31A
+5V
0A
10A
3%
+12V
0A
5A
9.0A
3% -12V
0A
1A
4%
(N/A)
110W
PU110-32A
+5V
0A
10A
3%
+15V
0A
4A
7.5A
3% -15V
0A
1A
4%
(N/A)
110W
PU110-40A
+5V
0A
10A
3%
+12V
0A
5A
9.0A
3% -12V
0A
1A
4%
-5V
0A
1A
4%
110W
PU110-41A
+5V
0A
10A
3%
+15V
0A
4A
7.5A
3% -15V
0A
1A
4%
+24V
0A
1A
4%
110W
PU110-42A
+5V
0A
10A
3%
+12V
0A
5A
9.0A
3% -12V
0A
1A
4%
+12V
0A
1A
4%
110W
PU110-45A
+5V
0A
10A
3%
+12V
0A
5A
9.0A
3% -12V
0A
1A
4%
+24V
0A
1A
4%
110W
PU110-45-1A
+5V
2.0A
10A
3%
+12V
0A
5A
9.0A
3% -12V
0A
1A
4%
+24V
1.5A
3A
10%
110W
PU110-45-2A
+5V
0A
10A
3%
+24V
0A
3A
5.0A
3% -12V
0A
1A
4%
+12V
0A
1A
4%
110W
PU110-46A
+5V
0A
10A
3%
+15V
0A
4A
7.5A
3% -15V
0A
1A
4%
-5V
0A
1A
4%
110W
NOTES:
1.
Peak output current with 10% maximum duty cycle for less than 60 seconds. Total peak power must not exceed 130 watts.
2.
110 watts maximum at 25 CFM forced air cooling or 80 watts maximum at convection cooling, except model PU110-10-1A
which is rated maximum 60W at convection cooling or 72W at 25 CFM forced air cooling.
3.
Safety agency approvals are for the above listed models in PCB format. To order models with metallic L-bracket or box, change
suffix “A” to “B” for L-bracket format, to “C” for enclosed format (mechanical details shown in page 6-1), e.g. PU110-31C.
4.
The output #1 of model PU110-45-1A needs a minimum current of 2A to support the other outputs at their maximum rated loads.
PIN CHART
1, 2, 3
4, 5
6, 7
8, 9
10
11
12
13
PU110-10-1A
PU110-12A
PU110-14A
PU110-10A
PU110-13A
PU110-16A
OUTPUT
#1
RETURN
RETURN
OUTPUT
#1
P.F.D.
N.C.
KEY
N.C.
PU110-23A
OUTPUT
#1
COMMON
RETURN
COMMON
RETURN
OUTPUT
#2
P.F.D.
N.C.
KEY
N.C.
PU110-31A
PU110-32A
OUTPUT
#1
COMMON
RETURN
COMMON
RETURN
OUTPUT
#2
P.F.D.
OUTPUT
#3
KEY
N.C.
PU110-40A
PU110-42A
PU110-45-1A
PU110-46A
PU110-41A
PU110-45A
PU110-45-2A
OUTPUT
#1
COMMON
RETURN
COMMON
RETURN
OUTPUT
#2
P.F.D.
OUTPUT
#3
KEY
OUTPUT
#4
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Bldg. 13, Santa Clara, California 95054, USA
Phone: 408-988-6616
● sales@trumpower.com ● www.TRUMPower.com
PIN
MODEL
MECHANICAL SPECIFICATIONS
NOTES:
1.
Dimensions shown in inch [mm]
2.
Tolerance 0.02 [0.5] maximum
3.
Input connector mates with Molex housing 09-50-3051
and Molex 2878 series crimp terminal.
4.
Output connector mates with Molex housing 09-50-3131
and Molex 2878 series crimp terminal
5.
Weight: 640 grams (PCB format).
6.
The copper pad of the mounting hole near P1 is for
system grounding through a metallic stand-off to system
chassis.


Similar Part No. - PU110-32A

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
PU110-32A RSG-PU110-32A Datasheet
179Kb / 2P
   110 WATT SWITCHING POWER SUPPLIES
PU110-32A RSG-PU110-32A Datasheet
177Kb / 2P
   72-110 WATT ITE POWER SUPPLIES
More results

Similar Description - PU110-32A

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPLBU09A TOTAL-POWER-TPLBU09A Datasheet
200Kb / 2P
   Switching Power Supplies
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-BX-3000-12 TAB-TDRSP-BX-3000-12 Datasheet
465Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
PTCP-5-80 TECHNOLOGY-PTCP-5-80 Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
NTDX-6000-12 TAB-NTDX-6000-12 Datasheet
380Kb / 2P
   SWITCHING POWER SUPPLIES
PTCP TAB-PTCP Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
TDRSP-1000-12 TECHNOLOGY-TDRSP-1000-12 Datasheet
410Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Balluff Korea Ltd.
BAE0111 BALLUFF-BAE0111 Datasheet
126Kb / 2P
   Switching Power Supplies
0.28_2021-12-17
BAE0112 BALLUFF-BAE0112 Datasheet
124Kb / 2P
   Switching Power Supplies
0.28_2021-12-17
BAE00TK BALLUFF-BAE00TK Datasheet
129Kb / 2P
   Switching Power Supplies
2.26_2021-05-03
logo
Technology Dynamics Inc...
TCP-5-80 TECHNOLOGY-TCP-5-80 Datasheet
358Kb / 2P
   SWITCHING POWER SUPPLIES
TDRSP-1500-5 TECHNOLOGY-TDRSP-1500-5 Datasheet
176Kb / 2P
   SWITCHING POWER SUPPLIES
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com