Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE24APT Datasheet(PDF) 5 Page - Chenmko Enterprise Co. Ltd.

Part # P6KE24APT
Description  GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENMKO [Chenmko Enterprise Co. Ltd.]
Direct Link  http://www.chenmko.com
Logo CHENMKO - Chenmko Enterprise Co. Ltd.

P6KE24APT Datasheet(HTML) 5 Page - Chenmko Enterprise Co. Ltd.

  P6KE24APT Datasheet HTML 1Page - Chenmko Enterprise Co. Ltd. P6KE24APT Datasheet HTML 2Page - Chenmko Enterprise Co. Ltd. P6KE24APT Datasheet HTML 3Page - Chenmko Enterprise Co. Ltd. P6KE24APT Datasheet HTML 4Page - Chenmko Enterprise Co. Ltd. P6KE24APT Datasheet HTML 5Page - Chenmko Enterprise Co. Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
RATING CHARACTERISTIC CURVES ( P6KE6.8PT ~ P6KE400APT )
FIG. 5 - STEADY STATE POWER DERATING CURVE
TL, LEAD TEMPERATURE (O
C)
5.00
3.75
2.50
1.25
0
0
25
50
75
100
125
150
175
200
60Hz
Resistive or Inductive Load
1.6X1.6X.040"
(40X40X1mm)
Copper Heat Sinks
= 0.375"(9.5mm)
Lead Lengths
L
FIG. 6 - MAXIMUM NON-REPETITIVE FORWARD
NUMBER OF CYCLES AT 60 Hz
200
100
10
1
10
100
8.3ms Single Half Sine-Wave
(JEDED Method)
SURGE CURRENT UNI-DIRECTIONAL
FIG. 7 -TYPICAL REVERSE LEAKAGE CHARACTERISTICS
V(BR) BREAKDOWN VOLTAGE, VOLTS
100
1000
10
1
0.1
0.01
.001
0
100
200
300
400
500


Similar Part No. - P6KE24APT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
P6KE24A MOTOROLA-P6KE24A Datasheet
81Kb / 7P
   ZENER OVERVOLTAGE TRANSIENTSUPPRESSORS
logo
STMicroelectronics
P6KE24A STMICROELECTRONICS-P6KE24A Datasheet
141Kb / 9P
   Transil?? transient voltage surge suppressor (TVS)
logo
DONGGUAN YOU FENG WEI E...
P6KE24A YFWDIODE-P6KE24A Datasheet
1,000Kb / 6P
   Transient voltage suppressor power 600 watts
logo
DAESAN ELECTRONIC CORP.
P6KE24A DAESAN-P6KE24A Datasheet
748Kb / 5P
   POWER 600Watts VOLTAGE 6.8 to 440 Volts
logo
List of Unclassifed Man...
P6KE24A ETC2-P6KE24A Datasheet
330Kb / 4P
   Transient Voltage Suppressor
More results

Similar Description - P6KE24APT

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
5KP TRSYS-5KP Datasheet
252Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
CHENG-YI ELECTRONIC CO....
5KP CHENG-YI-5KP Datasheet
138Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
List of Unclassifed Man...
1.5KE ETC-1.5KE Datasheet
254Kb / 5P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Weitron Technology
1.5KE43A WEITRON-1.5KE43A Datasheet
73Kb / 1P
   Glass Passivated Junction Transient Voltage Suppressor
logo
MDE Semiconductor, Inc.
SMD15KPA MDE-SMD15KPA Datasheet
311Kb / 3P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Gaomi Xinghe Electronic...
P6KE6.8CA GXELECTRONICS-P6KE6.8CA Datasheet
137Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
1N6373 MDE-1N6373_13 Datasheet
55Kb / 2P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
5KP SHUNYE-5KP Datasheet
890Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
5KP5.0 SHUNYE-5KP5.0 Datasheet
674Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
MDE Semiconductor, Inc.
RT100KP28A MDE-RT100KP28A_13 Datasheet
259Kb / 4P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com