Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMHZ5268BPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part No. MMHZ5268BPT
Description  SILICON PLANAR POWER ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHENMKO [Chenmko Enterprise Co. Ltd.]
Homepage  http://www.chenmko.com
Logo 

MMHZ5268BPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS ( MMHZ5221BPT THRU MMHZ5270BPT )
Test
Maximum Zener impedance
Maximum
Type
Max
Nom
Min
Volts
Volts
Volts
Maximum
Zener voltage
current
reverse leakage current temperature
coefficient
regulator
VZ (V) @ IZT
current
ZZT
at
at
at
at IZT
ZZK
IZK
IR
at VR
TA= 25
oC
TA= 50
oC
IZT (mA)
( )
( )
(mA)
(uA)
(V)
VZ
(%/
oC)
IZM (mA)
TYPE
190
182
168
162
152
138
126
115
106
97
89
81
76
73
67
61
55
52
50
45
41
38
35
32
30
28
27
25
24
23
21
19.1
18.2
16.8
16.2
15.1
13.8
-0.085
-0.085
-0.080
-0.080
-0.075
-0.070
-0.065
-0.060
-0.055
+0.030
+0.030
+0.038
+0.038
+0.045
+0.050
+0.058
+0.062
+0.065
+0.068
+0.075
+0.076
+0.077
+0.079
+0.082
+0.082
+0.083
+0.084
+0.085
+0.086
+0.086
+0.087
+0.088
+0.089
+0.090
+0.091
+0.091
+0.092
1
1
1
1
1
1
1
1
1
1.5
2
3
3
4
5.2
6
6.5
6.5
7
8
8.4
9.1
9.9
10
11
12
13
14
14
16
17
18
19
21
21
23
25
100
100
75
75
50
25
15
10
5
3
2
5
5
1
1
0.5
0.5
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
1800
1800
1900
1900
2000
2200
2300
2400
2500
2200
2050
1800
1800
1300
750
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
700
100
100
100
100
95
95
90
90
88
70
50
25
25
10
8
7
7
7
10
15
18
22
25
25
32
36
36
42
42
48
55
62
62
70
44
78
88
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
2.280
2.375
2.565
2.660
2.850
3.135
3.420
3.705
4.085
4.465
4.845
5.320
5.700
5.890
6.460
7.125
7.790
8.265
8.645
9.500
10.45
11.40
12.35
13.30
14.25
15.20
16.15
17.10
18.05
19.00
20.90
22.80
23.75
25.65
26.60
28.50
31.35
2.4
2.5
2.7
2.8
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.0
6.2
6.8
7.5
8.2
8.7
9.1
10
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
30
33
2.520
2.625
2.835
2.940
3.150
3.465
3.780
4.095
4.515
4.935
5.355
5.880
6.300
6.510
7.140
7.875
8.610
9.135
9.555
10.50
11.55
12.60
13.65
14.70
15.75
16.80
17.85
18.90
19.95
21.00
23.10
25.20
26.25
28.35
29.40
31.50
34.65
MMHZ5221BPT
MMHZ5222BPT
MMHZ5223BPT
MMHZ5224BPT
MMHZ5225BPT
MMHZ5226BPT
MMHZ5227BPT
MMHZ5228BPT
MMHZ5229BPT
MMHZ5230BPT
MMHZ5231BPT
MMHZ5232BPT
MMHZ5233BPT
MMHZ5234BPT
MMHZ5235BPT
MMHZ5236BPT
MMHZ5237BPT
MMHZ5238BPT
MMHZ5239BPT
MMHZ5240BPT
MMHZ5241BPT
MMHZ5242BPT
MMHZ5243BPT
MMHZ5244BPT
MMHZ5245BPT
MMHZ5246BPT
MMHZ5247BPT
MMHZ5248BPT
MMHZ5249BPT
MMHZ5250BPT
MMHZ5251BPT
MMHZ5252BPT
MMHZ5253BPT
MMHZ5254BPT
MMHZ5255BPT
MMHZ5256BPT
MMHZ5257BPT


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX79C2V7PTSILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 51V 1 2 3 Chenmko Enterprise Co. Ltd.
BZX85C2V7PTSILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.7V TO 200V 1 2 3 4 Chenmko Enterprise Co. Ltd.
CHPZ3V6PTSILICON PLANAR POWER ZENER DIODES 1 2 3 Chenmko Enterprise Co. Ltd.
MMCZ5221BPTSILICON PLANAR POWER ZENER DIODES 1 2 3 4 5 Chenmko Enterprise Co. Ltd.
MMCZ5221SPTSILICON PLANAR POWER ZENER DIODES 1 2 3 4 5 Chenmko Enterprise Co. Ltd.
MMGZ5221BPTSILICON PLANAR POWER ZENER DIODES 1 2 3 4 5 Chenmko Enterprise Co. Ltd.
MMGZ5221SPTSILICON PLANAR POWER ZENER DIODES 1 2 3 4 5 Chenmko Enterprise Co. Ltd.
1N4728ASilicon Planar Zener Diodes for Stabilized Power Supply 1 2 3 4 5 MoreRenesas Technology Corp
HZK-LSilicon Epitaxial Planar Zener Diodes for Stabilized Power Supply 1 2 3 4 5 MoreRenesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn