Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMHZ5266SPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part No. MMHZ5266SPT
Description  SILICON PLANAR POWER ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHENMKO [Chenmko Enterprise Co. Ltd.]
Homepage  http://www.chenmko.com
Logo 

MMHZ5266SPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS ( MMHZ5221S THRU MMHZ5270S )
Test
Maximum Zener impedance
Maximum
Type
Max
Nom
Min
Volts
Volts
Volts
Maximum
Zener voltage
current
reverse leakage current temperature
coefficient
regulator
VZ (V) @ IZT
current
ZZT
at
at
at
at IZT
ZZK
IZK
IR
at VR
TA= 25
oC
TA= 50
oC
IZT (mA)
( )
( )
(mA)
(uA)
(V)
VZ
(%/
oC)
IZM (mA)
TYPE
190
182
168
162
152
138
126
115
106
97
89
81
76
73
67
61
55
52
50
45
41
38
35
32
30
28
27
25
24
23
21
19.1
18.2
16.8
16.2
15.1
13.8
-0.085
-0.085
-0.080
-0.080
-0.075
-0.070
-0.065
-0.060
-0.055
+0.030
+0.030
+0.038
+0.038
+0.045
+0.050
+0.058
+0.062
+0.065
+0.068
+0.075
+0.076
+0.077
+0.079
+0.082
+0.082
+0.083
+0.084
+0.085
+0.086
+0.086
+0.087
+0.088
+0.089
+0.090
+0.091
+0.091
+0.092
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
5
2.352
2.450
2.646
2.774
2.940
3.234
3.528
3.822
4.214
4.606
4.998
5.488
5.880
6.070
6.664
7.350
8.036
8.526
8.918
9.800
10.78
11.76
12.74
13.72
14.70
15.68
16.66
17.64
18.62
19.60
21.56
23.52
24.50
26.46
27.44
29.40
32.34
2.4
2.5
2.7
2.8
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.0
6.2
6.8
7.5
8.2
8.7
9.1
10
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
30
33
2.448
2.550
2.754
2.856
3.060
3.366
3.762
3.987
4.386
4.794
5.202
5.712
6.120
6.324
6.936
7.650
8.364
8.874
9.282
11.22
12.24
13.26
14.28
15.30
16.32
17.34
18.36
19.38
20.40
22.44
24.48
25.50
27.54
28.56
30.60
33.66
MMHZ5221SPT
MMHZ5222SPT
MMHZ5223SPT
MMHZ5224SPT
MMHZ5225SPT
MMHZ5226SPT
MMHZ5227SPT
MMHZ5228SPT
MMHZ5229SPT
MMHZ5230SPT
MMHZ5231SPT
MMHZ5232SPT
MMHZ5233SPT
MMHZ5234SPT
MMHZ5235SPT
MMHZ5236SPT
MMHZ5237SPT
MMHZ5238SPT
MMHZ5239SPT
MMHZ5240SPT
MMHZ5241SPT
MMHZ5242SPT
MMHZ5243SPT
MMHZ5244SPT
MMHZ5245SPT
MMHZ5246SPT
MMHZ5247SPT
MMHZ5248SPT
MMHZ5249SPT
MMHZ5250SPT
MMHZ5251SPT
MMHZ5252SPT
MMHZ5253SPT
MMHZ5254SPT
MMHZ5255SPT
MMHZ5256SPT
MMHZ5257SPT
10.20
100
100
100
100
95
95
90
90
88
70
50
25
25
10
8
7
7
7
10
15
18
22
25
25
32
36
36
42
42
48
55
62
62
70
44
78
88
1800
1800
1900
1900
2000
2200
2300
2400
2500
2200
2050
1800
1800
1300
750
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
700
100
100
75
75
50
25
15
10
5
3
2
5
5
1
1
0.5
0.5
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
1
1
1
1
1
1
1
1
1
1.5
2
3
3
4
5.2
6
6.5
6.5
7
8
8.4
9.1
9.9
10
11
12
13
14
14
16
17
18
19
21
21
23
25


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
BZX79C2V7PTSILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 51V 1 2 3 Chenmko Enterprise Co. Ltd.
BZX85C2V7PTSILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.7V TO 200V 1 2 3 4 Chenmko Enterprise Co. Ltd.
CHPZ3V6PTSILICON PLANAR POWER ZENER DIODES 1 2 3 Chenmko Enterprise Co. Ltd.
MMCZ5221BPTSILICON PLANAR POWER ZENER DIODES 1 2 3 4 5 Chenmko Enterprise Co. Ltd.
MMCZ5221SPTSILICON PLANAR POWER ZENER DIODES 1 2 3 4 5 Chenmko Enterprise Co. Ltd.
MMGZ5221BPTSILICON PLANAR POWER ZENER DIODES 1 2 3 4 5 Chenmko Enterprise Co. Ltd.
MMGZ5221SPTSILICON PLANAR POWER ZENER DIODES 1 2 3 4 5 Chenmko Enterprise Co. Ltd.
MMHZ5221BPTSILICON PLANAR POWER ZENER DIODES 1 2 3 4 5 Chenmko Enterprise Co. Ltd.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn