Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMHZ5221BPT Datasheet(PDF) 3 Page - Chenmko Enterprise Co. Ltd.

Part No. MMHZ5221BPT
Description  SILICON PLANAR POWER ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHENMKO [Chenmko Enterprise Co. Ltd.]
Homepage  http://www.chenmko.com
Logo 

MMHZ5221BPT Datasheet(HTML) 3 Page - Chenmko Enterprise Co. Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
ELECTRICAL CHARACTERISTICS ( MMHZ5221BPT THRU MMHZ5270BPT )
Test
Maximum Zener impedance
Maximum
Type
Max
Nom
Min
Volts
Volts
Volts
Maximum
Zener voltage
current
reverse leakage current temperature
coefficient
regulator
VZ (V) @ IZT
current
ZZT
at
at
at
at IZT
ZZK
IZK
IR
at VR
TA= 25
oC
TA= 50
oC
IZT (mA)
( )
( )
(mA)
(uA)
(V)
VZ
(%/
oC)
IZM (mA)
TYPE
13.8
12.6
11.6
10.6
+0.093
+0.094
+0.095
+0.095
27
30
33
36
0.1
0.1
0.1
0.1
0.25
0.25
0.25
0.25
700
800
900
1000
95
130
93
105
5
5
3.0
2.7
34.20
37.05
40.85
44.65
36
39
43
47
37.80
40.95
45.15
49.35
MMHZ5258BPT
MMHZ5259BPT
MMHZ5260BPT
MMHZ5261BPT
9.7
8.9
11.6
-
+0.096
+0.096
+0.097
+0.097
39
43
46
47
0.1
0.1
0.1
0.1
0.25
0.25
0.25
0.25
1100
1300
1400
1400
125
150
170
185
2.5
2.2
2.1
2.0
48.45
53.20
57.00
58.90
51
56
60
62
53.55
58.80
63.00
65.10
MMHZ5262BPT
MMHZ5263BPT
MMHZ5264BPT
MMHZ5265BPT
-
+0.097
52
0.1
0.25
1600
230
1.8
64.60
68
71.40
MMHZ5266BPT
-
-
-
-
+0.098
+0.098
+0.099
+0.099
56
62
68
69
0.1
0.1
0.1
0.1
0.25
0.25
0.25
0.25
1700
2000
2200
2300
270
330
370
400
1.7
1.5
1.4
1.4
71.25
77.90
82.65
86.45
75
82
87
91
78.75
86.10
91.35
95.55
MMHZ5267BPT
MMHZ5268BPT
MMHZ5269BPT
MMHZ5270BPT


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX79C2V7PTSILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 51V 1 2 3 Chenmko Enterprise Co. Ltd.
BZX85C2V7PTSILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.7V TO 200V 1 2 3 4 Chenmko Enterprise Co. Ltd.
CHPZ3V6PTSILICON PLANAR POWER ZENER DIODES 1 2 3 Chenmko Enterprise Co. Ltd.
MMCZ5221BPTSILICON PLANAR POWER ZENER DIODES 1 2 3 4 5 Chenmko Enterprise Co. Ltd.
MMCZ5221SPTSILICON PLANAR POWER ZENER DIODES 1 2 3 4 5 Chenmko Enterprise Co. Ltd.
MMGZ5221BPTSILICON PLANAR POWER ZENER DIODES 1 2 3 4 5 Chenmko Enterprise Co. Ltd.
MMGZ5221SPTSILICON PLANAR POWER ZENER DIODES 1 2 3 4 5 Chenmko Enterprise Co. Ltd.
1N4728ASilicon Planar Zener Diodes for Stabilized Power Supply 1 2 3 4 5 MoreRenesas Technology Corp
HZK-LSilicon Epitaxial Planar Zener Diodes for Stabilized Power Supply 1 2 3 4 5 MoreRenesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn