Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMGZ5221SPT Datasheet(PDF) 2 Page - Chenmko Enterprise Co. Ltd.

Part No. MMGZ5221SPT
Description  SILICON PLANAR POWER ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHENMKO [Chenmko Enterprise Co. Ltd.]
Homepage  http://www.chenmko.com
Logo 

MMGZ5221SPT Datasheet(HTML) 2 Page - Chenmko Enterprise Co. Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ELECTRICAL CHARACTERISTICS ( MMGZ5221SPT THRU MMGZ5270SPT )
Test
Maximum Zener impedance
Maximum
Type
Max
Nom
Min
Volts
Volts
Volts
Maximum
Zener voltage
current
reverse leakage current temperature
coefficient
regulator
VZ (V) @ IZT
current
ZZT
at
at
at
at IZT
ZZK
IZK
IR
at VR
TA= 25
oC
TA= 50
oC
IZT (mA)
( )
( )
(mA)
(uA)
(V)
VZ
(%/
oC)
IZM (mA)
TYPE
190
182
168
162
152
138
126
115
106
97
89
81
76
73
67
61
55
52
50
45
41
38
35
32
30
28
27
25
24
23
21
19.1
18.2
16.8
16.2
15.1
13.8
-0.085
-0.085
-0.080
-0.080
-0.075
-0.070
-0.065
-0.060
-0.055
+0.030
+0.030
+0.038
+0.038
+0.045
+0.050
+0.058
+0.062
+0.065
+0.068
+0.075
+0.076
+0.077
+0.079
+0.082
+0.082
+0.083
+0.084
+0.085
+0.086
+0.086
+0.087
+0.088
+0.089
+0.090
+0.091
+0.091
+0.092
1
1
1
1
1
1
1
1
1
2
2
3
3.5
4
5
6
6.5
6.5
7
8
8.4
9.1
9.9
10
11
12
13
14
14
16
17
18
19
21
21
23
25
100
100
75
75
50
25
15
10
5
5
5
5
5
5
3
3
3
3
3
3
2
1
0.5
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.1
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
0.25
1200
1250
1300
1400
1600
1600
1700
1900
2000
1900
1600
1600
1600
1000
750
500
500
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
600
700
30
30
30
30
29
28
24
23
22
19
17
11
7
7
5
6
8
8
10
17
22
30
13
15
16
17
19
21
23
25
29
33
35
41
44
49
58
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
20
9.5
9.0
8.5
7.8
7.4
7.0
6.6
6.2
5.6
5.2
5.0
4.6
4.5
4.2
3.8
2.352
2.450
2.646
2.774
2.940
3.234
3.528
3.822
4.214
4.606
4.998
5.488
5.880
6.070
6.664
7.350
8.036
8.526
8.918
9.800
10.78
11.76
12.74
13.72
14.70
15.68
16.66
17.64
18.62
19.60
21.56
23.52
24.50
26.46
27.44
29.40
32.34
2.4
2.5
2.7
2.8
3.0
3.3
3.6
3.9
4.3
4.7
5.1
5.6
6.0
6.2
6.8
7.5
8.2
8.7
9.1
10
11
12
13
14
15
16
17
18
19
20
22
24
25
27
28
30
33
2.448
2.550
2.754
2.856
3.060
3.366
3.762
3.987
4.386
4.794
5.202
5.712
6.120
6.324
6.936
7.650
8.364
8.874
9.282
11.22
12.24
13.26
14.28
15.30
16.32
17.34
18.36
19.38
20.40
22.44
24.48
25.50
27.54
28.56
30.60
33.66
MMGZ5221SPT
MMGZ5222SPT
MMGZ5223SPT
MMGZ5224SPT
MMGZ5225SPT
MMGZ5226SPT
MMGZ5227SPT
MMGZ5228SPT
MMGZ5229SPT
MMGZ5230SPT
MMGZ5231SPT
MMGZ5232SPT
MMGZ5233SPT
MMGZ5234SPT
MMGZ5235SPT
MMGZ5236SPT
MMGZ5237SPT
MMGZ5238SPT
MMGZ5239SPT
MMGZ5240SPT
MMGZ5241SPT
MMGZ5242SPT
MMGZ5243SPT
MMGZ5244SPT
MMGZ5245SPT
MMGZ5246SPT
MMGZ5247SPT
MMGZ5248SPT
MMGZ5249SPT
MMGZ5250SPT
MMGZ5251SPT
MMGZ5252SPT
MMGZ5253SPT
MMGZ5254SPT
MMGZ5255SPT
MMGZ5256SPT
MMGZ5257SPT
10.20


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX79C2V7PTSILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 51V 1 2 3 Chenmko Enterprise Co. Ltd.
BZX85C2V7PTSILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.7V TO 200V 1 2 3 4 Chenmko Enterprise Co. Ltd.
CHPZ3V6PTSILICON PLANAR POWER ZENER DIODES 1 2 3 Chenmko Enterprise Co. Ltd.
MMCZ5221BPTSILICON PLANAR POWER ZENER DIODES 1 2 3 4 5 Chenmko Enterprise Co. Ltd.
MMCZ5221SPTSILICON PLANAR POWER ZENER DIODES 1 2 3 4 5 Chenmko Enterprise Co. Ltd.
MMGZ5221BPTSILICON PLANAR POWER ZENER DIODES 1 2 3 4 5 Chenmko Enterprise Co. Ltd.
1N4728ASilicon Planar Zener Diodes for Stabilized Power Supply 1 2 3 4 5 MoreRenesas Technology Corp
HZK-LSilicon Epitaxial Planar Zener Diodes for Stabilized Power Supply 1 2 3 4 5 MoreRenesas Technology Corp
1N4728PTSILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 3.3V TO 100V 1 2 3 Chenmko Enterprise Co. Ltd.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn