Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMGZ5221BPT Datasheet(PDF) 1 Page - Chenmko Enterprise Co. Ltd.

Part No. MMGZ5221BPT
Description  SILICON PLANAR POWER ZENER DIODES
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CHENMKO [Chenmko Enterprise Co. Ltd.]
Homepage  http://www.chenmko.com
Logo 

MMGZ5221BPT Datasheet(HTML) 1 Page - Chenmko Enterprise Co. Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CHENMKO ENTERPRISE CO.,LTD
SURFACE MOUNT ZENER
SILICON PLANAR POWER ZENER DIODES
VOLTAGE RANGE 2.4V TO 91V
ELECTRICAL CHARACTERISTICS ( At TA = 25
oC unless otherwise noted )
NOTES :
2002-9
Max. Instantaneous Forward Voltage at IF= 10mA
CHARACTERISTICS
SYMBOL
UNITS
240
0.9
Volts
oC/W
Thermal Resistance Junction to Ambient
MAXIMUM RATINGES ( At TA = 25
oC unless otherwise noted )
RATINGS
Zener Current ( see Table "Characteristics" )
Max. Steady State Power Dissipation @TA=25oC
Max. Operating Temperature Range
Storage Temperature Range
SYMBOL
-
PD
TJ
TSTG
R JA
VF
VALUE
MAX.
-
-
TYP.
-
-
MIN.
UNITS
-
mW
-
500
1. The JEDEC type numbers listd have a standaerd tolerance on the normal zener voltage of +10%, Suffix B=+5%, Suffix B=+2%.
2. The zener impedance is derived from 1KHz AC voltage, which results when an AC current having an RMS value equal to 10%
of DC zener current (IZT or IZK) is superimposed on IZT or IZK. Zener impedance is measured at two points to insure a sharp knee
on the breakdown curve to eliminate unstable units.
3. Valid provided that electrodes at distance of 10mm from case are kept ambient temperature.
4. Measured under thermal equilibrium and DC test conditions.
5. The rating listd in the electrical characteristics table is maximum peak, non-repetitive, reverse surge current of 1/2 square wave
or equivalent sine wave pulse of 1/120 second duration superimposed on the test current, IZT, per JEDEC registration.
-65 to +175
-65 to +175
oC
oC
MMGZ5221BPT
THRU
MMGZ5270BPT
FEATURE
* Small surface mounting type. (MINI-MELF)
* High temperature soldering type.
* ESD rating of class 3(>16 kV) per human body model.
* Silicon planar zener diodes.
* Silcon-oxide passivated junction.
* Low temperature coefficient voltage
* 500 mW Rating on FR-4 or FR-5 Board
MECHANICAL
* MINI-MELF Packaging.
* Cathode indicated by polarity band.
* Mounting position: Any.
CIRCUIT
Dimensions in millimeters
+0.2
1.5Max.
0.4
0.4
3.4
CATHODE BAND
Mini-Melf
Mini-Melf
(1)
(2)
(1)
(2)
-0.1


Html Pages

1  2  3  4  5 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BZX79C2V7PTSILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.4V TO 51V 1 2 3 Chenmko Enterprise Co. Ltd.
BZX85C2V7PTSILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 2.7V TO 200V 1 2 3 4 Chenmko Enterprise Co. Ltd.
CHPZ3V6PTSILICON PLANAR POWER ZENER DIODES 1 2 3 Chenmko Enterprise Co. Ltd.
MMCZ5221BPTSILICON PLANAR POWER ZENER DIODES 1 2 3 4 5 Chenmko Enterprise Co. Ltd.
MMCZ5221SPTSILICON PLANAR POWER ZENER DIODES 1 2 3 4 5 Chenmko Enterprise Co. Ltd.
1N4728ASilicon Planar Zener Diodes for Stabilized Power Supply 1 2 3 4 5 MoreRenesas Technology Corp
HZK-LSilicon Epitaxial Planar Zener Diodes for Stabilized Power Supply 1 2 3 4 5 MoreRenesas Technology Corp
RJK6014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
1N4728PTSILICON PLANAR POWER ZENER DIODES VOLTAGE RANGE 3.3V TO 100V 1 2 3 Chenmko Enterprise Co. Ltd.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn